Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD590M Datasheet(PDF) 3 Page - Analog Devices

No. de pieza AD590M
Descripción Electrónicos  Two-Twrminal IC Temperature Transducer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD590M Datasheet(HTML) 3 Page - Analog Devices

  AD590M Datasheet HTML 1Page - Analog Devices AD590M Datasheet HTML 2Page - Analog Devices AD590M Datasheet HTML 3Page - Analog Devices AD590M Datasheet HTML 4Page - Analog Devices AD590M Datasheet HTML 5Page - Analog Devices AD590M Datasheet HTML 6Page - Analog Devices AD590M Datasheet HTML 7Page - Analog Devices AD590M Datasheet HTML 8Page - Analog Devices AD590M Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD590
Rev. C | Page 3 of 16
SPECIFICATIONS
AD590J AND AD590K SPECIFICATIONS
Table 1. @ 25°C and VS = 5 V unless otherwise noted
AD590J
AD590K
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
POWER SUPPLY
Operating Voltage Range
4
30
4
30
Volts
OUTPUT
Nominal Current Output @ 25°C (298.2K)
298.2
298.2
µA
Nominal Temperature Coefficient
1
1
µA/K
Calibration Error @ 25°C
±5.0
±2.5
°C
Absolute Error (over rated performance temperature range)
Without External Calibration Adjustment
±10
±5.5
°C
With 25°C Calibration Error Set to Zero
±3.0
±2.0
°C
Nonlinearity
For TO-52 and Flatpack packages
±1.5
±0.8
°C
For 8-Lead SOIC package
±1.5
±1.0
°C
Repeatability1
±0.1
±0.1
°C
Long-Term Drift2
±0.1
±0.1
°C
Current Noise
40
40
pA/
√Hz
Power Supply Rejection
4 V
≤ VS ≤ 5 V
0.5
0.5
µA/V
5 V
≤ VS ≤ 15 V
0.2
0.2
µV/V
15 V
≤ VS ≤ 30 V
0.1
0.1
µA/V
Case Isolation to Either Lead
1010
1010
Effective Shunt Capacitance
100
100
pF
Electrical Turn-On Time
20
20
µs
Reverse Bias Leakage Current3
(Reverse Voltage = 10 V)
10
10
pA
1 Maximum deviation between +25°C readings after temperature cycling between –55°C and +150°C; guaranteed, not tested.
2 Conditions: constant 5 V, constant 125°C; guaranteed, not tested.
3 Leakage current doubles every 10°C.
Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. All min
and max specifications are guaranteed, although only those shown in boldface are tested on all production units.


Número de pieza similar - AD590M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD590MF AD-AD590MF Datasheet
3Mb / 16P
   Two-Terminal IC Temperature Transducer
REV. C
AD590MF AD-AD590MF Datasheet
346Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. E
AD590MF AD-AD590MF Datasheet
423Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590MF AD-AD590MF Datasheet
411Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590MF AD-AD590MF Datasheet
417Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
More results

Descripción similar - AD590M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD590 AD-AD590 Datasheet
3Mb / 16P
   Two-Terminal IC Temperature Transducer
REV. C
logo
Sensitron
AD590 SENSITRON-AD590 Datasheet
32Kb / 2P
   TWO-TERMINAL TEMPERATURE TRANSDUCER
logo
Analog Devices
AD590JH AD-AD590JH Datasheet
417Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590JH883B AD-AD590JH883B Datasheet
411Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590KF AD-AD590KF Datasheet
423Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590JRZ AD-AD590JRZ Datasheet
346Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. E
AD592 AD-AD592 Datasheet
302Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
AD592ANZ AD-AD592ANZ Datasheet
778Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
AD592BNZ AD-AD592BNZ Datasheet
778Kb / 8P
   LOW COST, PRECISION IC TEMPERATURE TRANSDUCER
REV. A
AD592 AD-AD592_15 Datasheet
778Kb / 8P
   LOW COST PRECISION IC TEMPERATURE TRANSDUCER
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com