Nombre de pieza
         Descripción
TLC3704-Q1

 QUAD MICROPOWER LINCMOS VOLTAGE COMPARATORS ( 23 Page)


TI
100% 
Zoom Out Zoom In
 
 3 page
background image
TLC3704Q1
QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
SGLS191 − JUNE 2004
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VDD
3
5
16
V
Common-mode input voltage, VIC
− 0.2
VDD − 1.5
V
High-level output current, IOH
− 20
mA
Low-level output current, IOL
20
mA
Operating free-air temperature, TA
− 40
125
°C
electrical characteristics at specified operating free-air temperature, VDD = 5 V, VIC = 0 (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VDD = 5 V to 10 V,
25
°C
1.2
5
mV
VIO
Input offset voltage
VIC = VICRmin, See Note 3
− 40
°C to 125°C
7
mV
IIO
Input offset current
VIC = 2.5 V
25
°C
1
pA
IIO
Input offset current
VIC = 2.5 V
125
°C
15
nA
IIB
Input bias current
VIC = 2.5 V
25
°C
5
pA
IIB
Input bias current
VIC = 2.5 V
125
°C
30
nA
VICR
Common-mode input voltage
25
°C
0 to VDD − 1
V
VICR
Common-mode input voltage
range
−40
°C to 125°C 0 to VDD − 1.5
V
25
°C
84
CMRR
Common-mode rejection ratio
VIC = VICRmin
125
°C
83
dB
CMRR
Common-mode rejection ratio
VIC = VICRmin
−40
°C
83
dB
25
°C
85
kSVR
Supply-voltage rejection ratio
VDD = 5 V to 10 V
125
°C
85
dB
kSVR
Supply-voltage rejection ratio
VDD = 5 V to 10 V
−40
°C
83
dB
VOH
High-level output voltage
VID = 1 V,
IOH = − 4 mA
25
°C
4.5
4.7
V
VOH
High-level output voltage
VID = 1 V,
IOH = − 4 mA
125
°C
4.2
V
VOL
Low-level output voltage
VID = −1 V,
IOH = 4 mA
25
°C
210
300
mV
VOL
Low-level output voltage
VID = −1 V,
IOH = 4 mA
125
°C
500
mV
IDD
Supply current (all four
Outputs low,
No load
25
°C
35
80
µA
IDD
Supply current (all four
comparators)
Outputs low,
No load
−40
°C to 125°C
175
µA
NOTE 3: The offset voltage limits given are the maximum values required to drive the output up to 4.5 V or down to 0.3 V.
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
TS339CMICROPOWER QUAD CMOS VOLTAGE COMPARATORS 1 2 3 4 5 MoreSTMicroelectronics
TLC3704QUAD MICROPOWER LinCMOSE VOLTAGE COMPARATORS 1 2 3 4 5 MoreTexas Instruments
TS3704CMICROPOWER QUAD CMOS VOLTAGE COMPARATORS 1 2 3 4 5 MoreSTMicroelectronics
TS3V3393V MICROPOWER QUAD VOLTAGE COMPARATORS 1 2 3 4 5 MoreSTMicroelectronics
TS3V37043V MICROPOWER QUAD VOLTAGE COMPARATORS 1 2 3 4 5 MoreSTMicroelectronics
KIA339PBIPOLAR LINEAR INTEGRATED CIRCUIT QUAD VOLTAGE COMPARATORS 1 2 3 4 KEC(Korea Electronics)
139RPFXQuad Comparators Low Offset Voltage 1 2 3 4 5 MoreMaxwell Technologies
BA10339FGROUND SENSE QUAD VOLTAGE COMPARATORS 1 2 3 4 5 Rohm
LM139LOWPOWER QUAD VOLTAGE COMPARATORS 1 2 3 4 5 MoreSTMicroelectronics
TLC139LinCMOSE MICROPOWER QUAD COMPARATORS 1 2 3 4 5 MoreTexas Instruments

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl