Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ILC7010AIC529X Datasheet(PDF) 11 Page - Fairchild Semiconductor

No. de pieza ILC7010AIC529X
Descripción Electrónicos  80mA SC70 Low Noise CMOS RF-LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ILC7010AIC529X Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button ILC7010AIC529X Datasheet HTML 3Page - Fairchild Semiconductor ILC7010AIC529X Datasheet HTML 4Page - Fairchild Semiconductor ILC7010AIC529X Datasheet HTML 5Page - Fairchild Semiconductor ILC7010AIC529X Datasheet HTML 6Page - Fairchild Semiconductor ILC7010AIC529X Datasheet HTML 7Page - Fairchild Semiconductor ILC7010AIC529X Datasheet HTML 8Page - Fairchild Semiconductor ILC7010AIC529X Datasheet HTML 9Page - Fairchild Semiconductor ILC7010AIC529X Datasheet HTML 10Page - Fairchild Semiconductor ILC7010AIC529X Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
ILC7010/7011
PRODUCT SPECIFICATION
3/21/02 0.0m 002
Stock#DS30007010
 2002 Fairchild Semiconductor Corporation
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES
OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR
CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the body,
or (b) support or sustain life, and (c) whose failure to
perform when properly used in accordance with
instructions for use provided in the labeling, can be
reasonably expected to result in a significant injury of the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be
reasonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY
PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY
LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER
DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
Ordering Information
Output Voltage
Part Number
Temperature Range
Package
2.5
ILC7010AIC525X
-40 to 85 °C
SC70
2.6
ILC7010AIC526X
-40 to 85 °C
SC70
2.7
ILC7010AIC527X
-40 to 85 °C
SC70
2.8
ILC7010AIC528X
-40 to 85 °C
SC70
2.85
ILC7010AIC5285X
-40 to 85 °C
SC70
2.9
ILC7010AIC529X
-40 to 85 °C
SC70
3.0
ILC7010AIC530X
-40 to 85 °C
SC70
3.1
ILC7010AIC531X
-40 to 85 °C
SC70
3.3
ILC7010AIC533X
-40 to 85 °C
SC70
Output Voltage
Part Number
Temperature Range
Package
2.5
ILC7011AIC525X
-40 to 85 °C
SC70
2.6
ILC7011AIC526X
-40 to 85 °C
SC70
2.7
ILC7011AIC527X
-40 to 85 °C
SC70
2.8
ILC7011AIC528X
-40 to 85 °C
SC70
2.85
ILC7011AIC5285X
-40 to 85 °C
SC70
2.9
ILC7011AIC529X
-40 to 85 °C
SC70
3.0
ILC7011AIC530X
-40 to 85 °C
SC70
3.1
ILC7011AIC531X
-40 to 85 °C
SC70
3.3
ILC7011AIC533X
-40 to 85 °C
SC70


Número de pieza similar - ILC7010AIC529X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Impala Linear Corporati...
ILC7010 IMPALA-ILC7010 Datasheet
50Kb / 4P
   80MA SC70 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
ILC7010C5-28 IMPALA-ILC7010C5-28 Datasheet
50Kb / 4P
   80MA SC70 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
ILC7010C5-30 IMPALA-ILC7010C5-30 Datasheet
50Kb / 4P
   80MA SC70 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
ILC7010C5-33 IMPALA-ILC7010C5-33 Datasheet
50Kb / 4P
   80MA SC70 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
ILC7010C5-36 IMPALA-ILC7010C5-36 Datasheet
50Kb / 4P
   80MA SC70 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
More results

Descripción similar - ILC7010AIC529X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Impala Linear Corporati...
ILC7010 IMPALA-ILC7010 Datasheet
50Kb / 4P
   80MA SC70 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
ILC7011 IMPALA-ILC7011 Datasheet
46Kb / 4P
   80mA SC70 Ultra Low Noise CMOS RF-LDO??Regulator
logo
Taiwan Semiconductor Co...
TS5204 TSC-TS5204_13 Datasheet
205Kb / 9P
   80mA Low Noise LDO Voltage Regulator
TS5213 TSC-TS5213_15 Datasheet
310Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
TS5213 TSC-TS5213_10 Datasheet
550Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
TS5213 TSC-TS5213 Datasheet
411Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
logo
National Semiconductor ...
LMS5213 NSC-LMS5213 Datasheet
271Kb / 10P
   80mA, uCap, Low Dropout Voltage Regulator in SC70
logo
Fairchild Semiconductor
ILC7083 FAIRCHILD-ILC7083 Datasheet
472Kb / 16P
   150mA SOT-23 Low Noise CMOS RF-LDO??Regulator
logo
Exar Corporation
SP6260 EXAR-SP6260_11 Datasheet
738Kb / 13P
   200mA RF Low Noise LDO Regulator
logo
Global Mixed-mode Techn...
AT1203 GMT-AT1203 Datasheet
199Kb / 2P
   Low Noise, 300mA CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com