Nombre de pieza
         Descripción
BC547

 Amplifier Transistors(NPN Silicon) ( 6 Page)


ONSEMI
100% 
Zoom Out Zoom In
   
 5 page
background image
BC546, B BC547, A, B, C BC548, A, B, C
5
Motorola Small–Signal Transistors, FETs and Diodes Device Data
PACKAGE DIMENSIONS
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. CONTOUR OF PACKAGE BEYOND DIMENSION R
IS UNCONTROLLED.
4. DIMENSION F APPLIES BETWEEN P AND L.
DIMENSION D AND J APPLY BETWEEN L AND K
MINIMUM. LEAD DIMENSION IS UNCONTROLLED
IN P AND BEYOND DIMENSION K MINIMUM.
R
A
P
J
L
F
B
K
G
H
SECTION X–X
C
V
D
N
N
XX
SEATING
PLANE
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.175
0.205
4.45
5.20
B
0.170
0.210
4.32
5.33
C
0.125
0.165
3.18
4.19
D
0.016
0.022
0.41
0.55
F
0.016
0.019
0.41
0.48
G
0.045
0.055
1.15
1.39
H
0.095
0.105
2.42
2.66
J
0.015
0.020
0.39
0.50
K
0.500
–––
12.70
–––
L
0.250
–––
6.35
–––
N
0.080
0.105
2.04
2.66
P
–––
0.100
–––
2.54
R
0.115
–––
2.93
–––
V
0.135
–––
3.43
–––
1
CASE 029–04
(TO–226AA)
ISSUE AD
STYLE 17:
PIN 1. COLLECTOR
2. BASE
3. EMITTER
1  2  3  4  5  6 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
2SC2063RF Amplifier Epitaxial Planar NPN Silicon Transistors 1 2 3 4 Rohm
CPH6519NPN Epitaxial Planar Silicon Composite Transistors Low-Frequency General-Purpose Amplifier Driver Applications 1 2 3 4 Sanyo Semicon Device
2N2639DUAL AMPLIFIER TRANSISTORS NPN SILICON 1 2 Motorola, Inc
BD515NPN SILICON AMPLIFIER TRANSISTORS 1 2 Motorola, Inc
2SC4181AUDIO FREQUENCY AMPLIFIER SWITCHING NPN SILICON EPITAXIAL TRANSISTORS 1 2 3 4 NEC
2SD2582AUDIO FREQUENCY AMPLIFIER SWITCHING NPN SILICON EPITAXIAL TRANSISTORS 1 2 3 4 5 MoreNEC
BD525NPN SILICON AMPLIFIER TRANSISTORS 1 2 Motorola, Inc
2SC4617NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT 1 2 3 4 5 MoreMotorola, Inc
2SC1927NPN SILICON EPITAXIAL DUAL TRANSISTOR FOR DIFFERENTIAL AMPLIFIER AND ULTRA HIGH SPEED SWITCHING INDUSTRIAL USE 1 2 3 4 NEC
2SC4095MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD 1 2 3 4 5 MoreNEC