Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI9160BQ-T1 Datasheet(PDF) 8 Page - Vishay Siliconix

No. de pieza SI9160BQ-T1
Descripción Electrónicos  Controller for RF Power Amplifier Boost Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9160BQ-T1 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SI9160BQ-T1 Datasheet HTML 3Page - Vishay Siliconix SI9160BQ-T1 Datasheet HTML 4Page - Vishay Siliconix SI9160BQ-T1 Datasheet HTML 5Page - Vishay Siliconix SI9160BQ-T1 Datasheet HTML 6Page - Vishay Siliconix SI9160BQ-T1 Datasheet HTML 7Page - Vishay Siliconix SI9160BQ-T1 Datasheet HTML 8Page - Vishay Siliconix SI9160BQ-T1 Datasheet HTML 9Page - Vishay Siliconix SI9160BQ-T1 Datasheet HTML 10Page - Vishay Siliconix SI9160BQ-T1 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Si9160
Vishay Siliconix
www.vishay.com
8
Document Number: 70029
S-40700—Rev. H, 19-Apr-04
OPERATION OF THE SI9160 BOOST CONVERTER
The Si9160 combined with optimized complementary
MOSFETs provides the ideal solution to small, high efficiency,
synchronous boost power conversion. Optimized for a 1-cell
lithium ion, or 3-cell to 4-cell Nickel metal hydride battery, it is
capable of switching at frequencies of up to 2 MHz. Combined
with the Si6801, a complimentary high-frequency MOSFET,
efficiencies of over 90% are easily achieved in a very small
area.
PWM Controller
The Si9160 implements a synchronous voltage mode PWM
control topology and is especially designed for battery power
conversion. Voltage-mode control results in the most efficient
power conversion solution. Figure 1 below illustrates a
schematic for a synchronous boost converter with an input
range of 2.7 V to 5 V which covers the range of 1-cell LiIon and
3-cell or 4-cell NiMH/NiCd battery input respectively, and an
output voltage of 6 V. Note the maximum input voltage is limited
to the output voltage for a boost converter.
The switching frequency is determined by an external
capacitor and resistor connected to Cosc and Rosc pins. The
graph on page 5 in the Typical Characteristics section shows
the typical Cosc and Rosc values for various switching
frequency. Si9160 oscillator frequency can be easily
synchronized to external frequency as long as external
switching frequency is higher than the internal oscillator
frequency. The synchronization circuit is a series resistor and
capacitor fed into the Cosc pin of the Si9160. The
synchronization pulse should be greater than 1.5 V in
amplitude and a near square wave pulsed clock. Figure 1
shows typical values for the synchronization components.
Startup
Designed to operate with single cell Lithium Ion battery
voltage, the Si9160 has an operating range of 2.7 V to 6.0 V.
During start-up, the device requires 3.0 V to guarantee proper
operation, although it will typically start up at less than 2.2 V.
Once powered, Si9160 will continue to operate until the
voltage at VDD is 2.7 V; at this point, the battery is basically
dead. During start-up, power for the chip is provided by the
battery through schottky diode D1 to VDD and VS pins. Once
the converter is fully operating, supply power is provided by the
converter output through diode D2, which overrides the D1
diode. This self perpetuating method of powering further
improves the converter efficiency by utilizing higher gate drive
to lower the on-resistance loss of the MOSFET.
FIGURE 1.
Si9160 Boost Converter
ML
C4
10 mF
13
Si9160
14
15
16
2
3
4
1
10
11
12
5
6
7
9
8
C11
36 pF
R6
12 k
C3
R3
DR
VDD
VS
NC
DMAX
DS
COMP
PGND
FB
NI
VREF
UVLOSET
COSC
ROSC
GND
ENABLE
C2
0.1 mF
C10
0.1 mF
R5
100 k
C5
0.1 mF
R1
10 k
C4
0.1
mF
C6
22 pF
R4
2.2 k
C10
0.33 mF
5
6
7
8
2
3
4
1
S2
D1
D2
S1
S1
S2
G1
G2
C8
5600 pF
R9
100 W
R10
3.6 k
R11
1.2 k
C9
0.1 mF
ML
C3
10 mF
ML
C1
10 mF
D1
LS4148
D2
LS4148
ML
C2
10 mF
4.7 mH
Si6801
0.1 mF
2.2 k
R2, 270 W
SYNC
1-Cell
LiIon
Power
Amplifier


Número de pieza similar - SI9160BQ-T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9161 VISHAY-SI9161 Datasheet
491Kb / 12P
   Optimized-Efficiency Controller for RF Power Amplifier Boost Converter
Rev. B, 05-Apr-99
SI9165 VISHAY-SI9165 Datasheet
74Kb / 8P
   High Frequency 600-mA Synchronous Buck/Boost Converter
Rev. C, 19-Apr-04
SI9165 VISHAY-SI9165 Datasheet
588Kb / 10P
   High Frequency 600-mA Synchronous Buck/Boost Converter
Rev. D, 08-Oct-07
SI9165BQ-T1-E3 VISHAY-SI9165BQ-T1-E3 Datasheet
588Kb / 10P
   High Frequency 600-mA Synchronous Buck/Boost Converter
Rev. D, 08-Oct-07
SI9165DB VISHAY-SI9165DB Datasheet
588Kb / 10P
   High Frequency 600-mA Synchronous Buck/Boost Converter
Rev. D, 08-Oct-07
More results

Descripción similar - SI9160BQ-T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9161 VISHAY-SI9161 Datasheet
491Kb / 12P
   Optimized-Efficiency Controller for RF Power Amplifier Boost Converter
Rev. B, 05-Apr-99
logo
Richtek Technology Corp...
RT4809 RICHTEK-RT4809 Datasheet
559Kb / 11P
   DC-DC Boost Converter for PWM Controller
December 2021
logo
Silicon Mitus, Inc.
SM1201 SILICONMITUS-SM1201 Datasheet
327Kb / 1P
   PWM Controller for Boost Converter with LDO
Februay 2018 -Rev. 0.0.0
SM1202 SILICONMITUS-SM1202 Datasheet
329Kb / 1P
   PWM Controller for Dual Boost Converter with LDO
Februay 2018 - Rev. 0.0.0
logo
Intersil Corporation
X9470 INTERSIL-X9470 Datasheet
381Kb / 24P
   RF Power Amplifier (PA) Bias Controller
logo
Renesas Technology Corp
X9470 RENESAS-X9470 Datasheet
945Kb / 24P
   RF Power Amplifier (PA) Bias Controller
March 8, 2005
logo
Xicor Inc.
X9470 XICOR-X9470 Datasheet
542Kb / 25P
   RF Power Amplifier (PA) Bias Controller
logo
Maxim Integrated Produc...
DS1870 MAXIM-DS1870 Datasheet
816Kb / 28P
   LDMOS RF Power-Amplifier Bias Controller
Rev 1; 5/04
DS1870 MAXIM-DS1870_06 Datasheet
372Kb / 28P
   LDMOS RF Power-Amplifier Bias Controller
Rev 2; 2/06
logo
Texas Instruments
LM3269 TI1-LM3269 Datasheet
136Kb / 5P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com