Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCP56T1 Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza BCP56T1
Descripción Electrónicos  NPN Silicon Epitaxial Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCP56T1 Datasheet(HTML) 3 Page - ON Semiconductor

  BCP56T1 Datasheet HTML 1Page - ON Semiconductor BCP56T1 Datasheet HTML 2Page - ON Semiconductor BCP56T1 Datasheet HTML 3Page - ON Semiconductor BCP56T1 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BCP56T1 Series
http://onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS
100
10
1000
100
10
1
IC, COLLECTOR CURRENT (mA)
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (mA)
Figure 2. Current-Gain − Bandwidth Product
1000
100
10
100
10
1.0
1000
80
60
40
20
10
8.0
6.0
4.0
VR, REVERSE VOLTAGE (VOLTS)
Figure 3. Capacitance
0.1
0.2
0.5
1.0
2.0
5.0 10
20
50
100
IC, COLLECTOR CURRENT (mA)
Figure 4. “On” Voltages
1.0
0.4
0
100
1.0
0.5
500
1.0
0.8
0.6
0.4
0.2
0
IC, COLLECTOR CURRENT (mA)
Figure 5. Collector Saturation Region
0.05 0.1 0.2
0.5
2.0
5.0
10
20
50
0.8
0.6
0.2
2.0
5.0
10
20
50
200
1.0
VBE(on) @ VCE = 1.0 V
VCE(sat) @ IC/IB = 10
VBE(sat) @ IC/IB = 10
TJ = 125°C
TJ = 25°C
TJ = −55°C
TJ = 25°C
50
mA
100mA
TJ = 25°C
250mA
500mA
IC = 10mA
TJ = 25°C
Cibo
Cobo
1000


Número de pieza similar - BCP56T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
BCP56T1 MOTOROLA-BCP56T1 Datasheet
200Kb / 6P
   MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
logo
ON Semiconductor
BCP56T1G ONSEMI-BCP56T1G Datasheet
160Kb / 6P
   NPN Silicon Epitaxial Transistor
November, 2011 ??Rev. 8
BCP56T1G ONSEMI-BCP56T1G Datasheet
161Kb / 5P
   NPN Silicon Epitaxial Transistor
November, 2011 ??Rev. 8
BCP56T1G ONSEMI-BCP56T1G Datasheet
74Kb / 5P
   NPN Silicon Epitaxial Transistor
April, 2016 ??Rev. 12
logo
FuxinSemi All Rights Re...
BCP56T1G FUXINSEMI-BCP56T1G Datasheet
594Kb / 3P
   TRANSISTOR (NPN)
Ver2.1
More results

Descripción similar - BCP56T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com