Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMC7584-ADJSTF Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

No. de pieza AMC7584-ADJSTF
Descripción Electrónicos  7A LOW DROPOUT REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

AMC7584-ADJSTF Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AMC7584-ADJSTF Datasheet HTML 1Page - List of Unclassifed Manufacturers AMC7584-ADJSTF Datasheet HTML 2Page - List of Unclassifed Manufacturers AMC7584-ADJSTF Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC7584-ADJSTF Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC7584-ADJSTF Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC7584-ADJSTF Datasheet HTML 6Page - List of Unclassifed Manufacturers AMC7584-ADJSTF Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AMC DOC. #: AMC7584_E (LF)
Feb 2005
AMC7584
Copyright
© 2002, ADD Microtech Corp.
3
www.addmtek.com
7A LOW DROPOUT REGULATOR
ABSOLUTE MAXIMUM RATINGS
(Note 1)
Input Voltage (VIN)
7V
Operating Junction temperature
150
OC
Storage Temperature Range
-65
OC to 150 OC
Lead temperature (Soldering, 10 seconds)
300
OC
Note 1: Exceeding these ratings could cause damage to the device. All voltages are with respect to Ground.
Currents are positive into, negative out of the specified terminal.
THERMAL DATA
T, ST PACKAGE:
Thermal Resistance-Junction to Tab,
θJT
3.0
OC /W
Thermal Resistance-Junction to Ambient,
θJA
45
OC /W
The
θ
JA numbers are guidelines for the thermal performance of the device/pc-board system.
TJ = TA + (PD × θJA)., all of the above assume no ambient airflow.
BLOCK DIAGRAM
GND
VIN
VOUT
THERMAL
LIMIT
1.25V
VREF
AMC7584-X.X circuit schematic
VIN
ADJ
THERMAL
LIMIT
1.25V
VREF
VOUT
AMC7584-ADJ circuit schematic


Número de pieza similar - AMC7584-ADJSTF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
AMC7580 ETC1-AMC7580 Datasheet
511Kb / 12P
   7A LOW DROPOUT REGULATOR
AMC7580-ADJDD ETC1-AMC7580-ADJDD Datasheet
511Kb / 12P
   7A LOW DROPOUT REGULATOR
AMC7580-ADJDDF ETC1-AMC7580-ADJDDF Datasheet
511Kb / 12P
   7A LOW DROPOUT REGULATOR
AMC7580-ADJP ETC1-AMC7580-ADJP Datasheet
511Kb / 12P
   7A LOW DROPOUT REGULATOR
AMC7580-ADJPF ETC1-AMC7580-ADJPF Datasheet
511Kb / 12P
   7A LOW DROPOUT REGULATOR
More results

Descripción similar - AMC7584-ADJSTF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
AMC7580 ETC1-AMC7580 Datasheet
511Kb / 12P
   7A LOW DROPOUT REGULATOR
logo
Linear Technology
LT1580-2.5 LINER-LT1580-2.5_15 Datasheet
244Kb / 16P
   7A, Very Low Dropout Regulator
LT1580 LINER-LT1580 Datasheet
308Kb / 16P
   7A, Very Low Dropout Regulator
LT1580 LINER-LT1580_15 Datasheet
244Kb / 16P
   7A, Very Low Dropout Regulator
logo
Global Mixed-mode Techn...
G977 GMT-G977 Datasheet
62Kb / 1P
   7A Low Dropout Regulator with Enable
logo
Advanced Power Electron...
APE8957 A-POWER-APE8957 Datasheet
326Kb / 6P
   7A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Microsemi Corporation
LX8580 MICROSEMI-LX8580 Datasheet
124Kb / 4P
   7A VERY LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Fairchild Semiconductor
RC1584 FAIRCHILD-RC1584 Datasheet
61Kb / 12P
   7A Adjustable/Fixed Low Dropout Linear Regulator
logo
Microsemi Corporation
LX8584X-XX MICROSEMI-LX8584X-XX Datasheet
271Kb / 9P
   7A Low Dropout Positive Regualtors
logo
Sipex Corporation
SPX1580 SIPEX-SPX1580 Datasheet
148Kb / 5P
   7A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com