Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC12026A Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza MC12026A
Descripción Electrónicos  1.1 GHz Dual Modulus Prescaler
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC12026A Datasheet(HTML) 1 Page - ON Semiconductor

  MC12026A Datasheet HTML 1Page - ON Semiconductor MC12026A Datasheet HTML 2Page - ON Semiconductor MC12026A Datasheet HTML 3Page - ON Semiconductor MC12026A Datasheet HTML 4Page - ON Semiconductor MC12026A Datasheet HTML 5Page - ON Semiconductor MC12026A Datasheet HTML 6Page - ON Semiconductor MC12026A Datasheet HTML 7Page - ON Semiconductor MC12026A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2001
November, 2001 – Rev. 7
1
Publication Order Number:
MC12026A/D
MC12026A
1.1 GHz Dual Modulus
Prescaler
The MC12026 is a high frequency, low voltage dual modulus
prescaler used in phase–locked loop (PLL) applications.
The MC12026A can be used with CMOS synthesizers requiring
positive edges to trigger internal counters in a PLL to provide tuning
signals up to 1.1 GHz in programmable frequency steps.
A Divide Ratio Control (SW) permits selection of an 8/9 or 16/17
divide ratio as desired.
The Modulus Control (MC) selects the proper divide number after
SW has been biased to select the desired divide ratio.
Features
1.1 GHz Toggle Frequency
Supply Voltage 4.5 to 5.5 V
Low Power 4.0 mA Typical
Operating Temperature Range of –40 to 85°C
The MC12026 is Pin Compatible with the MC12022
Short Setup Time (tset ) 6.0 ns Typical @ 1.1 GHz
Modulus Control Input Level is Compatible with Standard CMOS
and TTL
FUNCTIONAL TABLE
SW
MC
Divide Ratio
H
H
8
H
L
9
L
H
16
L
L
17
1. SW: H = VCC, L = Open. A logic L can also be applied by grounding this pin,
but this is not recommended due to increased power consumption.
2. MC: H = 2.0 V to VCC, L = GND to 0.8 V.
MAXIMUM RATINGS
Characteristics
Symbol
Value
Unit
Power Supply Voltage, Pin 2
VCC
–0.5 to 7.0
Vdc
Operating Temperature Range
TA
–40 to 85
°C
Storage Temperature Range
Tstg
–65 to 150
°C
Modulus Control Input, Pin 6
MC
–0.5 to 6.5
Vdc
Maximum Output Current, Pin 4
IO
10.0
mA
NOTE: ESD data available upon request.
http://onsemi.com
SO–8
D SUFFIX
CASE 751
8
1
PIN CONNECTIONS
Device
Package
Shipping
ORDERING INFORMATION
MC12026AD
SO–8
98 Units/Rail
MC12026ADR2
SO–8
2500 Tape & Reel
(Top View)
IN
8
IN
VCC
SW
OUT
NC
MC
Gnd
7
6
5
1
2
3
4
See general marking information in the device marking
section on page 6 of this data sheet.
DEVICE MARKING INFORMATION


Número de pieza similar - MC12026A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC12026A MOTOROLA-MC12026A Datasheet
66Kb / 6P
   1.1GHz Dual Modulus Prescaler
logo
ON Semiconductor
MC12026A ONSEMI-MC12026A Datasheet
130Kb / 6P
   1.1 GHz Dual Modulus Prescaler
January, 2006 ??Rev. 8
MC12026A ONSEMI-MC12026A Datasheet
141Kb / 6P
   1.1GHz Dual Modulus Prescaler
August, 2016 ??Rev. 9
logo
Motorola, Inc
MC12026AD MOTOROLA-MC12026AD Datasheet
66Kb / 6P
   1.1GHz Dual Modulus Prescaler
logo
ON Semiconductor
MC12026AD ONSEMI-MC12026AD Datasheet
130Kb / 6P
   1.1 GHz Dual Modulus Prescaler
January, 2006 ??Rev. 8
More results

Descripción similar - MC12026A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC12026A ONSEMI-MC12026A_06 Datasheet
130Kb / 6P
   1.1 GHz Dual Modulus Prescaler
January, 2006 ??Rev. 8
MC12026A ONSEMI-MC12026A_16 Datasheet
141Kb / 6P
   1.1GHz Dual Modulus Prescaler
August, 2016 ??Rev. 9
logo
LANSDALE Semiconductor ...
ML12038 LANSDALE-ML12038 Datasheet
616Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
ML12038 LANSDALE-ML12038_08 Datasheet
464Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
logo
Motorola, Inc
MC12058 MOTOROLA-MC12058 Datasheet
260Kb / 6P
   1.1 GHz Low Power Dual Modulus Prescaler
logo
LANSDALE Semiconductor ...
ML12052 LANSDALE-ML12052_08 Datasheet
106Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler
ML12052 LANSDALE-ML12052 Datasheet
292Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler
logo
Motorola, Inc
MC12052A MOTOROLA-MC12052A Datasheet
252Kb / 4P
   1.1 GHz Super Low Power Dual Modulus Prescaler
logo
LANSDALE Semiconductor ...
ML12034 LANSDALE-ML12034_08 Datasheet
550Kb / 5P
   2.0 GHz Dual Modulus Prescaler
ML12034 LANSDALE-ML12034 Datasheet
1Mb / 5P
   2.0 GHz Dual Modulus Prescaler
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com