Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC848CLT1G Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza BC848CLT1G
Descripción Electrónicos  General Purpose Transistors(NPN Silicon)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC848CLT1G Datasheet(HTML) 2 Page - ON Semiconductor

  BC848CLT1G Datasheet HTML 1Page - ON Semiconductor BC848CLT1G Datasheet HTML 2Page - ON Semiconductor BC848CLT1G Datasheet HTML 3Page - ON Semiconductor BC848CLT1G Datasheet HTML 4Page - ON Semiconductor BC848CLT1G Datasheet HTML 5Page - ON Semiconductor BC848CLT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BC846ALT1 Series
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector − Emitter Breakdown Voltage BC846A,B
(IC = 10 mA)
BC847A,B,C, BC850B,C
BC848A,B,C, BC849B,C
V(BR)CEO
65
45
30
V
Collector − Emitter Breakdown Voltage BC846A,B
(IC = 10 mA, VEB = 0)
BC847A,B,C BC850B,C
BC848A,B,C, BC849B,C
V(BR)CES
80
50
30
V
Collector − Base Breakdown Voltage
BC846A,B
(IC = 10 mA)
BC847A,B,C, BC850B,C
BC848A,B,C, BC849B,C
V(BR)CBO
80
50
30
V
Emitter − Base Breakdown Voltage
BC846A,B
(IE = 1.0 mA)
BC847A,B,C, BC850B,C
BC848A,B,C, BC849B,C
V(BR)EBO
6.0
6.0
5.0
V
Collector Cutoff Current (VCB = 30 V)
(VCB = 30 V, TA = 150°C)
ICBO
15
5.0
nA
mA
ON CHARACTERISTICS
DC Current Gain
BC846A, BC847A, BC848A
(IC = 10 mA, VCE = 5.0 V)
BC846B, BC847B, BC848B
BC847C, BC848C
(IC = 2.0 mA, VCE = 5.0 V)
BC846A, BC847A, BC848A
BC846B, BC847B, BC848B,
BC849B, BC850B
BC847C, BC848C, BC849C, BC850C
hFE
110
200
420
90
150
270
180
290
520
220
450
800
Collector − Emitter Saturation Voltage (IC = 10 mA, IB = 0.5 mA)
Collector − Emitter Saturation Voltage (IC = 100 mA, IB = 5.0 mA)
VCE(sat)
0.25
0.6
V
Base − Emitter Saturation Voltage (IC = 10 mA, IB = 0.5 mA)
Base − Emitter Saturation Voltage (IC = 100 mA, IB = 5.0 mA)
VBE(sat)
0.7
0.9
V
Base − Emitter Voltage (IC = 2.0 mA, VCE = 5.0 V)
Base − Emitter Voltage (IC = 10 mA, VCE = 5.0 V)
VBE(on)
580
660
700
770
mV
SMALL−SIGNAL CHARACTERISTICS
Current − Gain − Bandwidth Product
(IC = 10 mA, VCE = 5.0 Vdc, f = 100 MHz)
fT
100
MHz
Output Capacitance (VCB = 10 V, f = 1.0 MHz)
Cobo
4.5
pF
Noise Figure (IC = 0.2 mA,
VCE = 5.0 Vdc, RS = 2.0 kW,
BC846A,B, BC847A,B,C, BC848A,B,C
f = 1.0 kHz, BW = 200 Hz)
BC849B,C, BC850B,C
NF
10
4.0
dB
Figure 1.


Número de pieza similar - BC848CLT1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
BC848CLT1G ONSEMI-BC848CLT1G Datasheet
137Kb / 13P
   General Purpose Transistors
October, 2010 ??Rev. 10
BC848CLT1G ONSEMI-BC848CLT1G Datasheet
178Kb / 13P
   General Purpose Transistors
November, 2011 ??Rev. 11
BC848CLT1G ONSEMI-BC848CLT1G Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
BC848CLT1G ONSEMI-BC848CLT1G Datasheet
113Kb / 13P
   General Purpose Transistors
January, 2017 ??Rev. 17
More results

Descripción similar - BC848CLT1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
   General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
   General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4123 ONSEMI-2N4123_07 Datasheet
81Kb / 6P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 3
logo
Comchip Technology
MMBT2222LT1 COMCHIP-MMBT2222LT1_06 Datasheet
85Kb / 6P
   General Purpose Transistors NPN Silicon
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4400 ONSEMI-2N4400 Datasheet
303Kb / 6P
   General Purpose Transistors(NPN Silicon)
1996 REV 1
BC818-40LT1G ONSEMI-BC818-40LT1G Datasheet
134Kb / 4P
   General Purpose Transistors NPN Silicon
August, 2009 ??Rev. 2
logo
Leshan Radio Company
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
   General Purpose Transistors NPN Silicon
LBC846ALT1G LRC-LBC846ALT1G_11 Datasheet
573Kb / 13P
   General Purpose Transistors NPN Silicon
logo
ON Semiconductor
BC847ATT1 ONSEMI-BC847ATT1 Datasheet
75Kb / 6P
   General Purpose Transistors NPN Silicon
June, 2004 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com