Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BDX54B Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza BDX54B
Descripción Electrónicos  DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80-100 VOLTS 65 WATTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BDX54B Datasheet(HTML) 1 Page - ON Semiconductor

  BDX54B Datasheet HTML 1Page - ON Semiconductor BDX54B Datasheet HTML 2Page - ON Semiconductor BDX54B Datasheet HTML 3Page - ON Semiconductor BDX54B Datasheet HTML 4Page - ON Semiconductor BDX54B Datasheet HTML 5Page - ON Semiconductor BDX54B Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Bipolar Power Transistor Device Data
Plastic Medium-Power
Complementary Silicon
Transistors
. . . designed for general–purpose amplifier and low–speed switching applications.
• High DC Current Gain —
hFE = 2500 (Typ) @ IC = 4.0 Adc
• Collector Emitter Sustaining Voltage — @ 100 mAdc
VCEO(sus) = 80 Vdc (Min) — BDX53B, 54B
VCEO(sus) = 100 Vdc (Min) — BDX53C, 54C
• Low Collector–Emitter Saturation Voltage —
VCE(sat) = 2.0 Vdc (Max) @ IC = 3.0 Adc
VCE(sat) = 4.0 Vdc (Max) @ IC = 5.0 Adc
• Monolithic Construction with Built–In Base–Emitter Shunt Resistors
• TO–220AB Compact Package
MAXIMUM RATINGS
Rating
Symbol
BDX53B
BDX54B
BDX53C
BDX54C
Unit
Collector–Emitter Voltage
VCEO
80
100
Vdc
Collector–Base Voltage
VCB
80
100
Vdc
Emitter–Base Voltage
VEB
5.0
Vdc
Collector Current — Continuous
Peak
IC
8.0
12
Adc
Base Current
IB
0.2
Adc
Total Device Dissipation @ TC = 25_C
Derate above 25
_C
PD
60
0.48
Watts
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 65 to + 150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
R
θJA
70
_C/W
Thermal Resistance, Junction to Case
R
θJC
70
_C/W
80
40
20
0
20
40
80
100
120
160
Figure 1. Power Derating
T, TEMPERATURE (
°C)
60
TA TC
4.0
2.0
1.0
3.0
0
60
140
TA
TC
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by BDX53B/D
© Motorola, Inc. 1995
BDX53B
BDX53C
BDX54B
BDX54C
DARLINGTON
8 AMPERE
COMPLEMENTARY
SILICON
POWER TRANSISTORS
80 – 100 VOLTS
65 WATTS
CASE 221A–06
TO–220AB
NPN
PNP
REV 7


Número de pieza similar - BDX54B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mospec Semiconductor
BDX54B MOSPEC-BDX54B Datasheet
187Kb / 4P
   POWER TRANSISTORS(8A.,45-100V,60W)
logo
ON Semiconductor
BDX54B ONSEMI-BDX54B Datasheet
106Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2007 - Rev. 13
logo
Motorola, Inc
BDX54B MOTOROLA-BDX54B Datasheet
169Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
logo
List of Unclassifed Man...
BDX54B ETC-BDX54B Datasheet
810Kb / 5P
   BASE NPN / PNP
logo
Power Innovations Ltd
BDX54B POINN-BDX54B Datasheet
153Kb / 6P
   PNP SILICON POWER DARLINGTONS
More results

Descripción similar - BDX54B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MJH6282 MOTOROLA-MJH6282 Datasheet
209Kb / 6P
   DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80, 100 VOLTS 160 WATTS
logo
ON Semiconductor
MJH6284 ONSEMI-MJH6284_06 Datasheet
82Kb / 5P
   DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 100 VOLTS, 160 WATTS
July, 2006 ??Rev. 5
logo
Motorola, Inc
TIP29B MOTOROLA-TIP29B Datasheet
137Kb / 4P
   1 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 80-100 VOLTS 30 WATTS
MJE270 MOTOROLA-MJE270 Datasheet
109Kb / 4P
   2.0 AMPERE COMPLEMENTARY POWER DARLINGTON TRANSISTORS 100 VOLTS 15 WATTS
logo
ON Semiconductor
MJE270 ONSEMI-MJE270 Datasheet
58Kb / 3P
   2.0 AMPERE COMPLEMENTARY POWER DARLINGTON TRANSISTORS 100 VOLTS, 15 WATTS
January, 2006 ??Rev. 6
D44VH ONSEMI-D44VH Datasheet
51Kb / 4P
   Complementary Silicon Power Transistors 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS 83 WATTS
March, 2001 ??Rev. 2
logo
Motorola, Inc
MJ11028 MOTOROLA-MJ11028 Datasheet
153Kb / 4P
   50 AMPERE COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS 60.120 VOLTS 300 WATTS
MJ2500 MOTOROLA-MJ2500 Datasheet
132Kb / 4P
   10 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.80 VOLTS 150 WATTS
MJ11017 MOTOROLA-MJ11017 Datasheet
235Kb / 6P
   30 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.120 VOLTS 200 WATTS
MJ11012 MOTOROLA-MJ11012 Datasheet
157Kb / 4P
   30 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.120 VOLTS 200 WATTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com