Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUH100 Datasheet(PDF) 10 Page - ON Semiconductor

No. de pieza BUH100
Descripción Electrónicos  POWER TRANSISTOR 10 AMPERES 700 VOLTS 100 WATTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUH100 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button BUH100 Datasheet HTML 2Page - ON Semiconductor BUH100 Datasheet HTML 3Page - ON Semiconductor BUH100 Datasheet HTML 4Page - ON Semiconductor BUH100 Datasheet HTML 5Page - ON Semiconductor BUH100 Datasheet HTML 6Page - ON Semiconductor BUH100 Datasheet HTML 7Page - ON Semiconductor BUH100 Datasheet HTML 8Page - ON Semiconductor BUH100 Datasheet HTML 9Page - ON Semiconductor BUH100 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
BUH100
10
Motorola Bipolar Power Transistor Device Data
PACKAGE DIMENSIONS
CASE 221A–06
TO–220AB
ISSUE Y
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION Z DEFINES A ZONE WHERE ALL
BODY AND LEAD IRREGULARITIES ARE
ALLOWED.
STYLE 1:
PIN 1. BASE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.570
0.620
14.48
15.75
B
0.380
0.405
9.66
10.28
C
0.160
0.190
4.07
4.82
D
0.025
0.035
0.64
0.88
F
0.142
0.147
3.61
3.73
G
0.095
0.105
2.42
2.66
H
0.110
0.155
2.80
3.93
J
0.018
0.025
0.46
0.64
K
0.500
0.562
12.70
14.27
L
0.045
0.060
1.15
1.52
N
0.190
0.210
4.83
5.33
Q
0.100
0.120
2.54
3.04
R
0.080
0.110
2.04
2.79
S
0.045
0.055
1.15
1.39
T
0.235
0.255
5.97
6.47
U
0.000
0.050
0.00
1.27
V
0.045
–––
1.15
–––
Z
–––
0.080
–––
2.04
B
Q
H
Z
L
V
G
N
A
K
F
1
2 3
4
D
SEATING
PLANE
–T–
C
S
T
U
R
J
How to reach us:
USA / EUROPE: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.; Tatsumi–SPD–JLDC, Toshikatsu Otsuki,
P.O. Box 20912; Phoenix, Arizona 85036. 1–800–441–2447
6F Seibu–Butsuryu–Center, 3–14–2 Tatsumi Koto–Ku, Tokyo 135, Japan. 03–3521–8315
MFAX: RMFAX0@email.sps.mot.com – TOUCHTONE (602) 244–6609
HONG KONG: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
INTERNET: http://Design–NET.com
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit,
and specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters can and do vary in different
applications. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. Motorola does
not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in
systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of
the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such
unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless
against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part.
Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
BUH100/D
*BUH100/D*


Número de pieza similar - BUH100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
BUH100 MOTOROLA-BUH100 Datasheet
474Kb / 10P
   POWER TRANSISTOR 10 AMPERES 700 VOLTS 100 WATTS
logo
ON Semiconductor
BUH100G ONSEMI-BUH100G Datasheet
251Kb / 10P
   SWITCHMODE NPN Silicon Planar Power Transistor
April, 2010 ??Rev. 5
More results

Descripción similar - BUH100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
BUH100 MOTOROLA-BUH100 Datasheet
474Kb / 10P
   POWER TRANSISTOR 10 AMPERES 700 VOLTS 100 WATTS
BUL44 MOTOROLA-BUL44 Datasheet
317Kb / 10P
   POWER TRANSISTOR 2.0 AMPERES 700 VOLTS 40 and 100 WATTS
BUL146 MOTOROLA-BUL146 Datasheet
389Kb / 10P
   POWER TRANSISTOR 6.0 AMPERES 700 VOLTS 40 and 100 WATTS
logo
ON Semiconductor
BUL44 ONSEMI-BUL44 Datasheet
317Kb / 10P
   POWER TRANSISTOR 2.0 AMPERES 700 VOLTS 40 and 100 WATTS
1995 REV 1
BUL146 ONSEMI-BUL146 Datasheet
389Kb / 10P
   POWER TRANSISTOR 6.0 AMPERES 700 VOLTS 40 and 100 WATTS
1995 REV 1
BUL42D ONSEMI-BUL42D Datasheet
176Kb / 12P
   4 AMPERES 700 VOLTS 75 WATTS POWER TRANSISTOR
April, 2002 ??Rev. 1
BUH150 ONSEMI-BUH150 Datasheet
462Kb / 10P
   POWER TRANSISTOR 15 AMPERES 700 VOLTS 150 WATTS
logo
Motorola, Inc
BUH150 MOTOROLA-BUH150 Datasheet
462Kb / 10P
   POWER TRANSISTOR 15 AMPERES 700 VOLTS 150 WATTS
logo
ON Semiconductor
BUL45 ONSEMI-BUL45 Datasheet
392Kb / 10P
   POWER TRANSISTOR 5.0 AMPERES 700 VOLTS 35 and 75 WATTS
1995 REV 2
logo
Motorola, Inc
BUL147 MOTOROLA-BUL147 Datasheet
376Kb / 10P
   POWER TRANSISTOR 8.0 AMPERES 700 VOLTS 45 and 125 WATTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com