Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KMM372F410CK Datasheet(PDF) 6 Page - Samsung semiconductor

No. de pieza KMM372F410CK
Descripción Electrónicos  4M x 72 DRAM DIMM with ECC using 4Mx4, 4K 2K Refresh, 3.3V
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM372F410CK Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button KMM372F410CK Datasheet HTML 2Page - Samsung semiconductor KMM372F410CK Datasheet HTML 3Page - Samsung semiconductor KMM372F410CK Datasheet HTML 4Page - Samsung semiconductor KMM372F410CK Datasheet HTML 5Page - Samsung semiconductor KMM372F410CK Datasheet HTML 6Page - Samsung semiconductor KMM372F410CK Datasheet HTML 7Page - Samsung semiconductor KMM372F410CK Datasheet HTML 8Page - Samsung semiconductor KMM372F410CK Datasheet HTML 9Page - Samsung semiconductor KMM372F410CK Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
DRAM MODULE
KMM372F410CK/CS
KMM372F400CK/CS
NOTES
An initial pause of 200us is required after power-up followed
by any 8 RAS-only or CAS-before-RAS refresh cycles before
proper device operation is achieved.
Input voltage levels are Vih/Vil. VIH(min) and VIL(max) are
reference levels for measuring timing of input signals. Transi-
tion times are measured between VIH(min) and VIL(max) and
are assumed to be 5ns for all inputs.
Measured with a load equivalent to 1TTL loads and 100pF.
Voh=2.0V and Vol=0.8V.
Operation within the
tRCD(max) limit insures that tRAC(max)
can be met.
tRCD(max) is specified as a reference point only.
If
tRCD is greater than the specified tRCD(max) limit, then
access time is controlled exclusively by
tCAC.
Assumes that
tRCD
tRCD(max).
This parameter defines the time at which the output achieves
the open circuit condition and is not referenced to VOH or
VOL.
tWCS, tRWD, tCWD and tAWD are non restrictive operating
parameter. They are included in the data sheet as electrical
characteristics only. If
tWCS
tWCS(min) the cycle is an early
write cycle and the data out pin will remain high impedance
for the duration of the cycle.
If
tCWD
tCWD(min), tRWDtRWD(min) and tAWDtAWD (min),
then the cycle is a read-write cycle and the data output will
contain data read from the selected address. If neither of the
above conditions are satisfied, the condition of the data out
is indeterminated.
Either
tRCH or tRRH must be satisfied for a read cycle.
These parameters are referenced to the CAS leading edge in
early write cycles and to the W leading edge in read-write
cycles.
Operation within the
tRAD(max) limit insures that tRAC(max)
can be met.
tRAD(max) is specified as reference point only. If
tRAD is greater than the specified tRAD(max) limit, then
access time is controlled by
tAA.
tCEZ(max), tREZ(max), tWEZ(max) and tOEZ(max) define the
time at which the output achieves the open circuit condition
and are not referenced to output voltage level.
If RAS goes to high before CAS high going, the open circuit
condition of the output is achieved by CAS high going. If CAS
goes to high before RAS high going , the open circuit condi-
tion of the output is achieved by RAS high going.
tASC
≥tCP min
The timing skew from the DRAM to the DIMM resulted from
the addition of buffers.
1.
2.
3.
4.
5.
6.
7.
8.
9.
10.
12.
13.
11.
14.


Número de pieza similar - KMM372F410CK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KMM372F213CK SAMSUNG-KMM372F213CK Datasheet
455Kb / 20P
   2M x 72 DRAM DIMM with ECC using 2Mx8, 2K Refresh, 3.3V
KMM372F213CS SAMSUNG-KMM372F213CS Datasheet
455Kb / 20P
   2M x 72 DRAM DIMM with ECC using 2Mx8, 2K Refresh, 3.3V
KMM372F3200BS1 SAMSUNG-KMM372F3200BS1 Datasheet
493Kb / 20P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372F3200CS1 SAMSUNG-KMM372F3200CS1 Datasheet
506Kb / 20P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372F3280BS1 SAMSUNG-KMM372F3280BS1 Datasheet
493Kb / 20P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
More results

Descripción similar - KMM372F410CK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KMM372V410CK SAMSUNG-KMM372V410CK Datasheet
411Kb / 19P
   4M x 72 DRAM DIMM with ECC using 4Mx4, 4K 2K Refresh, 3.3V
KMM372C410CK SAMSUNG-KMM372C410CK Datasheet
411Kb / 19P
   4M x 72 DRAM DIMM with ECC using 4Mx4, 4K 2K Refresh, 5V
KMM372V404BS SAMSUNG-KMM372V404BS Datasheet
417Kb / 19P
   4M x 72 DRAM DIMM with ECC using 4Mx16, 4Mx4 4K Refresh, 3.3V
KMM372F804BS SAMSUNG-KMM372F804BS Datasheet
483Kb / 20P
   8M x 72 DRAM DIMM with ECC using 4Mx16, 4Mx4 4K Refresh, 3.3V
KMM372V413CS SAMSUNG-KMM372V413CS Datasheet
410Kb / 19P
   4M x 72 DRAM DIMM with ECC using 2Mx8, Dual Bank 2K Refresh, 3.3V
KMM372F213CS SAMSUNG-KMM372F213CS Datasheet
455Kb / 20P
   2M x 72 DRAM DIMM with ECC using 2Mx8, 2K Refresh, 3.3V
KMM372V213CS SAMSUNG-KMM372V213CS Datasheet
408Kb / 19P
   2M x 72 DRAM DIMM with ECC using 2Mx8, 2K Refresh, 3.3V
KMM5324004CK SAMSUNG-KMM5324004CK Datasheet
276Kb / 15P
   4M x 32 DRAM SIMM using 4Mx4, 4K/2K Refresh, 5V
KMM5324000CK SAMSUNG-KMM5324000CK Datasheet
265Kb / 15P
   4M x 32 DRAM SIMM using 4Mx4, 4K/2K Refresh, 5V
KMM372F3280CS1 SAMSUNG-KMM372F3280CS1 Datasheet
506Kb / 20P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com