Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

N201-S6N-BL Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

No. de pieza N201-S6N-BL
Descripción Electrónicos  Cat6 Gigabit Snagless Molded Slim UTP Patch Cable (RJ45 M/M), Blue, 6 in.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRIPPLITE [Tripp Lite. All Rights Reserved]
Página de inicio  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N201-S6N-BL Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  N201-S6N-BL Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N201-S6N-BL Datasheet HTML 2Page - Tripp Lite. All Rights Reserved N201-S6N-BL Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2019 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
Network Speed
1Gbps
CONNECTIONS
Side A - Connector 1
RJ45 (MALE)
Side B - Connector 1
RJ45 (MALE)
FEATURES & SPECIFICATIONS
Technology
Cat6
CERTIFICATIONS
Certifications
RoHS Compliant
WARRANTY
Product Warranty Period
(Worldwide)
Lifetime limited warranty
3 / 3


Número de pieza similar - N201-S6N-BL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tripp Lite. All Rights ...
N201-S6N-BK TRIPPLITE-N201-S6N-BK Datasheet
164Kb / 2P
   Cat6 UTP Patch Cable (RJ45) - M/M, Gigabit, Snagless, Molded, Slim, Black, 6 in.
More results

Descripción similar - N201-S6N-BL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tripp Lite. All Rights ...
N201-S6N-GY TRIPPLITE-N201-S6N-GY Datasheet
163Kb / 2P
   Cat6 UTP Patch Cable (RJ45) - M/M, Gigabit, Snagless, Molded, Slim, Gray, 6 in.
N201-S6N-BK TRIPPLITE-N201-S6N-BK Datasheet
164Kb / 2P
   Cat6 UTP Patch Cable (RJ45) - M/M, Gigabit, Snagless, Molded, Slim, Black, 6 in.
N201-S06-BL TRIPPLITE-N201-S06-BL Datasheet
499Kb / 2P
   Cat6 Gigabit Snagless Molded Slim UTP Patch Cable (RJ45 M/M), Blue, 6 ft.
N201-S8N-BL TRIPPLITE-N201-S8N-BL Datasheet
169Kb / 3P
   Cat6 UTP Patch Cable (RJ45) - M/M, Gigabit, Snagless, Molded, Slim, Blue, 8 in.
N201-S06-GY TRIPPLITE-N201-S06-GY Datasheet
163Kb / 2P
   Cat6 UTP Patch Cable (RJ45) - M/M, Gigabit, Snagless, Molded, Slim, Gray, 6 ft.
N201-S06-BK TRIPPLITE-N201-S06-BK Datasheet
164Kb / 2P
   Cat6 UTP Patch Cable (RJ45) - M/M, Gigabit, Snagless, Molded, Slim, Black, 6 ft.
N201-S8N-GY TRIPPLITE-N201-S8N-GY Datasheet
166Kb / 3P
   Cat6 UTP Patch Cable (RJ45) - M/M, Gigabit, Snagless, Molded, Slim, Gray, 8 in.
N201-S02-BL TRIPPLITE-N201-S02-BL Datasheet
493Kb / 2P
   Cat6 Gigabit Snagless Molded Slim UTP Patch Cable (RJ45 M/M), Blue, 2 ft.
N201-S05-BL TRIPPLITE-N201-S05-BL Datasheet
497Kb / 2P
   Cat6 Gigabit Snagless Molded Slim UTP Patch Cable (RJ45 M/M), Blue, 5 ft.
N201-S8N-BK TRIPPLITE-N201-S8N-BK Datasheet
166Kb / 3P
   Cat6 UTP Patch Cable (RJ45) - M/M, Gigabit, Snagless, Molded, Slim, Black, 8 in.
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com