Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KM2520SURCK03 Datasheet(PDF) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

No. de pieza KM2520SURCK03
Descripción Electrónicos  Subminiature Solid State Lamp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Página de inicio  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

KM2520SURCK03 Datasheet(HTML) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  KM2520SURCK03 Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. KM2520SURCK03 Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. KM2520SURCK03 Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. KM2520SURCK03 Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2017 Kingbright. All Rights Reserved. Spec No: DSAB5339 / 1202000701 Rev No: V.20A Date: 09/13/2017
Page 3 / 4
TECHNICAL DATA
0%
20%
40%
60%
80%
100%
350
400
450
500
550
600
650
700
750
800
Ta = 25 °C
Red
Wavelength (nm)
RELATIVE INTENSITY vs. WAVELENGTH
HYPER RED
TAPE SPECIFICATIONS (units : mm)
REEL DIMENSION (units : mm)
REFLOW SOLDERING PROFILE for LEAD-FREE SMD PROCESS
SPATIAL DISTRIBUTION
KM2520SURCK03
0
10
20
30
40
50
1.5
1.7
1.9
2.1
2.3
2.5
Ta = 25 °C
Forward voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
0
1020
3040
50
Ta = 25 °C
Forward current (mA)
0
10
20
30
40
50
-40 -20
0
20 40
60
80 100
Ambient temperature (°C)
0.0
0.5
1.0
1.5
2.0
2.5
-40 -20
0
20 40 60 80 100
Ambient temperature (°C)
Forward Current vs.
Forward Voltage
Luminous Intensity vs.
Forward Current
Forward Current Derating Curve
Luminous Intensity vs.
Ambient Temperature
0.5
0.5
0.0
-90°
-75°
-60°
-45°
-30°
-15°
75°
60°
45°
30°
15°
90°
1.0
1.0
Ta = 25 °C
Notes:
1. Don't cause stress to the LEDs while it is exposed to high temperature.
2. The maximum number of reflow soldering passes is 2 times.
3. Reflow soldering is recommended. Other soldering methods are not recommended as they might
cause damage to the product.
Kingbright


Número de pieza similar - KM2520SURCK03

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HK TO-GRACE TECHNOLOGY ...
KM2520SURCK09 TO-GRACE-KM2520SURCK09 Datasheet
975Kb / 4P
   Subminiature Solid State Lamp
More results

Descripción similar - KM2520SURCK03

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kingbright Corporation
AM2520EF-4ID KINGBRIGHT-AM2520EF-4ID Datasheet
381Kb / 5P
   SUBMINIATURE SOLID STATE LAMP
logo
Gilway Technical Lamp
GHB-GW20-R GILWAY-GHB-GW20-R Datasheet
142Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
logo
Kingbright Corporation
AM27SEC09 KINGBRIGHT-AM27SEC09 Datasheet
138Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
AM27SGC09 KINGBRIGHT-AM27SGC09 Datasheet
302Kb / 5P
   SUBMINIATURE SOLID STATE LAMP
AM2520SGC08 KINGBRIGHT-AM2520SGC08 Datasheet
112Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
AM27ID09 KINGBRIGHT-AM27ID09 Datasheet
123Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
AM27MBCK09 KINGBRIGHT-AM27MBCK09 Datasheet
122Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
AM27MGC09 KINGBRIGHT-AM27MGC09 Datasheet
303Kb / 5P
   SUBMINIATURE SOLID STATE LAMP
AM27SYC03 KINGBRIGHT-AM27SYC03 Datasheet
122Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
AM2520MGC03 KINGBRIGHT-AM2520MGC03_07 Datasheet
282Kb / 5P
   SUBMINIATURE SOLID STATE LAMP
AM2520SYC03 KINGBRIGHT-AM2520SYC03_05 Datasheet
120Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com