Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CRXXXXA-AS Datasheet(PDF) 8 Page - Bourns Electronic Solutions

No. de pieza CRXXXXA-AS
Descripción Electrónicos  Sulfur-Resistant, AEC-Q200 Compliant Chip Resistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOURNS [Bourns Electronic Solutions]
Página de inicio  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CRXXXXA-AS Datasheet(HTML) 8 Page - Bourns Electronic Solutions

Back Button CRXXXXA-AS Datasheet HTML 3Page - Bourns Electronic Solutions CRXXXXA-AS Datasheet HTML 4Page - Bourns Electronic Solutions CRXXXXA-AS Datasheet HTML 5Page - Bourns Electronic Solutions CRXXXXA-AS Datasheet HTML 6Page - Bourns Electronic Solutions CRXXXXA-AS Datasheet HTML 7Page - Bourns Electronic Solutions CRXXXXA-AS Datasheet HTML 8Page - Bourns Electronic Solutions CRXXXXA-AS Datasheet HTML 9Page - Bourns Electronic Solutions CRXXXXA-AS Datasheet HTML 10Page - Bourns Electronic Solutions CRXXXXA-AS Datasheet HTML 11Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
CRxxxxA-AS - Sulfur-Resistant, AEC-Q200 Compliant Chip Resistors
Packaging Dimensions (Conforms to EIA RS-481A)
A DIA.
B DIA.
W
T
C DIA.
Model
Packaging Quantity
A
B
C
W
T
CR0201A-AS
10K pcs/reel
178 ± 2.0
(7.008 ± .079)
60 ± 1.0
(2.362 ± .039)
13.0 ± 1.0
(.512 ± .039)
9.0 ± 1.0
(.354 ± .039)
11.5 ± 1.0
(.453 ± .039)
CR0402A-AS
CR0603A-AS
5K pcs/reel
CR0805A-AS
CR1206A-AS
CR1210A-AS
CR2010A-AS
4K pcs/reel
178 ± 2.0
(7.008 ± .079)
60 ± 0.5
(2.362 ± .020)
13.0 ± 0.5
(.512 ± .020)
13.0 ± 1.0
(.512 ± .039)
15.5 ± 1.0
(.610 ± .039)
CR2512A-AS
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
DIMENSIONS:
MM
(INCHES)


Número de pieza similar - CRXXXXA-AS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bourns Electronic Solut...
CRXXXXA BOURNS-CRXXXXA Datasheet
691Kb / 11P
   CRxxxxA - AEC-Q200 Compliant Chip Resistors
More results

Descripción similar - CRXXXXA-AS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bourns Electronic Solut...
CR-A-AS BOURNS-CR-A-AS Datasheet
286Kb / 11P
   CR-A-AS Series - Sulfur-Resistant, AEC-Q200 Compliant Chip Resistors
REV. 08/21
CRXXXXA BOURNS-CRXXXXA Datasheet
691Kb / 11P
   CRxxxxA - AEC-Q200 Compliant Chip Resistors
CR-A BOURNS-CR-A Datasheet
263Kb / 11P
   CR-A Series - AEC-Q200 Compliant Chip Resistors
REV. 08/21
CR0402-AS BOURNS-CR0402-AS Datasheet
406Kb / 2P
   Sulfur-Resistant Thick Film Chip Resistors
CR0603-AS BOURNS-CR0603-AS Datasheet
412Kb / 2P
   Sulfur-Resistant Thick Film Chip Resistors
logo
Vishay Siliconix
RCAE3 VISHAY-RCAE3_V01 Datasheet
160Kb / 10P
   Sulfur Resistant Thick Film Chip Resistors
01-Jan-2022
logo
NIC-Components Corp.
NRCS NIC-NRCS Datasheet
112Kb / 4P
   Sulfur Resistant Thick Film Chip Resistors
NRCAS NIC-NRCAS Datasheet
320Kb / 5P
   Sulfur Resistant Thick Film Chip Resistors
logo
TOKO, Inc
MBH6045C TOKO-MBH6045C Datasheet
232Kb / 2P
   AEC-Q200 Compliant
logo
Bourns Electronic Solut...
CRT0603-CV-1003EAS BOURNS-CRT0603-CV-1003EAS Datasheet
397Kb / 4P
   Sulfur-Resistant Thin Film Precision Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com