Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BQ25619 Datasheet(PDF) 16 Page - Texas Instruments

No. de pieza BQ25619
Descripción Electrónicos  BQ25619 I2C Controlled 1-Cell 1.5-A Battery Charger with 20-mA Termination and 1-A Boost Operation
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25619 Datasheet(HTML) 16 Page - Texas Instruments

Back Button BQ25619_V01 Datasheet HTML 12Page - Texas Instruments BQ25619_V01 Datasheet HTML 13Page - Texas Instruments BQ25619_V01 Datasheet HTML 14Page - Texas Instruments BQ25619_V01 Datasheet HTML 15Page - Texas Instruments BQ25619_V01 Datasheet HTML 16Page - Texas Instruments BQ25619_V01 Datasheet HTML 17Page - Texas Instruments BQ25619_V01 Datasheet HTML 18Page - Texas Instruments BQ25619_V01 Datasheet HTML 19Page - Texas Instruments BQ25619_V01 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 59 page
background image
16
BQ25619
SLUSDF8A – JUNE 2019 – REVISED JULY 2019
www.ti.com
Product Folder Links: BQ25619
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Feature Description (continued)
8.3.3.3 Input Source Type Detection (IINDPM Threshold)
After poor source detection, the device runs input source detection through the PSEL pin. The PSEL pin sets
input current limit 0.5 A (HIGH) or 2.4 A (LOW). After input source type detection is completed, PMID_GOOD pin
is asserted to HIGH and PG_STAT bit goes to 1.
With I2C, after input source type detection is completed, an INT pulse is asserted to the host. in addition, the
following register bits are updated:
1. Input Current Limit (IINDPM) register is updated from detection result
2. VBUS_STAT bit is updated to indicate USB or other input source
3. PG_STAT bit is updated to indicate good adapter plugs in
The host can over-write the IINDPM register to change the input current limit if needed.
8.3.3.3.1
PSEL Pins Sets Input Current Limit
The device with PSEL pin directly takes the USB PHY device output to decide whether the input is USB host or
charging port. When the device operates in host-control mode, the host needs to IINDET_EN bit set to 1 to
update the IINDPM register. When the device is in default mode, PSEL value updates IINDPM in real time.
Table 1. Input Current Limit Setting from PSEL
INPUT DETECTION
PSEL PIN
INPUT CURRENT LIMIT
(ILIM)
VBUS_STAT
USB SDP
High
500 mA
001
Adapter
Low
2.4A
011
8.3.3.4 Input Voltage Limit Threshold Setting (VINDPM Threshold)
The device has two mode to set VINDPM threshold.
Fixed VINDPM threshold. The VINDPM is in default set at 4.5 V (3.9 V - 5.4 V).
VINDPM threshold tracks the battery voltage to optimize the converter headroom between input and output.
When it is enabled in REG07[1:0], the actual input voltage limit is the higher of the VINDPM setting in register
and VBAT + offset voltage in VINDPM_BAT_TRACK[1:0].
8.3.3.5 Power Up Converter in Buck Mode
After the input current limit is set, the converter is enabled and the HSFET and LSFET start switching. The
system voltage is powered from converter instead of the battery. If battery charging is disabled, the BATFET
turns off. Otherwise, the BATFET stays on to charge the battery.
The device provides soft-start when system rail is ramping up. When the system rail is below VBAT_SHORT, the
input current is limited to the lower of 200 mA or IINDPM register setting. The system load shall be appropriately
planned not to exceed the 200-mA IINDPM limit. After the system rises above VBAT_SHORTZ V, the device input
current limit is the value set by IINDPM register.
As a battery charger, the device deploys a highly efficient 1.5-MHz step-down switching regulator. The fixed
frequency oscillator keeps tight control of the switching frequency under all conditions of input voltage, battery
voltage, charge current and temperature, simplifying output filter design.
The converter supports PFM operation by default for fast transient response during system voltage regulation
and better light load efficiency. The PFM_DIS bit disables PFM operation.
8.3.3.6 HIZ Mode with Adapter Present
By setting EN_HIZ bit to 1 with adapter, the device enters high impedance state (HIZ). In HIZ mode, the system
is powered from battery even with good adapter present. The device is in the low input quiescent current state
with Q1 RBFET, REGN LDO and the bias circuits off.


Número de pieza similar - BQ25619_V01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
BQ25619E TI-BQ25619E Datasheet
2Mb / 58P
[Old version datasheet]   BQ25619E I2C Controlled 1-Cell 1.5-A Battery Charger with 20-mA Termination Current
BQ25619E TI-BQ25619E Datasheet
2Mb / 64P
[Old version datasheet]   BQ25618E, BQ25619E I2C Controlled 1-Cell 1.5-A Battery Chargers with 20-mA Termination Current
BQ25619ERTWR TI-BQ25619ERTWR Datasheet
2Mb / 58P
[Old version datasheet]   BQ25619E I2C Controlled 1-Cell 1.5-A Battery Charger with 20-mA Termination Current
BQ25619ERTWR TI-BQ25619ERTWR Datasheet
2Mb / 64P
[Old version datasheet]   BQ25618E, BQ25619E I2C Controlled 1-Cell 1.5-A Battery Chargers with 20-mA Termination Current
BQ25619RTWR TI1-BQ25619RTWR Datasheet
2Mb / 64P
[Old version datasheet]   BQ25618/619 I2C Controlled 1-Cell 1.5-A Battery Charger with 20-mA Termination and 1-A Boost Operation
More results

Descripción similar - BQ25619_V01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
BQ25619 TI1-BQ25619 Datasheet
585Kb / 55P
[Old version datasheet]   BQ25619 I2C Controlled 1-Cell 1.5-A Battery Charger with 20-mA Termination and 1-A Boost Operation
BQ25618 TI1-BQ25618 Datasheet
2Mb / 64P
[Old version datasheet]   BQ25618/619 I2C Controlled 1-Cell 1.5-A Battery Charger with 20-mA Termination and 1-A Boost Operation
BQ25619E TI-BQ25619E Datasheet
2Mb / 58P
[Old version datasheet]   BQ25619E I2C Controlled 1-Cell 1.5-A Battery Charger with 20-mA Termination Current
logo
Renesas Technology Corp
DA9168 RENESAS-DA9168 Datasheet
1Mb / 93P
   1-Cell, 1.5 A Battery Charger PMIC with 20 mA Termination, Ultra-Low IQ Reverse Boost, and I2C
07-Oct-2022
logo
Texas Instruments
BQ25618E TI-BQ25618E Datasheet
2Mb / 64P
[Old version datasheet]   BQ25618E, BQ25619E I2C Controlled 1-Cell 1.5-A Battery Chargers with 20-mA Termination Current
BQ25611D TI1-BQ25611D Datasheet
1Mb / 57P
[Old version datasheet]   BQ25611D I2C Controlled 1-Cell 3.0-A Buck Battery Charger with USB Detection and 1.2-A Boost Operation
BQ25181 TI-BQ25181 Datasheet
1Mb / 43P
[Old version datasheet]   BQ25181 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
APRIL 2022
BQ25180 TI-BQ25180 Datasheet
707Kb / 11P
[Old version datasheet]   BQ25180 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
SLUSEM2 ??SEPTEMBER 2021
BQ25180 TI-BQ25180_V01 Datasheet
1Mb / 51P
[Old version datasheet]   BQ25180 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
DECEMBER 2021
BQ24179 TI-BQ24179 Datasheet
3Mb / 126P
[Old version datasheet]   BQ24179 I2C Controlled, 1- to 4-Cell, 5-A Buck-Boost Battery Charger with Dual-Input Selector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com