Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CFA631 Datasheet(PDF) 12 Page - Crystalfontz America, Inc.

No. de pieza CFA631
Descripción Electrónicos  INTELLIGENT DISPLAY MODULE
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Página de inicio  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA631 Datasheet(HTML) 12 Page - Crystalfontz America, Inc.

Back Button CFA631 Datasheet HTML 8Page - Crystalfontz America, Inc. CFA631 Datasheet HTML 9Page - Crystalfontz America, Inc. CFA631 Datasheet HTML 10Page - Crystalfontz America, Inc. CFA631 Datasheet HTML 11Page - Crystalfontz America, Inc. CFA631 Datasheet HTML 12Page - Crystalfontz America, Inc. CFA631 Datasheet HTML 13Page - Crystalfontz America, Inc. CFA631 Datasheet HTML 14Page - Crystalfontz America, Inc. CFA631 Datasheet HTML 15Page - Crystalfontz America, Inc. CFA631 Datasheet HTML 16Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 81 page
background image
Crystalfontz
Data Sheet Release 2014-11-17
www.crystalfontz.com
CFA631 Intelligent Display Modules
Page 12
MECHANICAL CHARACTERISTICS
PHYSICAL CHARACTERISTICS
ITEM
SPECIFICATION
Display Module Overall Dimensions
(includes built-in bracket)
Width
CFA631-***-KU
CFA631P-TMF-KU
101.60 (W) mm
120.40 (W) mm
Height
25.40 (H) mm
Depth
CFA631-***-KU
CFA631P-TMF-KU
93.10 (D) mm (includes keypad)
<18.00 (D) mm (excludes keypad)
Viewing Area
66.0 (W) x 13.8 (H) mm
Active Area
63.55 (W) x 10.35 (H) mm
Character Size (5 x 7)
2.60 (W) x 4.50 (H) mm
Character Pitch (6 x 8)
3.18 (W) x 5.20 (H) mm
Pixel Pitch
0.53 (W) x 0.65 (H) mm
Pixel Size
0.48 (W) x 0.60 (H) mm
Keystroke Travel (approximate)
~2.4 mm
Weight
CFA631-***-KU
CFA631P-TMF-KU
80 grams (typical)
53 grams (typical)


Número de pieza similar - CFA631

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Crystalfontz America, I...
CFA631-RMF-KU CRYSTAIFONTZ-CFA631-RMF-KU Datasheet
5Mb / 81P
   INTELLIGENT DISPLAY MODULE
CFA631-TMF-KU CRYSTAIFONTZ-CFA631-TMF-KU Datasheet
5Mb / 81P
   INTELLIGENT DISPLAY MODULE
CFA631P-TMF-KU CRYSTAIFONTZ-CFA631P-TMF-KU Datasheet
5Mb / 81P
   INTELLIGENT DISPLAY MODULE
More results

Descripción similar - CFA631

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Crystalfontz America, I...
CFA631-TMF-KU CRYSTAIFONTZ-CFA631-TMF-KU Datasheet
5Mb / 81P
   INTELLIGENT DISPLAY MODULE
logo
List of Unclassifed Man...
MDL-IDM-L35 ETC2-MDL-IDM-L35 Datasheet
347Kb / 8P
   Intelligent Display Module with
logo
4D Systems Pty Ltd
ULCD-90D 4DSYSTEMS-ULCD-90D Datasheet
4Mb / 26P
   9.0 DIABLO16 INTELLIGENT DISPLAY MODULE
18 th March 2021/REVISION: 1. 2
logo
List of Unclassifed Man...
ULCD-35DT ETC2-ULCD-35DT Datasheet
1Mb / 25P
   3.5 DIABLO16 Intelligent Display Module
ULCD-70DT ETC2-ULCD-70DT Datasheet
2Mb / 22P
   7.0??DIABLO16 Intelligent Display Module
logo
Texas Instruments
MDL-IDM-L35 TI-MDL-IDM-L35 Datasheet
441Kb / 8P
[Old version datasheet]   Intelligent Display Module with 3.5" Landscape Display
logo
Purdy Electronics Corpo...
AND721GST PURDY-AND721GST Datasheet
115Kb / 2P
   Intelligent Character Display
AND791GST PURDY-AND791GST Datasheet
151Kb / 3P
   Intelligent Character Display
logo
OSRAM GmbH
DLX2416 OSRAM-DLX2416 Datasheet
222Kb / 5P
   Intelligent Display Device
DLX1414 OSRAM-DLX1414 Datasheet
202Kb / 4P
   Intelligent Display Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com