Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CFAF320240F-035T Datasheet(PDF) 3 Page - Crystalfontz America, Inc.

No. de pieza CFAF320240F-035T
Descripción Electrónicos  TFT DISPLAY MODULE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Página de inicio  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFAF320240F-035T Datasheet(HTML) 3 Page - Crystalfontz America, Inc.

  CFAF320240F-035T Datasheet HTML 1Page - Crystalfontz America, Inc. CFAF320240F-035T Datasheet HTML 2Page - Crystalfontz America, Inc. CFAF320240F-035T Datasheet HTML 3Page - Crystalfontz America, Inc. CFAF320240F-035T Datasheet HTML 4Page - Crystalfontz America, Inc. CFAF320240F-035T Datasheet HTML 5Page - Crystalfontz America, Inc. CFAF320240F-035T Datasheet HTML 6Page - Crystalfontz America, Inc. CFAF320240F-035T Datasheet HTML 7Page - Crystalfontz America, Inc. CFAF320240F-035T Datasheet HTML 8Page - Crystalfontz America, Inc. CFAF320240F-035T Datasheet HTML 9Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Crystalfontz
CFAF320240F-035T TFT Display Module
www.crystalfontz.com
Datasheet Release Date 2017-06-21
Page | 3
1. General Information
Datasheet Revision History
Datasheet Release: 2017-06-21
Datasheet for the CFAF320240F-035T TFT graphic display module.
Product Change Notifications
You can check for or subscribe to Part Change Notices for this display module on our website.
Variations
Slight variations between lots are normal (e.g., contrast, color, or intensity).
Volatility
This display module has volatile memory.
Disclaimer
Certain applications using Crystalfontz America, Inc. products may involve potential risks of death, personal
injury, or severe property or environmental damage (“Critical Applications”). CRYSTALFONTZ AMERICA, INC.
PRODUCTS ARE NOT DESIGNED, INTENDED, AUTHORIZED, OR WARRANTED TO BE SUITABLE FOR
USE IN LIFE-SUPPORT APPLICATIONS, DEVICES OR SYSTEMS OR OTHER CRITICAL APPLICATIONS.
Inclusion of Crystalfontz America, Inc. products in such applications is understood to be fully at the risk of the
customer. In order to minimize risks associated with customer applications, adequate design and operating
safeguards should be provided by the customer to minimize inherent or procedural hazard. Please contact us if
you have any questions concerning potential risk applications.
Crystalfontz America, Inc. assumes no liability for applications assistance, customer product design, software
performance, or infringements of patents or services described herein. Nor does Crystalfontz America, Inc.
warrant or represent that any license, either express or implied, is granted under any patent right, copyright, or
other intellectual property right of Crystalfontz America, Inc. covering or relating to any combination, machine, or
process in which our products or services might be or are used.
All specifications in datasheets on our website are, to the best of our knowledge, accurate but not guaranteed.
Corrections to specifications are made as any inaccuracies are discovered.
Company and product names mentioned in this publication are trademarks or registered trademarks of their
respective owners.
Copyright © 2017 by Crystalfontz America, Inc.,12412 East Saltese Avenue, Spokane Valley, WA 99216 U.S.A.


Número de pieza similar - CFAF320240F-035T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Crystalfontz America, I...
CFAF320240F-035T-TS CRYSTAIFONTZ-CFAF320240F-035T-TS Datasheet
1Mb / 17P
   TFT DISPLAY MODULE
More results

Descripción similar - CFAF320240F-035T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Crystalfontz America, I...
CFAF240320D-032T CRYSTAIFONTZ-CFAF240320D-032T Datasheet
625Kb / 12P
   TFT DISPLAY MODULE
CFAF240320K1-024T-RT CRYSTAIFONTZ-CFAF240320K1-024T-RT Datasheet
510Kb / 13P
   TFT DISPLAY MODULE
CFAF240400A0-030T CRYSTAIFONTZ-CFAF240400A0-030T Datasheet
2Mb / 12P
   TFT DISPLAY MODULE
CFAF240400B0-030T CRYSTAIFONTZ-CFAF240400B0-030T Datasheet
1Mb / 12P
   TFT DISPLAY MODULE
CFAF480272C2-043T-TS CRYSTAIFONTZ-CFAF480272C2-043T-TS Datasheet
719Kb / 15P
   TFT DISPLAY MODULE
CFAF320480C4-035T CRYSTAIFONTZ-CFAF320480C4-035T Datasheet
637Kb / 12P
   TFT DISPLAY MODULE
CFAF320480C5-035T-TS CRYSTAIFONTZ-CFAF320480C5-035T-TS Datasheet
734Kb / 13P
   TFT DISPLAY MODULE
CFAF320240F-035T-TS CRYSTAIFONTZ-CFAF320240F-035T-TS Datasheet
1Mb / 17P
   TFT DISPLAY MODULE
CFAF176220U-020T CRYSTAIFONTZ-CFAF176220U-020T Datasheet
354Kb / 13P
   TFT DISPLAY MODULE
CFAF240320E-022T CRYSTAIFONTZ-CFAF240320E-022T Datasheet
289Kb / 12P
   TFT DISPLAY MODULE
CFAF480128A0-039TN CRYSTAIFONTZ-CFAF480128A0-039TN Datasheet
1Mb / 12P
   TFT DISPLAY MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com