Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CFAF320240F-035T Datasheet(PDF) 9 Page - Crystalfontz America, Inc.

No. de pieza CFAF320240F-035T
Descripción Electrónicos  TFT DISPLAY MODULE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Página de inicio  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFAF320240F-035T Datasheet(HTML) 9 Page - Crystalfontz America, Inc.

Back Button CFAF320240F-035T Datasheet HTML 5Page - Crystalfontz America, Inc. CFAF320240F-035T Datasheet HTML 6Page - Crystalfontz America, Inc. CFAF320240F-035T Datasheet HTML 7Page - Crystalfontz America, Inc. CFAF320240F-035T Datasheet HTML 8Page - Crystalfontz America, Inc. CFAF320240F-035T Datasheet HTML 9Page - Crystalfontz America, Inc. CFAF320240F-035T Datasheet HTML 10Page - Crystalfontz America, Inc. CFAF320240F-035T Datasheet HTML 11Page - Crystalfontz America, Inc. CFAF320240F-035T Datasheet HTML 12Page - Crystalfontz America, Inc. CFAF320240F-035T Datasheet HTML 13Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
CFAF320240F Series Pin Table
Label Pin 6800 – 8 Bit
6800 – 9 Bit
6800 – 16 Bit
6800 – 18 bit
8080 – 8 Bit
8080 – 9 Bit
8080 – 16 Bit
8080 – 18 Bit
SPI – 4 Wire
SPI – 3 Wire
RGB – 262K
RGB – 64K
GND 1 Ground
Ground
Ground
Ground
Ground
Ground
Ground
Ground
Ground
Ground
Ground
Ground
NC 2 No Connect
No Connect
No Connect
No Connect
No Connect
No Connect
No Connect
No Connect
No Connect
No Connect
No Connect
No Connect
NC 3 No Connect
No Connect
No Connect
No Connect
No Connect
No Connect
No Connect
No Connect
No Connect
No Connect
No Connect
No Connect
GND 4 Ground
Ground
Ground
Ground
Ground
Ground
Ground
Ground
Ground
Ground
Ground
Ground
GND 5 Ground
Ground
Ground
Ground
Ground
Ground
Ground
Ground
Ground
Ground
Ground
Ground
GND 6 Ground
Ground
Ground
Ground
Ground
Ground
Ground
Ground
Ground
Ground
Ground
Ground
RD/E 7 Enable
Enable
Enable
Enable
Read Strobe
Read Strobe
Read Strobe
Read Strobe
Ground
Ground
Ground
Ground
SDO 8 No Connect
No Connect
No Connect
No Connect
No Connect
No Connect
No Connect
No Connect
No Connect
No Connect
No Connect
No Connect
Reset 9 Chip Reset
Chip Reset
Chip Reset
Chip Reset
Chip Reset
Chip Reset
Chip Reset
Chip Reset
Chip Reset
Chip Reset
Chip Reset
Chip Reset
CS 10 Chip Select
Chip Select
Chip Select
Chip Select
Chip Select
Chip Select
Chip Select
Chip Select
Serial Chip Select
Serial Chip Select
Serial Chip Select
Serial Chip Select
SCL 11 No Connect
No Connect
No Connect
No Connect
No Connect
No Connect
No Connect
No Connect
Serial Clock Input
Serial Clock Input
Serial Clock Input
Serial Clock Input
SDA 12 No Connect
No Connect
No Connect
No Connect
No Connect
No Connect
No Connect
No Connect
Data Input
Data Input
Data Input
Data Input
D/C 13 Data / Command
Data / Command
Data / Command
Data / Command
Data / Command
Data / Command
Data / Command
Data / Command
Serial Data / Command
No Connect
No Connect
No Connect
WR/RW 14 Read / Write
Read / Write
Read / Write
Read / Write
Write / Read
Write / Read
Write / Read
Write / Read
No Connect
No Connect
Ground
Ground
PS3 15
0
1
0
1
0
1
0
1
1
1
0
0
PS2 16
0
0
0
0
0
0
0
0
1
1
1
1
PS1 17
0
0
0
0
1
1
1
1
1
1
1
0
PS0 18
1
1
0
0
1
1
0
0
1
0
0
1
DB17 19
x
x
x
x
x
x
x
x
NC or GND
NC or GND
RR5
RR4
DB16 20
x
x
x
x
x
x
x
x
NC or GND
NC or GND
RR4
RR3
DB15 21
x
x
x
x
x
x
x
x
NC or GND
NC or GND
RR3
RR2
DB14 22
x
x
x
x
x
x
x
x
NC or GND
NC or GND
RR2
RR1
DB13 23
x
x
x
x
x
x
x
x
NC or GND
NC or GND
RR1
RR0
DB12 24
x
x
x
x
x
x
x
x
NC or GND
NC or GND
RR0
GG5
DB11 25
x
x
x
x
x
x
x
x
NC or GND
NC or GND
GG5
GG4
DB10 26
x
x
x
x
x
x
x
x
NC or GND
NC or GND
GG4
GG3
DB9 27 NC or GND
x
NC or GND
x
NC or GND
x
NC or GND
x
NC or GND
NC or GND
GG3
NC or GND
DB8 28 NC or GND
NC or GND
x
x
NC or GND
NC or GND
x
x
NC or GND
NC or GND
GG2
GG2
DB7 29 NC or GND
NC or GND
x
x
NC or GND
NC or GND
x
x
NC or GND
NC or GND
GG1
GG1
DB6 30 NC or GND
NC or GND
x
x
NC or GND
NC or GND
x
x
NC or GND
NC or GND
GG0
GG0
DB5 31 NC or GND
NC or GND
x
x
NC or GND
NC or GND
x
x
NC or GND
NC or GND
BB5
BB4
DB4 32 NC or GND
NC or GND
x
x
NC or GND
NC or GND
x
x
NC or GND
NC or GND
BB4
BB3
DB3 33 NC or GND
NC or GND
x
x
NC or GND
NC or GND
x
x
NC or GND
NC or GND
BB3
BB2
DB2 34 NC or GND
NC or GND
x
x
NC or GND
NC or GND
x
x
NC or GND
NC or GND
BB2
BB1
DB1 35 NC or GND
NC or GND
x
x
NC or GND
NC or GND
x
x
NC or GND
NC or GND
BB1
BB0
DB0 36 NC or GND
NC or GND
NC or GND
x
NC or GND
NC or GND
NC or GND
x
NC or GND
NC or GND
BB0
NC or GND
DEN 37 Ground
Ground
Ground
Ground
Ground
Ground
Ground
Ground
Ground
Ground
Data Enable
Data Enable
38 Ground
Ground
Ground
Ground
Ground
Ground
Ground
Ground
Ground
Ground
Line Sync
Line Sync
39 Ground
Ground
Ground
Ground
Ground
Ground
Ground
Ground
Ground
Ground
Frame / RAM Sync
Frame / RAM Sync
DCLK 40 Ground
Ground
Ground
Ground
Ground
Ground
Ground
Ground
Ground
Ground
Dot Clock
Dot Clock
NC 41 No Connect
No Connect
No Connect
No Connect
No Connect
No Connect
No Connect
No Connect
No Connect
No Connect
No Connect
No Connect
GND 42 Ground
Ground
Ground
Ground
Ground
Ground
Ground
Ground
Ground
Ground
Ground
Ground
GND 43 Ground
Ground
Ground
Ground
Ground
Ground
Ground
Ground
Ground
Ground
Ground
Ground
44 +3v
+3v
+3v
+3v
+3v
+3v
+3v
+3v
+3v
+3v
+3v
+3v
45 +3v
+3v
+3v
+3v
+3v
+3v
+3v
+3v
+3v
+3v
+3v
+3v
NC 46 No Connect
No Connect
No Connect
No Connect
No Connect
No Connect
No Connect
No Connect
No Connect
No Connect
No Connect
No Connect
K2 (LED 2-) 47 Backlight -
Backlight -
Backlight -
Backlight -
Backlight -
Backlight -
Backlight -
Backlight -
Backlight -
Backlight -
Backlight -
Backlight -
A2 (LED 2+) 48 Backlight +
Backlight +
Backlight +
Backlight +
Backlight +
Backlight +
Backlight +
Backlight +
Backlight +
Backlight +
Backlight +
Backlight +
A1 (LED 1+) 49 Backlight +
Backlight +
Backlight +
Backlight +
Backlight +
Backlight +
Backlight +
Backlight +
Backlight +
Backlight +
Backlight +
Backlight +
K1 (LED 1-) 50 Backlight -
Backlight -
Backlight -
Backlight -
Backlight -
Backlight -
Backlight -
Backlight -
Backlight -
Backlight -
Backlight -
Backlight -
Label Pin 6800 – 8 Bit
6800 – 9 Bit
6800 – 16 Bit
6800 – 18 bit
8080 – 8 Bit
8080 – 9 Bit
8080 – 16 Bit
8080 – 18 Bit
SPI – 4 Wire
SPI – 3 Wire
RGB – 262K
RGB – 64K
Usage
Pin
X- (XL)
1
Y- (YD)
2
X+ (XR)
3
Y+ (YU)
4
H
SYNC
V
SYNC
V
LOGIC
V
LOGIC


Número de pieza similar - CFAF320240F-035T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Crystalfontz America, I...
CFAF320240F-035T-TS CRYSTAIFONTZ-CFAF320240F-035T-TS Datasheet
1Mb / 17P
   TFT DISPLAY MODULE
More results

Descripción similar - CFAF320240F-035T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Crystalfontz America, I...
CFAF240320D-032T CRYSTAIFONTZ-CFAF240320D-032T Datasheet
625Kb / 12P
   TFT DISPLAY MODULE
CFAF240320K1-024T-RT CRYSTAIFONTZ-CFAF240320K1-024T-RT Datasheet
510Kb / 13P
   TFT DISPLAY MODULE
CFAF240400A0-030T CRYSTAIFONTZ-CFAF240400A0-030T Datasheet
2Mb / 12P
   TFT DISPLAY MODULE
CFAF240400B0-030T CRYSTAIFONTZ-CFAF240400B0-030T Datasheet
1Mb / 12P
   TFT DISPLAY MODULE
CFAF480272C2-043T-TS CRYSTAIFONTZ-CFAF480272C2-043T-TS Datasheet
719Kb / 15P
   TFT DISPLAY MODULE
CFAF320480C4-035T CRYSTAIFONTZ-CFAF320480C4-035T Datasheet
637Kb / 12P
   TFT DISPLAY MODULE
CFAF320480C5-035T-TS CRYSTAIFONTZ-CFAF320480C5-035T-TS Datasheet
734Kb / 13P
   TFT DISPLAY MODULE
CFAF320240F-035T-TS CRYSTAIFONTZ-CFAF320240F-035T-TS Datasheet
1Mb / 17P
   TFT DISPLAY MODULE
CFAF176220U-020T CRYSTAIFONTZ-CFAF176220U-020T Datasheet
354Kb / 13P
   TFT DISPLAY MODULE
CFAF240320E-022T CRYSTAIFONTZ-CFAF240320E-022T Datasheet
289Kb / 12P
   TFT DISPLAY MODULE
CFAF480128A0-039TN CRYSTAIFONTZ-CFAF480128A0-039TN Datasheet
1Mb / 12P
   TFT DISPLAY MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com