Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KA78XXE Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza KA78XXE
Descripción Electrónicos  3-Terminal 1A Positive Voltage Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA78XXE Datasheet(HTML) 4 Page - Fairchild Semiconductor

  KA78XXE Datasheet HTML 1Page - Fairchild Semiconductor KA78XXE Datasheet HTML 2Page - Fairchild Semiconductor KA78XXE Datasheet HTML 3Page - Fairchild Semiconductor KA78XXE Datasheet HTML 4Page - Fairchild Semiconductor KA78XXE Datasheet HTML 5Page - Fairchild Semiconductor KA78XXE Datasheet HTML 6Page - Fairchild Semiconductor KA78XXE Datasheet HTML 7Page - Fairchild Semiconductor KA78XXE Datasheet HTML 8Page - Fairchild Semiconductor KA78XXE Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
KA78XXE/KA78XXAE
4
Electrical Characteristics (KA7808E/KA7808ER) (Continued)
(Refer to test circuit, 0
°C < TJ < 125°C, IO = 500mA, VI =14V, CI= 0.33µF, CO=0.1µF, unless otherwise specified)
Note:
1. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken
into account separately. Pulse testing with low duty is used.
2. These parameters, although guaranteed, are not 100% tested in production.
Parameter
Symbol
Conditions
KA7808E
Unit
Min.
Typ.
Max.
Output Voltage
VO
TJ =+25
°C
7.7
8.0
8.3
5.0mA ≤ IO ≤ 1.0A, PO ≤ 15W
VI = 10.5V to 23V
7.6
8.0
8.4
V
Line Regulation (Note1)
Regline
TJ =+25
°C
VI = 10.5V to 25V
-
5.0
160
mV
VI = 11.5V to 17V
-
2.0
80
Load Regulation (Note1)
Regload
TJ =+25
°C
IO = 5.0mA to 1.5A
-
10
160
mV
IO = 250mA to 750mA
-
5.0
80
Quiescent Current
IQ
TJ =+25
°C-
5.0
8.0
mA
Quiescent Current Change
∆IQ
IO = 5mA to 1.0A
-
0.05
0.5
mA
VI = 10.5A to 25V
-
0.5
1.0
Output Voltage Drift (Note2)
∆VO/∆TIO = 5mA
-
-0.8
-
mV/
°C
Output Noise Voltage
VN
f = 10Hz to 100kHz, TA =+25
°C-
52
-
µV/Vo
Ripple Rejection (Note2)
RR
f = 120Hz, VI= 11.5V to 21.5V
56
73
-
dB
Dropout Voltage
VDrop
IO = 1A, TJ=+25
°C-
2
-
V
Output Resistance (Note2)
rO
f = 1kHz
-
17
-
m
Short Circuit Current
ISC
VI = 35V, TA =+25
°C
-
230
-
mA
Peak Current (Note2)
IPK
TJ =+25
°C-
2.2
-
A


Número de pieza similar - KA78XXE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
KA78XXE FAIRCHILD-KA78XXE Datasheet
413Kb / 27P
   3-Terminal 1 A Positive Voltage Regulator
logo
ON Semiconductor
KA78XXE ONSEMI-KA78XXE Datasheet
534Kb / 29P
   3-Terminal 1 A Positive Voltage Regulator
April 2015 Rev. 1.9
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_06 Datasheet
568Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
More results

Descripción similar - KA78XXE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com