Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
KA7809AE Datasheet(PDF) 5 Page - Fairchild Semiconductor |
|
KA7809AE Datasheet(HTML) 5 Page - Fairchild Semiconductor |
5 / 26 page KA78XXE/KA78XXAE 5 Electrical Characteristics (KA7809E/KA7809ER) (Continued) (Refer to test circuit, 0 °C < TJ < 125°C, IO = 500mA, VI =15V, CI= 0.33µF, CO=0.1µF, unless otherwise specified) Note: 1. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty is used. 2. These parameters, although guaranteed, are not 100% tested in production. Parameter Symbol Conditions KA7809E Unit Min. Typ. Max. Output Voltage VO TJ =+25 °C 8.65 9 9.35 5.0mA ≤ IO ≤1.0A, PO ≤15W VI = 11.5V to 24V 8.6 9 9.4 V Line Regulation (Note1) Regline TJ = +25 °C VI = 11.5V to 25V - 6 180 mV VI = 12V to 17V - 2 90 Load Regulation (Note1) Regload TJ = +25 °C IO = 5mA to 1.5A - 12 180 mV IO = 250mA to 750mA - 4 90 Quiescent Current IQ TJ = +25 °C- 5.0 8.0 mA Quiescent Current Change ∆IQ IO = 5mA to 1.0A - - 0.5 mA VI = 11.5V to 26V - - 1.3 Output Voltage Drift (Note2) ∆VO/∆TIO = 5mA - -1 - mV/ °C Output Noise Voltage VN f = 10Hz to 100kHz, TA = +25 °C- 58 - µV/Vo Ripple Rejection (Note2) RR f = 120Hz VI = 13V to 23V 56 71 - dB Dropout Voltage VDrop IO = 1A, TJ =+25 °C- 2 - V Output Resistance (Note2) rO f = 1kHz - 17 - m Ω Short Circuit Current ISC VI = 35V, TA =+25 °C - 250 - mA Peak Current (Note2) IPK TJ = +25 °C- 2.2 - A |
Número de pieza similar - KA7809AE |
|
Descripción similar - KA7809AE |