Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADF7012BRU Datasheet(PDF) 7 Page - Analog Devices

No. de pieza ADF7012BRU
Descripción Electrónicos  Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADF7012BRU Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF7012BRU Datasheet HTML 3Page - Analog Devices ADF7012BRU Datasheet HTML 4Page - Analog Devices ADF7012BRU Datasheet HTML 5Page - Analog Devices ADF7012BRU Datasheet HTML 6Page - Analog Devices ADF7012BRU Datasheet HTML 7Page - Analog Devices ADF7012BRU Datasheet HTML 8Page - Analog Devices ADF7012BRU Datasheet HTML 9Page - Analog Devices ADF7012BRU Datasheet HTML 10Page - Analog Devices ADF7012BRU Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
ADF7012
Rev. 0 | Page 7 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
ADF7012
TOP VIEW
(Not to Scale)
DVDD 1
CREG1 2
CPOUT 3
TxDATA
4
TxCLK
5
CREG2
RSET
AGND
DVDD
RFOUT
24
23
22
21
20
MUXOUT
6
DGND
7
OSC1
8
OSC2
9
RFGND
VCOIN
CVCO
L2
19
18
17
16
CLKOUT 10
CLK 11
L1
CE
15
14
DATA 12
LE
TSSOP
13
Figure 3.
Table 4. Pin Functional Descriptions
Pin No.
Mnemonic
Description
1
DVDD
Positive Supply for the Digital Circuitry. This must be between 2.3 V and 3.6 V. Decoupling capacitors to the analog
ground plane should be placed as close as possible to this pin.
2
CREG1
A 2.2 µF capacitor should be added at CREG to reduce regulator noise and improve stability. A reduced capacitor
improves regulator power-on time, but may cause higher spurious noise.
3
CPOUT
Charge Pump Output. This output generates current pulses that are integrated in the loop filter. The integrated
current changes the control voltage on the input to the VCO.
4
TxDATA
Digital Data to Be Transmitted is inputted on this pin.
5
TxCLK
GFSK and GOOK only. This clock output is used to synchronize microcontroller data to the TxDATA pin of the
ADF7012. The clock is provided at the same frequency as the data rate. The microcontroller updates TxDATA on
the falling edge of TxCLK. The rising edge of TxCLK is used to sample TxDATA at the midpoint of each bit.
6
MUXOUT
Provides the Lock_Detect Signal. This determines if the PLL is locked to the correct frequency and also monitors
battery voltage. Other signals include Regulator_Ready, which indicates the status of the serial interface regulator.
7
DGND
Ground for Digital Section.
8
OSC1
The reference crystal should be connected between this pin and OSC2.
9
OSC2
The reference crystal should be connected between this pin and OSC1. A TCXO reference may be used, by driving
this pin with CMOS levels, and powering down the crystal oscillator bit in software.
10
CLKOUT
A divided-down version of the crystal reference with output driver. The digital clock output may be used to drive
several other CMOS inputs, such as a microcontroller clock. The output has a 50:50 mark-space ratio.
11
CLK
Serial Clock Input. This serial clock is used to clock in the serial data to the registers. The data is latched into the
32-bit shift register on the CLK rising edge. This input is a high impedance CMOS input.
12
DATA
Serial Data Input. The serial data is loaded MSB first with the two LSBs being the control bits. This is a high
impedance CMOS input.
13
LE
Load Enable, CMOS Input. When LE goes high, the data stored in the shift registers is loaded into one of the four
latches, the latch being selected using the control bits.
14
CE
Chip Enable. Bringing CE low puts the ADF7012 into complete power-down, drawing < 1uA. Register values are
lost when CE is low and the part must be reprogrammed once CE is brought high.
15
L1
Connected to external printed or discrete inductor. See Choosing the External Inductor Value for advice on the
value of the inductor to be connected between L1 and L2.
16
L2
Connected to external printed or discrete inductor.
17
CVCO
A 220 nF capacitor should be tied between the CVCO and CREG2 pins. This line should run underneath the ADF7012.
This capacitor is necessary to ensure stable VCO operation.
18
VCOIN
The tuning voltage on this pin determines the output frequency of the voltage controlled oscillator (VCO). The
higher the tuning voltage, the higher the output frequency.
19
RFGND
Ground for Output Stage of Transmitter.
20
RFOUT
The modulated signal is available at this pin. Output power levels are from –16 dBm to +12 dBm. The output
should be impedance matched using suitable components to the desired load. See the PA Matching section.
21
DVDD
Voltage supply for VCO and PA section. This should have the same supply as DVDD Pin 1, and should be between
2.3 V and 3.6 V. Place decoupling capacitors to the analog ground plane as close as possible to this pin.
22
AGND
Ground Pin for the RF Analog Circuitry.
23
RSET
External Resistor to set charge pump current and some internal bias currents. Use 3.6 kV as default.
24
CREG2
Add a 470 nF capacitor at CREG to reduce regulator noise and improve stability. A reduced capacitor improves
regulator power-on time and phase noise, but may have stability issues over the supply and temperature.


Número de pieza similar - ADF7012BRU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADF7012BRU AD-ADF7012BRU Datasheet
937Kb / 28P
   Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. A
ADF7012BRU-REEL AD-ADF7012BRU-REEL Datasheet
937Kb / 28P
   Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. A
ADF7012BRU-REEL7 AD-ADF7012BRU-REEL7 Datasheet
937Kb / 28P
   Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. A
ADF7012BRUZ AD-ADF7012BRUZ Datasheet
937Kb / 28P
   Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. A
ADF7012BRUZ-RL AD-ADF7012BRUZ-RL Datasheet
937Kb / 28P
   Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. A
More results

Descripción similar - ADF7012BRU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADF7012BRUZ AD-ADF7012BRUZ Datasheet
937Kb / 28P
   Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. A
ADF7011 AD-ADF7011 Datasheet
567Kb / 24P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7011 AD-ADF7011_15 Datasheet
573Kb / 24P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010 Datasheet
561Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010_15 Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010BRUZ AD-ADF7010BRUZ Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
logo
ON Semiconductor
NCV53480 ONSEMI-NCV53480 Datasheet
542Kb / 60P
   Low-Power OOK/FSK/ASK ISM Band Transceiver
August, 2013 ??Rev. 6
logo
Micrel Semiconductor
MICRF405 MICREL-MICRF405 Datasheet
653Kb / 46P
   290MHz-980MHz ISM Band ASK / FSK Transmitter
logo
Analog Devices
ADF7901 AD-ADF7901_15 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901 AD-ADF7901_06 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com