Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD5620ARJ-1500RL7 Datasheet(PDF) 5 Page - Analog Devices |
|
AD5620ARJ-1500RL7 Datasheet(HTML) 5 Page - Analog Devices |
5 / 24 page AD5620/AD5640/AD5660 Rev. A | Page 5 of 24 AD5620/AD5640/AD5660-1 VDD1 = 2.7 V to 3.3 V, RL = 2 kΩ to GND, CL = 200 pF to GND, CREFOUT = 100 nF; all specifications TMIN to TMAX, unless otherwise noted. Table 2. Parameter A Grade2 B Grade2 C Grade2 Unit Conditions/Comments STATIC PERFORMANCE3 AD5660 Resolution 16 16 16 Bits min Relative Accuracy ±32 ±16 ±16 LSB max Differential Nonlinearity ±1 ±1 ±1 LSB max Guaranteed monotonic by design AD5640 Resolution 14 14 14 Bits min Relative Accuracy ±8 ±4 ±4 LSB max Differential Nonlinearity ±1 ±1 ±1 LSB max Guaranteed monotonic by design AD5620 Resolution 12 12 12 Bits min Relative Accuracy ±6 ±1 ±1 LSB max Differential Nonlinearity ±1 ±1 ±1 LSB max Guaranteed monotonic by design Zero-Code Error 2 2 2 mV typ All 0s loaded to DAC register 8 8 8 mV max Offset Error ±9 ±9 ±9 mV max Full-Scale Error ±0.15 ±0.15 ±0.15 % FSR typ All 1s loaded to DAC register ±0.85 ±0.85 ±0.85 % FSR max Gain Error ±0.85 ±0.85 ±0.85 % FSR max Zero-Code Error Drift ±2 ±2 ±2 μV/°C typ Gain Temperature Coefficient ±2.5 ±2.5 ±2.5 ppm typ Of FSR/°C DC Power Supply Rejection Ratio −60 −60 −60 dB typ DAC code = midscale; VDD = 3 V ± 10% OUTPUT CHARACTERISTICS4 Output Voltage Range 0 0 V min VDD VDD VDD V max Output Voltage Settling Time 8 8 8 μs typ ¼ to ¾ scale change settling to ±2 LSB 10 10 10 μs max RL = 2 kΩ; 0 pF < CL < 200 pF Slew Rate 1.5 1.5 1.5 V/μs typ ¼ to ¾ scale Capacitive Load Stability 2 2 2 nF typ RL = ∞ 10 10 10 nF typ RL = 2 kΩ Output Noise Spectral Density 80 80 80 nV/√Hz typ DAC code = midscale, 10 kHz Output Noise (0.1 Hz to 10 Hz) 20 20 20 μV p-p typ DAC code = midscale Digital-to-Analog Glitch Impulse 5 5 5 nV-s typ 1 LSB change around major carry Digital Feedthrough 0.1 0.1 0.1 nV-s typ DC Output Impedance 0.5 0.5 0.5 Ω typ Short-Circuit Current 30 30 30 mA typ VDD = 3 V Power-Up Time 5 5 5 μs typ Coming out of power-down mode; VDD = 3 V REFERENCE OUTPUT Output Voltage 1.247 1.247 1.247 V min At ambient 1.253 1.253 1.253 V max Reference TC4 ±10 ±10 ±5 ppm/°C typ ±25 ppm/°C max Output Impedance 2.8 2.8 2.8 kΩ typ |
Número de pieza similar - AD5620ARJ-1500RL7 |
|
Descripción similar - AD5620ARJ-1500RL7 |