Nombre de pieza
         Descripción
CDC305

 OCTAL DIVIDE-BY-2 CIRCUIT/CLOCK DRIVER ( 7 Page)


TI
100% 
Zoom Out Zoom In
   
 3 page
background image
CDC305
OCTAL DIVIDE-BY-2 CIRCUIT/CLOCK DRIVER
SCAS326A – JUNE 1990 – REVISED NOVEMBER 1995
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
–24
mA
IOL
Low-level output current
48
mA
TA
Operating free-air temperature
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.2
V
VOH
VCC = 4.5 V to 5.5 V,
IOH = – 2 mA
VCC –2
V
VOH
VCC = 4.5 V,
IOH = – 24 mA
2
2.8
V
VOL
VCC = 4.5 V,
IOL = 48 mA
0.3
0.5
V
II
VCC = 5.5 V,
VI = 7 V
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
µA
IIL
VCC = 5.5 V,
VI = 0.4 V
– 0.5
mA
IO‡
VCC = 5.5 V,
VO = 2.25 V
–50
– 150
mA
ICC
VCC = 5.5 V,
See Note 2
40
70
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.
NOTE 2: ICC is measured with CLK and PRE grounded, then with CLK and CLR grounded.
timing requirements over recommended ranges of supply voltage and operating free-air
temperature
MIN
MAX
UNIT
fclock
Clock frequency
0
80
MHz
CLR or PRE low
5
tw
Pulse duration
CLK high
4
ns
CLK low
6
tsu
Setup time before CLK
CLR or PRE inactive
6
ns
1  2  3  4  5  6  7 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
CDC304OCTAL DIVIDE-BY-2 CIRCUIT/CLOCK DRIVER 1 2 3 4 5 MoreTexas Instruments
CGS74B303Octal Divide-by-2 Skew Clock Driver 1 2 3 4 5 MoreNational Semiconductor
CDC303OCTAL DIVIDE-BY-2 CIRCUIT/CLOCK DRIVER 1 Texas Instruments
54ACQQuiet Seres Octal Buffer/Line Driver with TRI-STATE Outputs 1 2 3 4 5 MoreNational Semiconductor
54FCT541Octal Buffer/Line Driver with TRI-STATE Outputs 1 2 3 4 5 MoreNational Semiconductor
MC74VHC240Octal Bus Buffer/Line Driver 1 2 3 4 5 MoreON Semiconductor
74LVT2413.3V Octal buffer/line driver 3-State 1 2 3 4 5 MoreNXP Semiconductors
UC5172Octal Line Driver 1 2 3 4 5 Texas Instruments
SL74HC244Octal 3-State Noninverting Buffer/Line Driver/Line Receiver 1 2 3 4 5 System Logic Semiconductor
74ACQ240Quiet Series. Octal Buffer/Line Driver with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl