Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KA278RA51C Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza KA278RA51C
Descripción Electrónicos  2A Output Low Dropout Voltage Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA278RA51C Datasheet(HTML) 4 Page - Fairchild Semiconductor

  KA278RA51C Datasheet HTML 1Page - Fairchild Semiconductor KA278RA51C Datasheet HTML 2Page - Fairchild Semiconductor KA278RA51C Datasheet HTML 3Page - Fairchild Semiconductor KA278RA51C Datasheet HTML 4Page - Fairchild Semiconductor KA278RA51C Datasheet HTML 5Page - Fairchild Semiconductor KA278RA51C Datasheet HTML 6Page - Fairchild Semiconductor KA278RA51C Datasheet HTML 7Page - Fairchild Semiconductor KA278RA51C Datasheet HTML 8Page - Fairchild Semiconductor KA278RA51C Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
KA278RXXC-SERIES
4
Typical Performance Characteristics
KA278R33C
Input voltage Vin (V)
4.50
3.75
3.00
2.25
1.50
0.75
5.25
0
0
2
4
6
8
10
RL=
RL=3.3
0
5
10
15
20
0
20
40
60
80
100
RL=
Input voltage Vin(V)
0
3
Disable voltage Vdis (V)
0.5
1.5
12
2.5
4.50
3.75
3.00
2.25
1.50
0.75
5.25
0
3.34
3.32
3.30
3.36
-25
TEMPERATURE Tj(oC)
75
125
025
50
100
3.26
3.24
3.22
3.28
10
8
6
4
2
0
Junction temperature Tj(
oC)
75
125
025
50
100
-25
-25
0
25
50
75
100
125
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.70
2.0A
Junction Temp Tj [
]
Figure 1. Output Voltage vs. Input Voltage
Figure 2. Quiescent Current vs. Input Voltage
Figure 4. Output Voltage vs. Temperature(Tj)
Figure 3. Output Voltage vs. Disable Voltage
Figure 5. Quiescent Current vs. Temperature(Tj)
Figure 6. Dropout Voltage vs.Junction Temperature


Número de pieza similar - KA278RA51C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KA278RA05 FAIRCHILD-KA278RA05 Datasheet
78Kb / 8P
   Low Dropout Voltage Regulator (Fixed & Adjustable)
KA278RA05C FAIRCHILD-KA278RA05C Datasheet
209Kb / 20P
   2A Output Low Dropout Voltage Regulators
KA278RA05CTU FAIRCHILD-KA278RA05CTU Datasheet
209Kb / 20P
   2A Output Low Dropout Voltage Regulators
logo
ON Semiconductor
KA278RA05CTU ONSEMI-KA278RA05CTU Datasheet
344Kb / 18P
   2 A Output Low Dropout Voltage Regulators
July 2013 Rev. 1.1.0
logo
Fairchild Semiconductor
KA278RA05CYDTU FAIRCHILD-KA278RA05CYDTU Datasheet
209Kb / 20P
   2A Output Low Dropout Voltage Regulators
More results

Descripción similar - KA278RA51C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KA278RXXC FAIRCHILD-KA278RXXC Datasheet
209Kb / 20P
   2A Output Low Dropout Voltage Regulators
logo
Texas Instruments
TPS73HD301 TI-TPS73HD301_15 Datasheet
985Kb / 36P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD301 TI1-TPS73HD301_16 Datasheet
990Kb / 36P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
logo
Fairchild Semiconductor
KA78RXXC FAIRCHILD-KA78RXXC Datasheet
196Kb / 20P
   1A Output Low Dropout Voltage Regulators
logo
Texas Instruments
TPS767D3XX TI1-TPS767D3XX Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301-Q1 TI1-TPS767D301-Q1_17 Datasheet
950Kb / 26P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD301 TI-TPS73HD301 Datasheet
406Kb / 28P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301 TI1-TPS767D301 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301 TI-TPS767D301 Datasheet
285Kb / 19P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
logo
Fairchild Semiconductor
KA78R05C FAIRCHILD-KA78R05C Datasheet
189Kb / 20P
   1A Output Low Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com