Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS4882-CTA Datasheet(PDF) 6 Page - Gennum Corporation

No. de pieza GS4882-CTA
Descripción Electrónicos  Video Sync Separators with 50% Sync Slicing
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GENNUM [Gennum Corporation]
Página de inicio  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS4882-CTA Datasheet(HTML) 6 Page - Gennum Corporation

  GS4882-CTA Datasheet HTML 1Page - Gennum Corporation GS4882-CTA Datasheet HTML 2Page - Gennum Corporation GS4882-CTA Datasheet HTML 3Page - Gennum Corporation GS4882-CTA Datasheet HTML 4Page - Gennum Corporation GS4882-CTA Datasheet HTML 5Page - Gennum Corporation GS4882-CTA Datasheet HTML 6Page - Gennum Corporation GS4882-CTA Datasheet HTML 7Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6 of 7
521 - 61 - 01
COMPOSITE
VIDEO INPUT
COMPOSITE SYNC OUTPUT
GS4882
BACK PORCH OUTPUT
GS4882, GS4982
2.5
µs
525ns
COMPOSITE
VIDEO INPUT
HSYNC INTERNAL
BACK PORCH
OUTPUT
525
1
2
3
4
5
6
7
8
600ns
2.5
µs
HORIZONTAL OUTPUT
GS4982
ODD/EVEN OUTPUT
GS4882, GS4982
VERTICAL SYNC OUTPUT
GS4882, GS4982
227k
1.0nF
GB4571
STROBED
DC RESTORE
1
4
2
7
VIDEO
0.1
6
4
8
5
2
CLAMPED
VIDEO
OUTPUT
BACK
PORCH
PULSE
0.1
0.1
0.1
0.1
GS4882
SYNC
SEPARATOR
CL
CHOLD
VCLAMP
ROUT
VCC
VCC
VEE
75
10
8
6
3
5
Fig. 9
Typical NTSC Application Diagram
All resistors in ohms, all capacitors
in microfarads unless otherwise stated
Fig. 8
GS4882, GS4982 Video Sync Separator Timing Diagram


Número de pieza similar - GS4882-CTA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS4881 GENNUM-GS4881 Datasheet
279Kb / 14P
   Monolithic Video Sync Separators
GS4881 GENNUM-GS4881 Datasheet
4Mb / 29P
   Monolithic Video Sync Separators
GS4881-CDA GENNUM-GS4881-CDA Datasheet
279Kb / 14P
   Monolithic Video Sync Separators
GS4881-CKA GENNUM-GS4881-CKA Datasheet
279Kb / 14P
   Monolithic Video Sync Separators
GS4881-CTA GENNUM-GS4881-CTA Datasheet
279Kb / 14P
   Monolithic Video Sync Separators
More results

Descripción similar - GS4882-CTA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS1881 GENNUM-GS1881 Datasheet
279Kb / 14P
   Monolithic Video Sync Separators
GS1881 GENNUM-GS1881_09 Datasheet
4Mb / 29P
   Monolithic Video Sync Separators
logo
Texas Instruments
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
[Old version datasheet]   Video Sync Separator
logo
National Semiconductor ...
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
   Video Sync Separator
LM1881 NSC-LM1881 Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715_07 Datasheet
451Kb / 18P
   Programmable Video Sync Generator
74ACT715 FAIRCHILD-74ACT715_1 Datasheet
429Kb / 18P
   Programmable Video Sync Generator
logo
National Semiconductor ...
LM1882 NSC-LM1882 Datasheet
340Kb / 16P
   Programmable Video Sync Generator
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715 Datasheet
127Kb / 14P
   Programmable Video Sync Generator
logo
National Semiconductor ...
54ACT715 NSC-54ACT715 Datasheet
340Kb / 16P
   Programmable Video Sync Generator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com