Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MTV230MF64 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

No. de pieza MTV230MF64
Descripción Electrónicos  8051 Embedded LCD Monitor Controller with Flash OSD
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

MTV230MF64 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MTV230MF64 Datasheet HTML 2Page - List of Unclassifed Manufacturers MTV230MF64 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTV230MF64 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV230MF64 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV230MF64 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV230MF64 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV230MF64 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV230MF64 Datasheet HTML 9Page - List of Unclassifed Manufacturers MTV230MF64 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
MYSON
TECHNOLOGY
MTV230M
(Rev 1.0)
Revision 1.0
- 6 -
2000/11/15
3. Chip Configuration
The Chip Configuration registers define the chip pins function, as well as the connection, configuration and
frequency of the functional block.
Reg name
addr
bit7
bit6
bit5
Bit4
bit3
bit2
bit1
bit0
PADMOD
F2Bh (w)
HIICE
IIICE
HVE
HclpE
FclkE
P62E
PADMOD
F2Ch (w)
DA3E
DA2E
DA1E
DA0E
AD3E
AD2E
AD1E
AD0E
PADMOD
F2Dh (w)
P47oe
P46oe
P45oe
P44oe
P43oe
P42oe
P41oe
P40oe
PADMOD
F2Eh (w)
P57oe
P56oe
P55oe
P54oe
P53oe
P52oe
P51oe
P50oe
OPTION
F2Fh (w)
PWMF
DIV253
SlvAbs1 SlvAbs0
ENSCL
Msel
MIICF1
MIICF0
PADMOD (w) : Pad mode control registers. (All are "0" in Chip Reset)
HIICE
= 1
→ pin “P3.0/Rxd/HSCL”is HSCL;
pin “P3.1/Txd/HSDA” is HSDA.
= 0
→ pin “P3.0/Rxd/HSCL”is P3.0/Rxd;
pin “P3.1/Txd/HSDA” is P3.1/Txd.
IIICE
= 1
→ pin “P6.1/ISDA”is ISDA;
pin “P6.0/ISCL” is ISCL.
= 0
→ pin “P6.1/ISDA”is P6.1;
pin “P6.0/ISCL” is P6.0.
HVE
= 1
→ pin “P4.7/VBLANK”is VBLANK;
pin “P4.6/HBLANK” is HBLANK.
= 0
→ pin “P4.7/VBLANK”is P4.7;
pin “P4.6/HBLANK” is P4.6.
HclpE
= 1
→ pin “P4.5/HCLAMP”is HCLAMP.
= 0
→ pin “P4.5/HCLAMP”is P4.5.
FclkE
= 1
→ CPU is running at double rate.
= 0
→ CPU is running at normal rate.
P62E
= 1
→ pin “INT/P6.2”is P6.2.
= 0
→ pin “INT/P6.2”is INT.
DA3E
= 1
→ pin “P5.7/DA3”is DA3.
= 0
→ pin “P5.7/DA3”is P5.7.
DA2E
= 1
→ pin “P5.6/DA2”is DA2.
= 0
→ pin “P5.6/DA2”is P5.6.
DA1E
= 1
→ pin “P5.5/DA1”is DA1.
= 0
→ pin “P5.5/DA1”is P5.5.
DA0E
= 1
→ pin “P5.4/DA0”is DA0.
= 0
→ pin “P5.4/DA0”is P5.4.
AD3E
= 1
→ pin “P5.3/AD3”is AD3.
= 0
→ pin “P5.3/AD3”is P5.3.
AD2E
= 1
→ pin “P5.2/AD2”is AD2.
= 0
→ pin “P5.2/AD2”is P5.2.
AD1E
= 1
→ pin “P5.1/AD1”is AD1.
= 0
→ pin “P5.1/AD1”is P5.1.
AD0E
= 1
→ pin “P5.0/AD0”is AD0.
= 0
→ pin “P5.0/AD0”is P5.0.
P47oe = 1
→ P4.7 is output pin.
= 0
→ P4.7 is input pin.
P46oe = 1
→ P4.6 is output pin.
= 0
→ P4.6 is input pin.
P45oe = 1
→ P4.5 is output pin.
= 0
→ P4.5 is input pin.
P44oe = 1
→ P4.4 is output pin.
= 0
→ P4.4 is input pin.
P43oe = 1
→ P4.3 is output pin.
= 0
→ P4.3 is input pin.
P42oe = 1
→ P4.2 is output pin.


Número de pieza similar - MTV230MF64

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
MTV230M64 ETC1-MTV230M64 Datasheet
404Kb / 31P
   8051 Embedded Micro Controller with Flash OSD and ISP
More results

Descripción similar - MTV230MF64

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
MTV230M64 ETC1-MTV230M64 Datasheet
404Kb / 31P
   8051 Embedded Micro Controller with Flash OSD and ISP
MTV212M64I ETC-MTV212M64I Datasheet
199Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312M64 ETC-MTV312M64 Datasheet
200Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312MN64 ETC1-MTV312MN64 Datasheet
209Kb / 27P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV212M32 ETC1-MTV212M32 Datasheet
188Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV112M ETC-MTV112M Datasheet
160Kb / 20P
   8051 Embedded CRT Monitor Controller Flash Version
MTV412M ETC-MTV412M Datasheet
255Kb / 26P
   8051 Embedded Monitor Controller 128K Flash Type with ISP
logo
Realtek Semiconductor C...
RTD2120 REALTEK-RTD2120 Datasheet
525Kb / 37P
   8051 Embedded Micro-Controller for Monitor
logo
List of Unclassifed Man...
MTV212M64 ETC2-MTV212M64 Datasheet
200Kb / 27P
   8051 Embedded Monitor Controller MTP Type
MTV012A ETC-MTV012A Datasheet
102Kb / 14P
   8051 Embedded CRT Monitor Controller Mask Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com