Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AS882ADW Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza SN74AS882ADW
Descripción Electrónicos  32-BIT LOOK-AHEAD CARRY GENERATORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74AS882ADW Datasheet(HTML) 5 Page - Texas Instruments

  SN74AS882ADW Datasheet HTML 1Page - Texas Instruments SN74AS882ADW Datasheet HTML 2Page - Texas Instruments SN74AS882ADW Datasheet HTML 3Page - Texas Instruments SN74AS882ADW Datasheet HTML 4Page - Texas Instruments SN74AS882ADW Datasheet HTML 5Page - Texas Instruments SN74AS882ADW Datasheet HTML 6Page - Texas Instruments SN74AS882ADW Datasheet HTML 7Page - Texas Instruments SN74AS882ADW Datasheet HTML 8Page - Texas Instruments SN74AS882ADW Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SN54AS882A, SN74AS882A
32-BIT LOOK-AHEAD CARRY GENERATORS
SDAS235 – D2661, DECEMBER 1982 – REVISED NOVEMBER 1985
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
5
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range:
SN54AS882A
– 55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74AS882A
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
recommended operating conditions
SN54AS882A
SN74AS882A
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
IOH
High-level output current
–2
–2
mA
IOL
Low-level output current
20
20
mA
TA
Operating free-air temperature
–55
125
0
70
°C


Número de pieza similar - SN74AS882ADW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AS882ADWR TI1-SN74AS882ADWR Datasheet
153Kb / 9P
[Old version datasheet]   32-BIT LOOK-AHEAD CARRY GENERATORS
More results

Descripción similar - SN74AS882ADW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AS882A TI1-SN74AS882A Datasheet
153Kb / 9P
[Old version datasheet]   32-BIT LOOK-AHEAD CARRY GENERATORS
SN54AS882A TI1-SN54AS882A_08 Datasheet
153Kb / 9P
[Old version datasheet]   32-BIT LOOK-AHEAD CARRY GENERATORS
SN54S182 TI-SN54S182 Datasheet
212Kb / 6P
[Old version datasheet]   LOOK-AHEAD CARRY GENERATORS
SN54S182 TI1-SN54S182_15 Datasheet
443Kb / 11P
[Old version datasheet]   LOOK-AHEAD CARRY GENERATORS
logo
National Semiconductor ...
DM54S182 NSC-DM54S182 Datasheet
119Kb / 4P
   LOOK - AHEAD CARRY GENERATORS
logo
Aeroflex Circuit Techno...
UT54ACS264 AEROFLEX-UT54ACS264 Datasheet
245Kb / 11P
   Look-Ahead Carry Generators for Counters
logo
NXP Semiconductors
74HC182 PHILIPS-74HC182 Datasheet
68Kb / 9P
   Look-ahead carry generator
December 1990
logo
Hitachi Semiconductor
HD74HC182 HITACHI-HD74HC182 Datasheet
56Kb / 9P
   Look-Ahead Carry Generator
logo
NXP Semiconductors
74F182 PHILIPS-74F182 Datasheet
56Kb / 6P
   Look-ahead carry generator
1991 Apr 15 2 853
logo
Motorola, Inc
MC145828B MOTOROLA-MC145828B Datasheet
106Kb / 6P
   LOOK-AHEAD CARRY BLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com