Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
Q1B685603K00D Datasheet(PDF) 1 Page - Vishay Siliconix |
|
Q1B685603K00D Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 7 page www.vishay.com 127 ETQW Vishay Roederstein Document Number 42075 Revision 15-Aug-02 For technical questions, contact eurotant@vishay.com Resin-Coated, Radial-Lead Tantalum Capacitors DIMENSIONS in millimeters • Flame retardant encapsulation • Practically without epoxy run down •Very high temperature range • Improved humidity class •Very low leakage current •Very high CV product • Close capacitance tolerance • Low temperature dependence •Very high operational reliability •Very low failure rate • Preaged under temperature and voltage FEATURES MODEL D MAX. H MAX. RM ØD ± 0.05 FORM DS FORM L H2 MAX RM H2 MAX RM ETQW — 1 4.5 7.5 2.5 0.5 10.5 5 10.5 5 ETQW — 2 5.0 9.5 2.5 0.5 12.5 5 12.5 5 ETQW — 3 6.0 10.5 2.5 0.5 13.5 5 13.5 5 ETQW — 4 6.5 11.5 2.5 0.5 14.5 5 14.5 5 ETQW — 5 9.0 14.0 5.0 0.5 17.0 5 - - ETQW — 6 9.5 17.0 5.0 0.5 20.0 5 - - Tantalum capacitors with sintered anode and solid semiconductor electrolyte with flame retardant fluidized bed coating. The type ETQW is characterized by very favorable electrical values even at higher ambient temperatures. The capacitor complies with DIN 45910 part 147. This type is also available as a radially taped version. ORDERING INFORMATION Q1B TYPE 685 CAPACITANCE 00 LEAD STYLES AND PACKAGING M = ± 20% K = ± 10% 603 M CAPACITANCE TOLERANCE DC VOLTAGE RATING @ + 85°C ETQW 1A .... ETQW 6R Expressed in picofarads.The first two digits are significant figures. The third is the number of zeros following. Expressed by zeros if needed to complete the 3 digit block. A decimal point is indicated by an “0“ (603 = 6.3 Volts) See Lead styles and packaging table FORM DS RM ± 0.5 D 1.1 ± 0.1 FORM L BASIC VERSION RM ± 0.5 D RM ± 0.5 D D ød MECHANICAL SPECIFICATIONS Colour: Gold Laser Marked: Capacity and voltage in clear text; Plus pole marked, Date code (year/month) according to DIN IEC 62 Leads : Tinned D |
Descripción similar - Q1B685603K00D |