Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC100LVE164 Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza MC100LVE164
Descripción Electrónicos  LOW VOLTAGE 16:1 MULTIPLEXER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVE164 Datasheet(HTML) 1 Page - ON Semiconductor

  MC100LVE164 Datasheet HTML 1Page - ON Semiconductor MC100LVE164 Datasheet HTML 2Page - ON Semiconductor MC100LVE164 Datasheet HTML 3Page - ON Semiconductor MC100LVE164 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
4–1
REV 1
© Motorola, Inc. 1996
6/95
Low Voltage 16:1 Multiplexer
The MC100LVE164 is a 16:1 multiplexer with a differential output. The
select inputs (SEL0, 1, 2, 3 ) control which one of the sixteen data inputs
(A0 – A15) is propagated to the output. The device is functionally
equivalent to the MC100E164 except it operates from a –3.3V supply.
The device is packaged in the 32–lead TQFP. The TQFP has a 7x7mm
body with a 0.8mm lead pitch.
Special attention to the design layout results in a typical skew between
the 16 inputs of only 50ps.
850ps Data Input to Output
Differential Output
Extended 100E VEE Range of –3.0V to –3.8V
Internal 75kΩ Input Pulldown Resistors
Q
Pinout: 32-Lead TQFP (Top View)
NC
A10
A9
A8
A7
A6
A5
NC
NC
SEL3
VCC
Q
SEL2
SEL1
SEL0
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
16
MC100LVE164
PIN NAMES
Pin
Function
A0 – A15
Data Inputs
SEL[0:3]
Select Inputs
Q, Q
Output
MC100LVE164
LOW VOLTAGE
16:1 MULTIPLEXER
FA SUFFIX
TQFP PACKAGE
CASE 873A–02
LOGIC DIAGRAM
A0
A1
A14
A15
SEL0
SEL1
SEL2
SEL3
Q
Q
16:1


Número de pieza similar - MC100LVE164

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100LVE164 ONSEMI-MC100LVE164 Datasheet
120Kb / 7P
   3.3V ECL 16:1 Multiplexer
November, 2006 ??Rev. 6
MC100LVE164FA ONSEMI-MC100LVE164FA Datasheet
120Kb / 7P
   3.3V ECL 16:1 Multiplexer
November, 2006 ??Rev. 6
MC100LVE164FAG ONSEMI-MC100LVE164FAG Datasheet
120Kb / 7P
   3.3V ECL 16:1 Multiplexer
November, 2006 ??Rev. 6
MC100LVE164FAR2 ONSEMI-MC100LVE164FAR2 Datasheet
120Kb / 7P
   3.3V ECL 16:1 Multiplexer
November, 2006 ??Rev. 6
MC100LVE164FAR2G ONSEMI-MC100LVE164FAR2G Datasheet
120Kb / 7P
   3.3V ECL 16:1 Multiplexer
November, 2006 ??Rev. 6
More results

Descripción similar - MC100LVE164

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micrel Semiconductor
SY10E164 MICREL-SY10E164 Datasheet
58Kb / 4P
   16:1 MULTIPLEXER
SY10E164 MICREL-SY10E164_06 Datasheet
59Kb / 4P
   16:1 MULTIPLEXER
logo
National Semiconductor ...
DM74LS450 NSC-DM74LS450 Datasheet
128Kb / 6P
   16:1 Multiplexer
logo
ON Semiconductor
MC10E164 ONSEMI-MC10E164 Datasheet
98Kb / 4P
   16:1 MULTIPLEXER
1996 REV 2
logo
Integrated Device Techn...
IDT74CBTLV3251 IDT-IDT74CBTLV3251_14 Datasheet
107Kb / 5P
   LOW-VOLTAGE 8:1 MULTIPLEXER/ DEMULTIPLEXER
logo
Renesas Technology Corp
74CBTLV3251 RENESAS-74CBTLV3251 Datasheet
280Kb / 6P
   LOW-VOLTAGE 8:1 MULTIPLEXER/ DEMULTIPLEXER
MAY 2019
logo
Integrated Device Techn...
IDT74CBTLV3251 IDT-IDT74CBTLV3251 Datasheet
156Kb / 5P
   LOW-VOLTAGE 8:1 MULTIPLEXER/ DEMULTIPLEXER
logo
Mitsubishi Electric Sem...
M69897VP MITSUBISHI-M69897VP Datasheet
61Kb / 10P
   16:1 2.488 Gbps Multiplexer
logo
Integrated Device Techn...
ICS850S1601I IDT-ICS850S1601I Datasheet
765Kb / 12P
   16:1 SINGLE-ENDED MULTIPLEXER
logo
ON Semiconductor
MC10E164 ONSEMI-MC10E164_06 Datasheet
125Kb / 9P
   5V ECL 16:1 Multiplexer
November, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com