Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC100LVE222FA Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza MC100LVE222FA
Descripción Electrónicos  Low Voltage 1:15 Differential 첨1첨2 ECL/PECL Clock Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVE222FA Datasheet(HTML) 4 Page - ON Semiconductor

  MC100LVE222FA Datasheet HTML 1Page - ON Semiconductor MC100LVE222FA Datasheet HTML 2Page - ON Semiconductor MC100LVE222FA Datasheet HTML 3Page - ON Semiconductor MC100LVE222FA Datasheet HTML 4Page - ON Semiconductor MC100LVE222FA Datasheet HTML 5Page - ON Semiconductor MC100LVE222FA Datasheet HTML 6Page - ON Semiconductor MC100LVE222FA Datasheet HTML 7Page - ON Semiconductor MC100LVE222FA Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC100LVE222
http://onsemi.com
4
ECL AC CHARACTERISTICS (VEE = VEE (min) to VEE (max); VCC = VCCO = GND)
–40
°C
0
°C
25
°C
70
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Condition
tPLH
tPHL
Propagation Delay to Out-
put
IN (differential)
IN (single–ended)
MR
1040
990
1100
1140
1140
1250
1240
1290
1400
1060
1010
1130
1160
1160
1280
1260
1310
1430
1080
1030
1170
1180
1180
1320
1280
1330
1470
1120
1070
1220
1220
1220
1370
1320
1370
1520
ps
Note 1.
Note 2.
tskew
Within–Device Skew
Part–to–Part Skew (Diff)
50
200
50
200
50
200
50
200
ps
Note 3.
VPP
Minimum Input Swing
400
400
400
400
mV
Note 4.
VCMR
Common Mode Range
VPP < 500mV
VEE
+1.3
–0.4
VEE
+1.2
–0.4
VEE
+1.2
–0.4
VEE
+1.2
–0.4
V
Note 5.
VPP ≥ 500mV
VEE
+1.6
–0.4
VEE
+1.5
–0.4
VEE
+1.5
–0.4
VEE
+1.5
–0.4
tr/tf
Output Rise/Fall Time
200
600
200
600
200
600
200
600
ps
20%–80%
1. The differential propagation delay is defined as the delay from the crossing points of the differential input signals to the crossing point of the
differential output signals.
2. The single-ended propagation delay is defined as the delay from the 50% point of the input signal to the 50% point of the output signal.
3. The within–device skew is defined as the worst case difference between any two similar delay paths within a single device.
4. VPP(min) is defined as the minimum input differential voltage which will cause no increase in the propagation delay. The VPP(min) is AC limited
for the LVE222. A differential input as low as 50 mV will still produce full ECL levels at the output.
5. VCMR is defined as the range within which the VIH level may vary, with the device still meeting the propagation delay specification. The VIL
level must be such that the peak to peak voltage is less than 1.0 V and greater than or equal to VPP(min).
PECL AC CHARACTERISTICS (VEE = GND; VCC = VCCO = VCC (min) to VCC (max))
–40
°C
0
°C
25
°C
70
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Condition
tPLH
tPHL
Propagation Delay to Out-
put
IN (differential)
IN (single–ended)
MR
1040
990
1100
1140
1140
1250
1240
1290
1400
1060
1010
1130
1160
1160
1280
1260
1310
1430
1080
1030
1170
1180
1180
1320
1280
1330
1470
1120
1070
1220
1220
1220
1370
1320
1370
1520
ps
Note 1.
Note 2.
tskew
Within–Device Skew
Part–to–Part Skew (Diff)
50
200
50
200
50
200
50
200
ps
Note 3.
VPP
Minimum Input Swing
400
400
400
400
mV
Note 4.
VCMR
Common Mode Range
VPP < 500mV
1.3
VCC
–0.4
1.2
VCC
–0.4
1.2
VCC
–0.4
1.2
VCC
–0.4
V
Note 5.
VPP ≥ 500mV
1.6
VCC
–0.4
1.5
VCC
–0.4
1.5
VCC
–0.4
1.5
VCC
–0.4
tr/tf
Output Rise/Fall Time
200
600
200
600
200
600
200
600
ps
20%–80%
1. The differential propagation delay is defined as the delay from the crossing points of the differential input signals to the crossing point of the
differential output signals.
2. The single-ended propagation delay is defined as the delay from the 50% point of the input signal to the 50% point of the output signal.
3. The within–device skew is defined as the worst case difference between any two similar delay paths within a single device.
4. VPP(min) is defined as the minimum input differential voltage which will cause no increase in the propagation delay. The VPP(min) is AC limited
for the LVE222. A differential input as low as 50 mV will still produce full ECL levels at the output.
5. VCMR is defined as the range within which the VIH level may vary, with the device still meeting the propagation delay specification. The VIL
level must be such that the peak to peak voltage is less than 1.0 V and greater than or equal to VPP(min).


Número de pieza similar - MC100LVE222FA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100LVE222FA ONSEMI-MC100LVE222FA Datasheet
102Kb / 8P
   3.3 V/5.0 V ECL 1:15 Differential 첨1/첨2 Clock Driver
October, 2005??Rev. 11
MC100LVE222FAG ONSEMI-MC100LVE222FAG Datasheet
102Kb / 8P
   3.3 V/5.0 V ECL 1:15 Differential 첨1/첨2 Clock Driver
October, 2005??Rev. 11
MC100LVE222FAR2 ONSEMI-MC100LVE222FAR2 Datasheet
102Kb / 8P
   3.3 V/5.0 V ECL 1:15 Differential 첨1/첨2 Clock Driver
October, 2005??Rev. 11
MC100LVE222FAR2G ONSEMI-MC100LVE222FAR2G Datasheet
102Kb / 8P
   3.3 V/5.0 V ECL 1:15 Differential 첨1/첨2 Clock Driver
October, 2005??Rev. 11
More results

Descripción similar - MC100LVE222FA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC100LVE111 MOTOROLA-MC100LVE111 Datasheet
88Kb / 5P
   LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
logo
Semtech Corporation
SK10LVE111 SEMTECH-SK10LVE111 Datasheet
150Kb / 6P
   Low Voltage 1:9 Differential ECL/ PECL Clock Driver
logo
ON Semiconductor
MC100LVE111 ONSEMI-MC100LVE111 Datasheet
64Kb / 8P
   LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
April, 2002 ??Rev. 5
logo
Semtech Corporation
SK100EP111 SEMTECH-SK100EP111 Datasheet
100Kb / 4P
   Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
SK10EP111 SEMTECH-SK10EP111 Datasheet
100Kb / 4P
   Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
logo
NXP Semiconductors
PCK210 PHILIPS-PCK210 Datasheet
93Kb / 10P
   Low voltage dual 1-5 differential ECL/PECL clock driver
2004 Apr 23
logo
Arizona Microtek, Inc
AZ10E111 AZM-AZ10E111 Datasheet
91Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver
AZ10LVE111 AZM-AZ10LVE111 Datasheet
84Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver
logo
ON Semiconductor
NB100LVEP222 ONSEMI-NB100LVEP222_15 Datasheet
140Kb / 13P
   Differential ECL/PECL Clock Driver
April, 2015??Rev. 13
logo
Motorola, Inc
MC100ES6222 MOTOROLA-MC100ES6222 Datasheet
300Kb / 12P
   Low Voltage 1:15 Differential ECL/PECL Clock Divider and Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com