Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DLFCV-1750 Datasheet(PDF) 2 Page - Mini-Circuits

No. de pieza DLFCV-1750
Descripción Electrónicos  Dual Low Pass Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MINI [Mini-Circuits]
Página de inicio  http://www.minicircuits.com
Logo MINI - Mini-Circuits

DLFCV-1750 Datasheet(HTML) 2 Page - Mini-Circuits

  DLFCV-1750 Datasheet HTML 1Page - Mini-Circuits DLFCV-1750 Datasheet HTML 2Page - Mini-Circuits DLFCV-1750 Datasheet HTML 3Page - Mini-Circuits DLFCV-1750 Datasheet HTML 4Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
50Ω
DC to 1750 MHz
Maximum Ratings
Ceramic
DLFCV-1750+
Dual Low Pass Filter
Applications
• Military Radio communication
• VHF/UHF transmitters/receivers
• Harmonic rejection
• Output of the A/D convertor
Electrical Specifications(1,2) at 25°C
Features
• Low insertion loss
• Small size
• Excellent return loss
• High rejection
CASE STYLE: JV1210C-6
Pin Connections
Typical Performance Data at 25°C
* Passband rating, derate linearly to 1.5W at 85°C ambient. Perma-
nent damage may occur if any of these limits are exceeded.
REV.OR
M172179
EDU3401
DLFCV-1750+
URJ
190311
Page 2 of 4
RF IN 1
RF IN 2
RF OUT 1
RF OUT 2
Filter 1
Filter 2
Functional Schematic
Outline Dimensions (
)
inch
mm
Outline Drawing
A
.126
3.20
B
.098
2.50
C
.039
1.00
D
.004
0.10
E
.022
0.56
F
.016
0.40
G
.039
1.00
H
.035
0.90
J
.200
5.08
K
.170
4.32
L
.103
2.62
M
.048
1.23
N
.052
1.32
P
.066
1.68
Q
.036
0.92
R
.053
1.35
S
.024
0.62
Wt.
grams
0.03
Demo Board MCL P/N: TB-1074+
Suggested PCB Layout (PL-600)
Operating Temperature
-40° to 85°C
Storage Temperature
-55°C to 100°C
RF Power Input*
3 W Max. at 25°C
A±.008
C±.004 MAX
B±.008
D MIN
E TYP
8 x F TYP
G TYP
H
J
K
L
P
Q
R
N
M
G
S
PCB LAND PATTERN
METALLIZATION
SUGGESTED LAYOUT
TOLERANCE TO BE WITHIN ±.002
INDEX
ALPHANUMERIC
MARKING MAY APPEAR
ON THE DEVICE SEE
SPECIFIC MODELS
2
13
4
6
7
5
8
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Parameter
F#
Frequency (MHz)
Min.
Typ.
Max.
Unit
Pass Band
Insertion Loss
DC-F1
DC-1750
1.5
2.5
dB
Freq. Cut-Off
F2
1900
3.0
dB
Amp Unbalance
DC-F1
DC-1750
0.2
dB
Pha Unbalance
DC-F1
DC-1750
3.0
deg
VSWR
DC-F1
DC-1750
1.5
:1
Stop Band
Insertion Loss
F3-F4
2500-5000
35
50
dB
F4-F5
5000-7000
33
dB
F5-F6
7000-10000
25
dB
Isolation (between
filters)
F3-F4
2500-5000
50
dB
VSWR
F3-F4
2500-5000
20
:1
Typical Frequency Response
F1 F2 F3
FREQUENCY (MHz)
DC
F5
F4
F6
(1) In Application where DC voltage is present at either input or output ports, coupling capacitors are required.
(2) Measured on Mini-Circuits Characterization Test Board TB-1074+.
RF IN1, RF IN2
1, 3
RF OUT1, RF OUT2
7, 5
GROUND
2, 4 ,6, 8
Freq.
Insertion Loss Isolation
(between
filters)
VSWR
Freq.
Amp
Unbal.
Phase
Unbal.
Group Delay
Filter1
Filter2
Filter1
Filter2
Filter1
Filter2
(MHz)
(dB)
(dB)
(dB)
(:1)
(:1)
(MHz)
(dB)
(deg)
(ns)
(ns)
10.0
0.11
0.11
87.77
1.02
1.02
10.0
0.003
0.04
0.26
0.28
100.0
0.15
0.16
79.19
1.03
1.04
40.0
0.001
0.00
0.30
0.30
500.0
0.29
0.29
63.93
1.14
1.15
60.0
0.004
0.04
0.30
0.30
1000.0
0.53
0.52
53.94
1.34
1.35
100.0
0.007
0.07
0.30
0.30
1500.0
0.95
0.95
46.85
1.45
1.49
140.0
0.005
0.13
0.30
0.30
1750.0
1.35
1.32
46.48
1.24
1.28
200.0
0.007
0.21
0.30
0.30
1900.0
2.23
2.19
48.56
1.22
1.31
260.0
0.004
0.26
0.30
0.30
1950.0
3.21
3.19
47.55
1.60
1.75
300.0
0.002
0.29
0.30
0.30
2100.0
14.17
13.63
46.63
5.16
5.26
350.0
0.002
0.34
0.30
0.30
2150.0
20.69
19.75
48.93
6.88
6.57
400.0
0.001
0.38
0.30
0.30
2210.0
30.19
28.78
52.62
9.01
8.04
450.0
0.000
0.41
0.31
0.30
2220.0
32.03
30.53
53.38
9.39
8.29
500.0
0.003
0.45
0.31
0.31
2400.0
47.89
46.03
73.63
17.08
14.03
600.0
0.004
0.53
0.32
0.32
2500.0
56.71
52.69
64.96
22.32
18.39
700.0
0.005
0.61
0.33
0.33
4900.0
51.14
55.02
52.53
61.70
66.16
800.0
0.005
0.70
0.34
0.34
5000.0
48.85
49.66
48.84
60.58
64.82
900.0
0.006
0.77
0.36
0.35
5500.0
46.75
48.01
47.55
60.89
62.75
1000.0
0.008
0.85
0.37
0.37
6000.0
43.54
44.63
45.08
58.62
62.63
1250.0
0.008
1.08
0.44
0.44
7000.0
37.35
37.19
41.36
55.74
50.45
1500.0
0.002
1.43
0.57
0.56
8000.0
31.66
30.88
34.28
46.88
45.70
1600.0
0.005
1.67
0.66
0.65
9000.0
28.34
29.22
36.95
150.58
109.47
1700.0
0.013
1.96
0.79
0.78
10000.0
29.69
31.02
40.62
95.46
116.97
1750.0
0.025
2.13
0.88
0.87


Número de pieza similar - DLFCV-1750

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mini-Circuits
DLFCV-1000 MINI-DLFCV-1000 Datasheet
668Kb / 4P
   Dual Low Pass Filter
DLFCV-1000++ MINI-DLFCV-1000+ Datasheet
668Kb / 4P
   Dual Low Pass Filter
More results

Descripción similar - DLFCV-1750

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mini-Circuits
LPFD-7080 MINI-LPFD-7080 Datasheet
513Kb / 3P
   Dual Low Pass Filter
LPFD-3040 MINI-LPFD-3040 Datasheet
509Kb / 3P
   Dual Low Pass Filter
DLFCV-1000 MINI-DLFCV-1000 Datasheet
668Kb / 4P
   Dual Low Pass Filter
logo
Melexis Microelectronic...
TH7301 MELEXIS-TH7301 Datasheet
280Kb / 14P
   Dual-Channel Programmable Low-Pass Filter
logo
List of Unclassifed Man...
TH7301 ETC1-TH7301 Datasheet
279Kb / 14P
   Dual-Channel Programmable Low-Pass Filter
logo
Mini-Circuits
LFCN-630 MINI-LFCN-630 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-900 MINI-LFCN-900 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-1325 MINI-LFCN-1325 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-2750 MINI-LFCN-2750 Datasheet
139Kb / 1P
   Low Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FLS-570 SYNERGY-FLS-570 Datasheet
412Kb / 4P
   LOW PASS filter
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com