Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EQY-2-24 Datasheet(PDF) 1 Page - Mini-Circuits

No. de pieza EQY-2-24
Descripción Electrónicos  Gain Equalizer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MINI [Mini-Circuits]
Página de inicio  http://www.minicircuits.com
Logo MINI - Mini-Circuits

EQY-2-24 Datasheet(HTML) 1 Page - Mini-Circuits

  EQY-2-24 Datasheet HTML 1Page - Mini-Circuits EQY-2-24 Datasheet HTML 2Page - Mini-Circuits EQY-2-24 Datasheet HTML 3Page - Mini-Circuits EQY-2-24 Datasheet HTML 4Page - Mini-Circuits EQY-2-24 Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page 1 of 5
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Gain Equalizers
The Big Deal
• Excellent Return Loss, 20dB typ.
• Wide bandwidth, DC - 20 GHz
• Small Size, 2 mm x 2 mm
Product Overview
EQY-XX-24+ Series of absorptive Gain Equalizers are fabricated using highly repetitive GaAs IPD* MMIC
process incorporating resistors, capacitors and inductors having negative insertion loss slope. EQYs are
available with nominal attenuation slope of 0,2,3,5,6,8,10,12 dB. They are packaged in tiny 2 x 2 mm
8-Lead MCLPTM package.
Feature
Advantages
Negative Insertion Loss Slope vs.
Frequency
Useful for compesating negative gain slope of amplifiers, receivers, transmitters to
achieve flat gain versus frequency.
Wide range of values
0,2,3,5,6,8,10,12 dB
Enables circuit designer to change nominal insertion loss values without mother-
board redesign making the EQY-XX-24+ Series ideal for select at test application.
Wideband operation, DC to 20 GHz
Supports a wide array of applications including wireless cellular, microwave communi-
cations, satellite, defense and aerospace, medical broadband and optic applications.
Excellent Power Handling Capability
Enables its use at the output of a variety of amplfiers
Small Size and simple to use
(2 mm x 2 mm)
As a single chip solution, the EQY-XX-24+ Series occupies less board space than
a lumped element approach, minimizes component count and ensures repeatable
performance over wide frequency range.
Key Features
EQY-XX-24+ Series
50Ω
DC to 20 GHz
Microwave
CASE STYLE: MC1631-1
*GaAs IPD (Gallium Arsenide Integrated Passive Device)


Número de pieza similar - EQY-2-24

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mini-Circuits
EQY-2-63 MINI-EQY-2-63 Datasheet
264Kb / 5P
   Gain Equalizers
EQY-2-63++ MINI-EQY-2-63+ Datasheet
264Kb / 5P
   Gain Equalizers
EQY-2-63-D MINI-EQY-2-63-D Datasheet
260Kb / 5P
   Gain Equalizer Die
EQY-2-63-D++ MINI-EQY-2-63-D+ Datasheet
260Kb / 5P
   Gain Equalizer Die
More results

Descripción similar - EQY-2-24

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mini-Circuits
VEQY-1-63 MINI-VEQY-1-63 Datasheet
256Kb / 3P
   Gain Equalizer
EQY-10-24 MINI-EQY-10-24 Datasheet
278Kb / 5P
   Gain Equalizer
VEQY-2-63 MINI-VEQY-2-63 Datasheet
253Kb / 3P
   Gain Equalizer
VEQY-4-63 MINI-VEQY-4-63 Datasheet
254Kb / 3P
   Gain Equalizer
EQY-18-24++ MINI-EQY-18-24+ Datasheet
478Kb / 5P
   Gain Equalizer
REV. A
EQY-6-24 MINI-EQY-6-24 Datasheet
278Kb / 5P
   Gain Equalizer
EQY-8-24 MINI-EQY-8-24 Datasheet
278Kb / 5P
   Gain Equalizer
VEQY-6-63 MINI-VEQY-6-63 Datasheet
252Kb / 3P
   Gain Equalizer
VEQY-3-63 MINI-VEQY-3-63 Datasheet
255Kb / 3P
   Gain Equalizer
VEQY-8-63 MINI-VEQY-8-63 Datasheet
254Kb / 3P
   Gain Equalizer
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com