Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SM20MT05C Datasheet(PDF) 2 Page - Protek Devices |
|
SM20MT05C Datasheet(HTML) 2 Page - Protek Devices |
2 / 4 page 2 www.protekdevices.com 05079.R4 9/03 SM20MT05C thru SM20MT24C DEVICE CHARACTERISTICS MAXIMUM RATINGS @ 25°C Unless Otherwise Specified Operating Temperature SYMBOL VALUE -55°C to 150°C°C °C -55°C to 150°C UNITS T J TSTG PARAMETER Storage Temperature Peak Pulse Power (t p = 8/20µs) - See Figure 1 P PP 1500 Watts ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified PART NUMBER (See Note 1) RATED STAND-OFF VOLTAGE V WM VOLTS MINIMUM BREAKDOWN VOLTAGE @ 1mA V (BR) VOLTS MAXIMUM CLAMPING VOLTAGE (See Fig. 2) @ I PP = 10A V C VOLTS SM20MT05C SM20MT08C SM20MT15C SM20MT24C 5.0 8.0 15.0 24.0 6.5 10.0 18.0 25.0 9.5 13.0 23.0 31.0 11.0 12.0 26.0 36.0 MAXIMUM LEAKAGE CURRENT @V WM I D µA MAXIMUM CAPACITANCE @ 0V, 1 MHz C J pF 50 10 4 4 700 360 250 140 Note 1: These devices are bidirectional only. Electrical characteristics apply in both directions. The monolithic TVS array is based on 10 unidirec- tional P/N junctions with a common cathode and can be configured to offer 8 to 9 bidirectional lines of protection. The inputs are symmetrical and can be reversed for specific application layout requirements. MAXIMUM CLAMPING VOLTAGE (See Fig. 2) @ 8/20µs V C @ IPP |
Número de pieza similar - SM20MT05C |
|
Descripción similar - SM20MT05C |