Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC100LVEL58 Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza MC100LVEL58
Descripción Electrónicos  2:1 Multiplexer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL58 Datasheet(HTML) 1 Page - ON Semiconductor

  MC100LVEL58 Datasheet HTML 1Page - ON Semiconductor MC100LVEL58 Datasheet HTML 2Page - ON Semiconductor MC100LVEL58 Datasheet HTML 3Page - ON Semiconductor MC100LVEL58 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 1999
February, 2000 – Rev. 1
1
Publication Order Number:
MC100LVEL58/D
MC100LVEL58
2:1 Multiplexer
The MC100LVEL58 is a 2:1 multiplexer. The device is pin and
functionally equivalent to the EL58 and works from a –3.3V supply.
With AC performance similar to the EL58 device, the LVEL58 is ideal
for low voltage applications which require the ultimate in AC
performance.
440ps Typical Propagation Delays
High Bandwidth Output Transitions
PECL mode: 3.0V to 5.5V VCC with VEE = 0V
ECL mode: 0V VCC with VEE = –3.0V to –5.5V
75kW Internal Input Pulldown Resistors
>4000V ESD Protection
Moisture Sensitivity Level 1, Indefinite Time Out of Drypack
For Additional Information, See Application Note AND8003/D
Flammability Rating: UL–94 code V–0 @ 1/8”,
Oxygen Index 28 to 34
Transistor Count: 729 devices
Logic Diagram and Pinout: 8–Lead SOIC (Top View)
4
3
8
7
6
5
2
1
1
0
VCC
MUX
NC
Da
Db
SEL
Q
Q
VEE
http://onsemi.com
SEL
H
L
TRUTH TABLE
Data
a
b
PIN NAMES
Function
Data Inputs
Data Outputs
Pins
Da, Db
Q
MARKING DIAGRAM*
KVL58
ALYW
1
8
A = Assembly Location
L = Wafer Lot
Y = Year
W = Work Week
*For additional information, see Application Note
AND8002/D
SO–8
D SUFFIX
CASE 751
1
8
Device
Package
Shipping
ORDERING INFORMATION
MC100LVEL58D
SO–8
98 Units / Rail
MC100LVEL58DR2
SO–8
2500 Units / Reel


Número de pieza similar - MC100LVEL58

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100LVEL58 ONSEMI-MC100LVEL58 Datasheet
127Kb / 7P
   3.3V ECL 2:1 Multiplexer
November, 2006 ??Rev. 5
MC100LVEL58 ONSEMI-MC100LVEL58 Datasheet
150Kb / 6P
   3.3V ECL 2:1 Multiplexer
July, 2016 ??Rev. 7
MC100LVEL58D ONSEMI-MC100LVEL58D Datasheet
127Kb / 7P
   3.3V ECL 2:1 Multiplexer
November, 2006 ??Rev. 5
MC100LVEL58D ONSEMI-MC100LVEL58D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100LVEL58DG ONSEMI-MC100LVEL58DG Datasheet
127Kb / 7P
   3.3V ECL 2:1 Multiplexer
November, 2006 ??Rev. 5
More results

Descripción similar - MC100LVEL58

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10EL58 ONSEMI-MC10EL58 Datasheet
72Kb / 2P
   2:1 Multiplexer
1996 REV 2
logo
Micrel Semiconductor
SY10EL58 MICREL-SY10EL58_05 Datasheet
49Kb / 4P
   2:1 MULTIPLEXER
logo
ON Semiconductor
MC10EP58 ONSEMI-MC10EP58 Datasheet
80Kb / 8P
   2:1 Multiplexer
Sep, 1999 ??Rev. 1.0
logo
Micrel Semiconductor
SY10EL58 MICREL-SY10EL58 Datasheet
47Kb / 4P
   2:1 MULTIPLEXER
logo
ON Semiconductor
NLASB3157 ONSEMI-NLASB3157 Datasheet
70Kb / 10P
   2:1 Multiplexer
April, 2004 ??Rev. 6
logo
NXP Semiconductors
CBTL04DP211BS-518 NXP-CBTL04DP211BS-518 Datasheet
256Kb / 18P
   DisplayPort 2 : 1 multiplexer
Rev. 2-13 April 2012
logo
ON Semiconductor
MC10EP58 ONSEMI-MC10EP58_16 Datasheet
169Kb / 10P
   ECL 2:1 Multiplexer
August, 2016 ??Rev. 8
logo
Motorola, Inc
MC10E157 MOTOROLA-MC10E157 Datasheet
99Kb / 4P
   QUAD 2:1 MULTIPLEXER
logo
Micrel Semiconductor
SY10E157 MICREL-SY10E157_06 Datasheet
65Kb / 4P
   QUAD 2:1 MULTIPLEXER
logo
ON Semiconductor
MC10E157 ONSEMI-MC10E157 Datasheet
99Kb / 4P
   QUAD 2:1 MULTIPLEXER
1996 REV 2
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com