Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMC7585-X-XT Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

No. de pieza AMC7585-X-XT
Descripción Electrónicos  5A LOW DROPOUT REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

AMC7585-X-XT Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AMC7585-X-XT Datasheet HTML 2Page - List of Unclassifed Manufacturers AMC7585-X-XT Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC7585-X-XT Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC7585-X-XT Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC7585-X-XT Datasheet HTML 6Page - List of Unclassifed Manufacturers AMC7585-X-XT Datasheet HTML 7Page - List of Unclassifed Manufacturers AMC7585-X-XT Datasheet HTML 8Page - List of Unclassifed Manufacturers AMC7585-X-XT Datasheet HTML 9Page - List of Unclassifed Manufacturers AMC7585-X-XT Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AMC DOC. #: AMC7585_E (LF)
AMC7585
Feb
2005
5A LOW DROPOUT REGULATOR
Copyright
© 2002, ADD Microtech Corp.
8
www.addmtek.com
3-Pin Plastic TO-220 (T)
INCHES
MILLIMETERS
MIN
TYP
MAX
MIN
TYP
MAX
A
0.140
-
0.190
3.56
-
4.83
b1 0.045
-
0.070
1.14
-
1.78
b
0.020
-
0.045
0.51
-
1.14
c
0.012
-
0.045
0.30
-
1.14
D
0.560
-
0.650 14.22
-
16.51
E
0.380
-
0.420
9.65
-
10.67
e
0.090
-
0.110
2.29
-
2.79
e1 0.190
-
0.210
4.83
-
5.33
F
0.020
0.055
0.51
-
1.40
H1 0.230
-
0.270
5.84
-
6.86
J1 0.080
-
0.115
2.03
-
2.92
L
0.500
-
0.580
12.7
-
14.73
P
0.139
-
0.161
3.53
-
4.09
Q
0.100
-
0.135
2.54
-
3.43
L1
-
-
0.250
-
-
6.35
E
b
e1
P
e
b1
Q
D
L
c
J1
F
A
H1
SEATING PLAN
L1
3-Pin Surface Mount TO-263 (ST)
INCHES
MILLIMETERS
MIN
TYP
MAX
MIN
TYP
MAX
A
0.160
-
0.190
4.06
-
4.83
b
0.020
-
0.039
0.51
-
0.99
b2 0.045
-
0.055
1.14
-
1.40
c
0.015 TYP.
0.38 TYP.
c2 0.045
-
0.055
1.14
-
1.40
D
0.340
-
0.380
8.64
-
9.65
E
0.380
-
0.405
9.65
-
10.29
e
0.100 BSC
2.54 BSC
L
0.575
-
0.625 14.61
-
15.88
L1 0.090
-
0.110
2.29
-
2.79
L2
-
-
0.115
-
-
2.92
L3 0.050
-
0.070
1.27
-
1.78
E
b
b2
e
L
L1
c
D
L3
c2
A


Número de pieza similar - AMC7585-X-XT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ADDtek Corp
AMC7585-X.XSJ ADDTEK-AMC7585-X.XSJ Datasheet
136Kb / 10P
   5A LOW DROPOUT REGULATOR
OCTOBER 2007
AMC7585-X.XSJF ADDTEK-AMC7585-X.XSJF Datasheet
136Kb / 10P
   5A LOW DROPOUT REGULATOR
OCTOBER 2007
AMC7585-X.XST ADDTEK-AMC7585-X.XST Datasheet
136Kb / 10P
   5A LOW DROPOUT REGULATOR
OCTOBER 2007
AMC7585-X.XSTF ADDTEK-AMC7585-X.XSTF Datasheet
136Kb / 10P
   5A LOW DROPOUT REGULATOR
OCTOBER 2007
AMC7585-X.XT ADDTEK-AMC7585-X.XT Datasheet
136Kb / 10P
   5A LOW DROPOUT REGULATOR
OCTOBER 2007
More results

Descripción similar - AMC7585-X-XT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
AMC7581 ETC-AMC7581 Datasheet
297Kb / 12P
   5A LOW DROPOUT REGULATOR
logo
ADDtek Corp
AMC7585 ADDTEK-AMC7585 Datasheet
136Kb / 10P
   5A LOW DROPOUT REGULATOR
OCTOBER 2007
logo
IK Semicon Co., Ltd
IL1084-XX IKSEMICON-IL1084-XX Datasheet
459Kb / 15P
   5A LOW DROPOUT POSITIVE REGULATOR
logo
Exar Corporation
SPX29501 EXAR-SPX29501 Datasheet
724Kb / 9P
   5A Low Dropout Voltage Regulator
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
   5A Low Dropout Linear Regulator
logo
Exar Corporation
SPX1585 EXAR-SPX1585 Datasheet
344Kb / 7P
   5A Low Dropout Voltage Regulator
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
   5A Low-Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1084 ADMOS-AMS1084_05 Datasheet
192Kb / 9P
   5A LOW DROPOUT VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com