Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MC100LVELT22 Datasheet(PDF) 3 Page - ON Semiconductor |
|
MC100LVELT22 Datasheet(HTML) 3 Page - ON Semiconductor |
3 / 3 page MC100LVELT22 3–3 MOTOROLA ECLinPS and ECLinPS Lite DL140 — Rev 3 OUTLINE DIMENSIONS D SUFFIX PLASTIC SOIC PACKAGE CASE 751–05 ISSUE P SEATING PLANE 1 4 5 8 A 0.25 (0.010) M TB SS 8X D M J _ –A– –B– –T– DIM MIN MAX MILLIMETERS A 4.80 5.00 B 3.80 4.00 C 1.35 1.75 D 0.35 0.49 F 0.40 1.25 G 1.27 BSC J 0.18 0.25 K 0.10 0.25 M 0 7 P 5.80 6.20 R 0.25 0.50 _ _ G NOTES: 1. DIMENSIONS A AND B ARE DATUMS AND T IS A DATUM SURFACE. 2. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 3. DIMENSIONS ARE IN MILLIMETER. 4. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 5. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE. 6. DIMENSION D DOES NOT INCLUDE MOLD PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; JAPAN: Nippon Motorola Ltd.; Tatsumi–SPD–JLDC, 6F Seibu–Butsuryu–Center, P.O. Box 5405; Denver, Colorado 80217. 303–675–2140 or 1–800–441–2447 3–14–2 Tatsumi Koto–Ku, Tokyo 135, Japan. 81–3–3521–8315 Mfax ™: RMFAX0@email.sps.mot.com – TOUCHTONE 602–244–6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, INTERNET: http://Design–NET.com 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298 MC100LVELT22/D ◊ |
Número de pieza similar - MC100LVELT22 |
|
Descripción similar - MC100LVELT22 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |