Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM24C16A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza FM24C16A
Descripción Electrónicos  16Kb FRAM Serial Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

FM24C16A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FM24C16A Datasheet HTML 1Page - List of Unclassifed Manufacturers FM24C16A Datasheet HTML 2Page - List of Unclassifed Manufacturers FM24C16A Datasheet HTML 3Page - List of Unclassifed Manufacturers FM24C16A Datasheet HTML 4Page - List of Unclassifed Manufacturers FM24C16A Datasheet HTML 5Page - List of Unclassifed Manufacturers FM24C16A Datasheet HTML 6Page - List of Unclassifed Manufacturers FM24C16A Datasheet HTML 7Page - List of Unclassifed Manufacturers FM24C16A Datasheet HTML 8Page - List of Unclassifed Manufacturers FM24C16A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Product Preview
This is a product that is under development. Characteristic data and
Ramtron International Corporation
and other specifications are design goals. Ramtron reserves the right
1850 Ramtron Drive, Colorado Springs, CO 80921
to change or discontinue this product without notice.
(800) 545-FRAM, (719) 481-7000, Fax (719) 481-7058
Rev. 0.1
www.ramtron.com
June 2002
Page 1 of 13
FM24C16A
16Kb FRAM Serial Memory
Features
16K bit Ferroelectric Nonvolatile RAM
Organized as 2,048 x 8 bits
High Endurance (10
12) Read/Write Cycles
10 year Data Retention
NoDelay™ Writes
Advanced High-Reliability Ferroelectric Process
Fast Two-wire Serial Interface
Up to 1MHz maximum bus frequency
Direct hardware replacement for EEPROM
Low Power Operation
5V operation
150
µA Active Current (100 kHz)
10
µA Standby Current
Industry Standard Configuration
Industrial Temperature -40
° C to +85° C
8-pin SOIC
Description
The FM24C16A is a 16-kilobit nonvolatile memory
employing an advanced ferroelectric process. A
ferroelectric random access memory or FRAM is
nonvolatile and performs reads and writes like a
RAM. It provides reliable data retention for over 10
years while eliminating the complexities, overhead,
and system level reliability problems caused by
EEPROM and other nonvolatile memories.
Unlike serial EEPROMs, the FM24C16A performs
write operations at bus speed. No write delays are
incurred. The next bus cycle may commence
immediately without the need for data polling. The
FM24C16A is capable of supporting 10
12 read/write
cycles, or a million times more write cycles than
EEPROM.
These capabilities make the FM24C16A ideal for
nonvolatile memory applications requiring frequent
or rapid writes. Examples range from data collection
where the number of write cycles may be critical, to
demanding industrial controls where the long write
time
of
EEPROM
can
cause
data
loss.
The
combination of features allows the system to write
data more frequently, with less system overhead.
The FM24C16A provides substantial benefits to users
of serial EEPROM, and these benefits are available as
a hardware drop-in replacement. The FM24C16A is
available in an industry standard 8-pin SOIC and uses
a
two-wire
protocol.
The
specifications
are
guaranteed over the industrial temperature range from
-40°C to +85°C.
Pin Configuration
Pin Names
Function
SDA
Serial Data/Address
SCL
Serial Clock
WP
Write Protect
VDD
Supply Voltage
VSS
Ground
Ordering Information
FM24C16A-S
8-pin SOIC
VSS
SDA
SCL
NC
WP
VDD
NC
NC
1
2
3
4
8
7
6
5


Número de pieza similar - FM24C16A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ramtron International C...
FM24C16A RAMTRON-FM24C16A Datasheet
93Kb / 12P
   16Kb FRAM Serial Memory
FM24C16A-G RAMTRON-FM24C16A-G Datasheet
93Kb / 12P
   16Kb FRAM Serial Memory
FM24C16A-S RAMTRON-FM24C16A-S Datasheet
93Kb / 12P
   16Kb FRAM Serial Memory
FM24C16A RAMTRON-FM24C16A_05 Datasheet
93Kb / 12P
   16Kb FRAM Serial Memory
More results

Descripción similar - FM24C16A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
FM25160 ETC-FM25160 Datasheet
638Kb / 14P
   16Kb FRAM Serial Memory
FM25C160 ETC1-FM25C160 Datasheet
154Kb / 14P
   16Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C16A RAMTRON-FM24C16A_05 Datasheet
93Kb / 12P
   16Kb FRAM Serial Memory
FM25C160 RAMTRON-FM25C160 Datasheet
149Kb / 13P
   16Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24CL16 ETC-FM24CL16 Datasheet
90Kb / 13P
   16Kb FRAM Serial 3V Memory
FM25L16 ETC-FM25L16 Datasheet
149Kb / 14P
   16Kb FRAM Serial 3V Memory
logo
Ramtron International C...
FM25L16 RAMTRON-FM25L16_06 Datasheet
146Kb / 14P
   16Kb FRAM Serial 3V Memory
FM24CL16 RAMTRON-FM24CL16_05 Datasheet
107Kb / 13P
   16Kb FRAM Se rial 3V Memory
FM24CL04 RAMTRON-FM24CL04_05 Datasheet
116Kb / 11P
   4Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640 Datasheet
131Kb / 14P
   64Kb FRAM Serial Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13