Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML2254 Datasheet(PDF) 9 Page - OKI electronic componets

No. de pieza ML2254
Descripción Electrónicos  2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OKI [OKI electronic componets]
Página de inicio  http://www.oki.com
Logo OKI - OKI electronic componets

ML2254 Datasheet(HTML) 9 Page - OKI electronic componets

Back Button ML2254 Datasheet HTML 5Page - OKI electronic componets ML2254 Datasheet HTML 6Page - OKI electronic componets ML2254 Datasheet HTML 7Page - OKI electronic componets ML2254 Datasheet HTML 8Page - OKI electronic componets ML2254 Datasheet HTML 9Page - OKI electronic componets ML2254 Datasheet HTML 10Page - OKI electronic componets ML2254 Datasheet HTML 11Page - OKI electronic componets ML2254 Datasheet HTML 12Page - OKI electronic componets ML2254 Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
FEDL2250DIGEST-01
OKI Semiconductor
ML2252/54-XXX, ML22Q54
9/31
Pin
Symbol
Type
Description
24
D6/SCK
I/O
CPU interface data bus pin in the parallel input interface.
Usually outputs “L” level when
RD = “L” level.
Works as serial clock input pin in the serial input interface.
When the SCK input is at “L” level on the falling edge of
CS, the DI input
is captured in the device on the rising edge of SCK clock. And when the
SCK input is at “H” level on the falling edge of
CS, the DI input is
captured on the falling edge of SCK clock.
26
D7/DI
I/O
CPU interface data bus pin in the parallel input interface.
Usually output “L” level when
RD is at “L” level.
Works as serial data input pin in the serial input interface.
28
OUT(+)/DAO
O
When OPTANA pin is at “H” level, this OUT(+)/DAO pin outputs PWM
(positive phase) of 1-bit DAC.
When OPTANA pin is at “L” level, the OUT(+)/DAO pin outputs analog
signal of 14-bit DAC.
29
OUT(–)/AOUT
O
When OPTANA pin is at “H” level, this OUT(–)/AOUT pin outputs PWM
(reverse phase) of 1-bit DAC.
When OPTANA pin is at “L” level, the OUT(–)/AOUT pin usually outputs
the analog signal of 14-bit DAC via voltage follower.
32
SERIAL
I
CPU interface switching pin.
Serial input interface at “H” level. And parallel input interface at “L” level.
36
CS
I
CPU interface chip select pin.
When
CS pin is at “H” level, the WR, DW, and RD signals cannot be
input to the device.
37
OPTANA
I
Analog output/PWM output select signal.
When OPTANA pin is at “H” level, the PWM of 1-bit DAC outputs from
OUT(+)/DAO and OUT(–)/AOUT pins.
When OPTANA pin is at “L” level, the analog signal of 14-bit DAC is
output from OUT(+)/DAO pin and from OUT(–)/AOUT pin via voltage
follower.
42
WR
I
CPU interface write signal.
When
CS pin is at “H” level, the WR signal cannot be input to the device.
2
DW
I
Data write signal when using EXT command for the voice output.
Set the pin to “H” level when not using EXT command.
When
CS pin is at “H” level, the DW signal cannot be input to the device.
This pin has a pull-up resistor built in.
6
RD
I
CPU interface read signal.
When
CS pin is at “H” level, the RD signal cannot be input to the device.
This pin has a pull-up resistor built in.
7, 8
TESTO1
TESTO2
O
Output pin for testing.
Keep this pin open.
30
AVDD
Analog power supply pin.
Insert a 0.1
µF or larger bypass capacitor between this pin and AGND
pin.
13, 40
DVDD
Digital power supply pin.
Insert a 0.1
µF or larger bypass capacitor between this pin and DGND
pin.
27
AGND
Analog ground pin.
17, 31, 39
DGND
Digital ground pin.


Número de pieza similar - ML2254

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OKI electronic componet...
ML2254-XXXGA OKI-ML2254-XXXGA Datasheet
623Kb / 36P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML2254-XXXHB OKI-ML2254-XXXHB Datasheet
623Kb / 36P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
More results

Descripción similar - ML2254

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OKI electronic componet...
ML2250 OKI-ML2250 Datasheet
623Kb / 36P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML2240 OKI-ML2240 Datasheet
186Kb / 24P
   4-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
logo
List of Unclassifed Man...
ML22808 ETC2-ML22808 Datasheet
601Kb / 41P
   LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
FEDL2280X-04 ETC2-FEDL2280X-04 Datasheet
584Kb / 41P
   LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
logo
OKI electronic componet...
MSM9811 OKI-MSM9811 Datasheet
331Kb / 44P
   4-Channel Mixing OKI ADPCM Type Voice Synthesis LSI
MSM9810B OKI-MSM9810B Datasheet
337Kb / 44P
   8-Channel Mixing OKI ADPCM Type Voice Synthesis LSI
MSM9810 OKI-MSM9810 Datasheet
184Kb / 32P
   8-channel Mixing OKI ADPCM Type Voice Synthesis LSI
logo
List of Unclassifed Man...
ML22Q374 ETC2-ML22Q374 Datasheet
502Kb / 35P
   ADPCM Speech Synthesis LSI
FEDL22330-02 ETC2-FEDL22330-02 Datasheet
1Mb / 39P
   ADPCM Speech Synthesis LSI
FEDL22Q374-03 ETC2-FEDL22Q374-03 Datasheet
859Kb / 35P
   ADPCM Speech Synthesis LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com