Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74ALVCF162835DLR Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza SN74ALVCF162835DLR
Descripción Electrónicos  3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVCF162835DLR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74ALVCF162835DLR Datasheet HTML 3Page - Texas Instruments SN74ALVCF162835DLR Datasheet HTML 4Page - Texas Instruments SN74ALVCF162835DLR Datasheet HTML 5Page - Texas Instruments SN74ALVCF162835DLR Datasheet HTML 6Page - Texas Instruments SN74ALVCF162835DLR Datasheet HTML 7Page - Texas Instruments SN74ALVCF162835DLR Datasheet HTML 8Page - Texas Instruments SN74ALVCF162835DLR Datasheet HTML 9Page - Texas Instruments SN74ALVCF162835DLR Datasheet HTML 10Page - Texas Instruments SN74ALVCF162835DLR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
VOH
VOL
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
6 V
Open
GND
500
500
tPLH
tPHL
Output
Control
(low-level
enabling)
Output
Waveform 1
S1 at 6 V
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
tPZL
tPZH
tPLZ
tPHZ
1.5 V
1.5 V
1.5 V
1.5 V
2.7 V
0 V
1.5 V
1.5 V
VOH
VOL
0 V
1.5 V
VOL + 0.3 V
1.5 V
VOH − 0.3 V
0 V
1.5 V
2.7 V
0 V
0 V
2.7 V
0 V
Input
2.7 V
2.7 V
3 V
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VOLTAGE WAVEFORMS
PULSE DURATION
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
Timing
Input
Data
Input
Output
Input
tpd
tPLZ/tPZL
tPHZ/tPZH
Open
6 V
GND
TEST
S1
1.5 V
1.5 V
tw
th
tsu
1.5 V
1.5 V
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time, with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
SN74ALVCF162835
3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER
WITH 3-STATE OUTPUTS
SCES397A – JULY 2002 – REVISED AUGUST 2004
VCC = 2.7 V AND 3.3 V ± 0.3 V
Figure 2. Load Circuit and Voltage Waveforms
7


Número de pieza similar - SN74ALVCF162835DLR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ALVCF162835DLR TI-SN74ALVCF162835DLR Datasheet
322Kb / 14P
[Old version datasheet]   3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results

Descripción similar - SN74ALVCF162835DLR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ALVCF162835 TI-SN74ALVCF162835_07 Datasheet
322Kb / 14P
[Old version datasheet]   3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCF162834 TI1-SN74ALVCF162834 Datasheet
478Kb / 14P
[Old version datasheet]   3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74LVTH16835-EP TI1-SN74LVTH16835-EP Datasheet
309Kb / 11P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74LVT16835 TI-SN74LVT16835 Datasheet
109Kb / 7P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Integrated Device Techn...
IDT74ALVCF162835A IDT-IDT74ALVCF162835A Datasheet
73Kb / 6P
   3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
IDT74ALVC162835 IDT-IDT74ALVC162835 Datasheet
71Kb / 6P
   3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
IDT74ALVC16835 RENESAS-IDT74ALVC16835 Datasheet
282Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
JUNE 2009
IDT74ALVCF162835A RENESAS-IDT74ALVCF162835A Datasheet
278Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
NOVEMBER 2008
logo
Hitachi Semiconductor
HD74ALVC162835A HITACHI-HD74ALVC162835A Datasheet
62Kb / 16P
   18-bit Universal Bus Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVC162835 TI-SN74ALVC162835 Datasheet
190Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com