Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PHE13003C Datasheet(PDF) 6 Page - WeEn Semiconductors

No. de pieza PHE13003C
Descripción Electrónicos  NPN power transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WEEN [WeEn Semiconductors]
Página de inicio  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

PHE13003C Datasheet(HTML) 6 Page - WeEn Semiconductors

Back Button PHE13003C Datasheet HTML 2Page - WeEn Semiconductors PHE13003C Datasheet HTML 3Page - WeEn Semiconductors PHE13003C Datasheet HTML 4Page - WeEn Semiconductors PHE13003C Datasheet HTML 5Page - WeEn Semiconductors PHE13003C Datasheet HTML 6Page - WeEn Semiconductors PHE13003C Datasheet HTML 7Page - WeEn Semiconductors PHE13003C Datasheet HTML 8Page - WeEn Semiconductors PHE13003C Datasheet HTML 9Page - WeEn Semiconductors PHE13003C Datasheet HTML 10Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
WeEn Semiconductors
PHE13003C
NPN power transistor
PHE13003C
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2016. All rights reserved
Product data sheet
13 October 2016
6 / 11
001aab987
horizontal
1 Ω
300 Ω
6 V
vertical
oscilloscope
50 V
100 Ω to 200 Ω
30 Hz to 60 Hz
Fig. 3. Test circuit for collector-emitter sustaining
voltage
001aab988
VCE (V)
min
VCEOsus
IC
(mA)
10
100
250
0
Fig. 4. Oscilloscope display for collector-emitter
sustaining voltage test waveform
001aab989
tp
RB
VIM
0
RL
DUT
VCC
T
Fig. 5. Test circuit for resistive load switching
001aab990
IC
IB
10 %
10 %
90 %
90 %
ton
toff
ts
tf
t
t
IBon
- IBoff
ICon
tr ≤ 30 ns
Fig. 6. Switching times waveforms for resistive load


Número de pieza similar - PHE13003C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
PHE13003C NXP-PHE13003C Datasheet
179Kb / 10P
   NPN power transistor
7 October 2013
PHE13003C PHILIPS-PHE13003C_15 Datasheet
179Kb / 10P
   NPN power transistor
7 October 2013
More results

Descripción similar - PHE13003C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BD131 PHILIPS-BD131 Datasheet
43Kb / 8P
   NPN power transistor
1999 Apr 12
BUJ303CD PHILIPS-BUJ303CD_15 Datasheet
205Kb / 13P
   NPN power transistor
8 November 2012
BUJ303AD PHILIPS-BUJ303AD_15 Datasheet
199Kb / 14P
   NPN power transistor
Rev. 1-2 September 2011
BUJ303A PHILIPS-BUJ303A_15 Datasheet
565Kb / 13P
   NPN power transistor
Rev. 6-8 February 2012
logo
Unisonic Technologies
2SD1782 UTC-2SD1782_15 Datasheet
125Kb / 3P
   POWER NPN TRANSISTOR
logo
TRANSYS Electronics Lim...
2N3055HV TEL-2N3055HV Datasheet
201Kb / 3P
   NPN POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6530 NJSEMI-2N6530 Datasheet
81Kb / 2P
   NPN POWER TRANSISTOR
logo
WeEn Semiconductors
BUJ302AX WEEN-BUJ302AX Datasheet
794Kb / 12P
   NPN power transistor
TB100 WEEN-TB100 Datasheet
254Kb / 10P
   NPN power transistor
logo
Unisonic Technologies
2SD1782 UTC-2SD1782 Datasheet
90Kb / 3P
   POWER NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com