Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RTQ2536-QA Datasheet(PDF) 9 Page - Richtek Technology Corporation

No. de pieza RTQ2536-QA
Descripción Electrónicos  DDR Termination Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RICHTEK [Richtek Technology Corporation]
Página de inicio  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RTQ2536-QA Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RTQ2536-QA Datasheet HTML 3Page - Richtek Technology Corporation RTQ2536-QA Datasheet HTML 4Page - Richtek Technology Corporation RTQ2536-QA Datasheet HTML 5Page - Richtek Technology Corporation RTQ2536-QA Datasheet HTML 6Page - Richtek Technology Corporation RTQ2536-QA Datasheet HTML 7Page - Richtek Technology Corporation RTQ2536-QA Datasheet HTML 8Page - Richtek Technology Corporation RTQ2536-QA Datasheet HTML 9Page - Richtek Technology Corporation RTQ2536-QA Datasheet HTML 10Page - Richtek Technology Corporation RTQ2536-QA Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
RTQ2536-QA
9
DSQ2536-QA-01 September 2018
www.richtek.com
©
Copyright 2018 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Sinking Current Limit vs. Temperature
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
VCNTL = 3.3V,
VIN = VDDQSNS = 1.5V, VOUT = 0.75V
Time (500
μs/Div)
0.75VOUT @ 1.5A Transient Response
Sink, VIN = 1.5V, COUT = 10
μF
IOUT
(1A/Div)
VOUT
(20mV/Div)
Time (500
μs/Div)
0.75VOUT @ 1.5A Transient Response
IOUT
(1A/Div)
VOUT
(20mV/Div)
Source, VIN = 1.5V, COUT = 10
μF
Time (10
μs/Div)
Power Off from S3
VCNTL = 3.3V, VIN = VDDQSNS = 1.5V,
VOUT = 0.75V, IOUT = 1.5A, COUT = 10
μF
VREFOUT
(1V/Div)
VOUT
(0.5V/Div)
IOUT
(1A/Div)
S3
(2V/Div)
Time (100
μs/Div)
Power On from S3
VREFOUT
(1V/Div)
VOUT
(0.5V/Div)
IOUT
(1A/Div)
S3
(2V/Div)
VCNTL = 3.3V, VIN = VDDQSNS = 1.5V,
VOUT = 0.75V, IOUT = 1.5A, COUT = 10
μF


Número de pieza similar - RTQ2536-QA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Richtek Technology Corp...
RTQ2531A RICHTEK-RTQ2531A Datasheet
845Kb / 17P
   500mA, 5.5V, Low Noise Low Dropout Regulator
October 2022
RTQ2531AGQW RICHTEK-RTQ2531AGQW Datasheet
845Kb / 17P
   500mA, 5.5V, Low Noise Low Dropout Regulator
October 2022
RTQ2532W RICHTEK-RTQ2532W Datasheet
447Kb / 20P
   2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2532WGQV RICHTEK-RTQ2532WGQV Datasheet
447Kb / 20P
   2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2533W RICHTEK-RTQ2533W Datasheet
511Kb / 19P
   3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
More results

Descripción similar - RTQ2536-QA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
   DDR TERMINATION REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ2995 HTC-TJ2995 Datasheet
632Kb / 9P
   DDR Termination Regulator
logo
E-Tech Electronics LTD
UR5596 ETL-UR5596 Datasheet
218Kb / 12P
   DDR TERMINATION REGULATOR
logo
Texas Instruments
LP2998 TI1-LP2998 Datasheet
2Mb / 33P
[Old version datasheet]   DDR Termination Regulator
logo
Unisonic Technologies
UR5595 UTC-UR5595 Datasheet
312Kb / 12P
   DDR TERMINATION REGULATOR
logo
Richtek Technology Corp...
RT9089A RICHTEK-RT9089A Datasheet
195Kb / 10P
   DDR Termination Regulator
logo
HTC Korea TAEJIN Techno...
TJ2997 HTC-TJ2997 Datasheet
410Kb / 13P
   DDR Termination Regulator
logo
Global Mixed-mode Techn...
G2997 GMT-G2997_15 Datasheet
148Kb / 2P
   DDR Termination Regulator
G2995 GMT-G2995_15 Datasheet
185Kb / 2P
   DDR Termination Regulator
G2993 GMT-G2993 Datasheet
232Kb / 10P
   DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com