Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S-19243XXXH Datasheet(PDF) 32 Page - ABLIC Inc.

No. de pieza S-19243XXXH
Descripción Electrónicos  AUTOMOTIVE, 105째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ABLIC [ABLIC Inc.]
Página de inicio  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-19243XXXH Datasheet(HTML) 32 Page - ABLIC Inc.

Back Button S-19243XXXH Datasheet HTML 28Page - ABLIC Inc. S-19243XXXH Datasheet HTML 29Page - ABLIC Inc. S-19243XXXH Datasheet HTML 30Page - ABLIC Inc. S-19243XXXH Datasheet HTML 31Page - ABLIC Inc. S-19243XXXH Datasheet HTML 32Page - ABLIC Inc. S-19243XXXH Datasheet HTML 33Page - ABLIC Inc. S-19243XXXH Datasheet HTML 34Page - ABLIC Inc. S-19243XXXH Datasheet HTML 35Page - ABLIC Inc. S-19243XXXH Datasheet HTML 36Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 74 page
background image
AUTOMOTIVE, 105°C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19243xxxH Series
Rev.3.2_00
32
8. 1 S-19243xxxH Series A / B / C / D type
By charging the built-in capacitor via the built-in constant current source, tSS = 1.0 ms typ. is generated.
8. 2 S-19243xxxH Series E / F / G / H type
tSS can be adjusted by the external capacitor (CSS) connected between the SSC pin and the VSS pin, and is
calculated by using the following calculation.
tSS [ms] = Soft-start coefficient
*1 [ms / nF] × CSS [nF] + tD0*2 [ms]
*1. It is determined by charging the built-in constant current (approx. 2.1
μA) to CSS.
*2. The delay time of internal capacitance.
When the CSS value is sufficiently large, the tD0 value can be disregarded. When the ON / OFF pin is set to OFF,
the electrical charge charged in CSS is discharged by the transistor of the discharge shunt circuit.
Table 30 Soft-start Coefficient [ms / nF]
Operation Temperature
Min.
Typ.
Max.
Tj =
+150°C
0.391
0.528
0.691
Tj =
+105°C
0.398
0.539
0.690
Tj =
+25°C
0.436
0.574
0.704
Tj =
−40°C
0.467
0.604
0.717
Table 31 Delay Time of Internal Capacitnace (tD0)
Operation Temperature
Min.
Typ.
Max.
Tj =
−40°C to +150°C
0.032 ms
0.047 ms
0.108 ms
Caution
The above calculation will not guarantee successful operation. Perform thorough evaluation using
the actual application including the temperature characteristics under the actual usage conditions
to determine CSS capacitance. Refer to " Condition of Application" and " Characteristics (Typical
Data)" for details.


Número de pieza similar - S-19243XXXH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ABLIC Inc.
S-19243XXXA ABLIC-S-19243XXXA Datasheet
1Mb / 74P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
More results

Descripción similar - S-19243XXXH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ABLIC Inc.
S-19253XXXH ABLIC-S-19253XXXH Datasheet
782Kb / 30P
   AUTOMOTIVE, 105째C OPERATION, 6.5 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.2_00
S-19244XXXH ABLIC-S-19244XXXH Datasheet
1Mb / 68P
   AUTOMOTIVE, 105째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19243XXXA ABLIC-S-19243XXXA Datasheet
1Mb / 74P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19252 ABLIC-S-19252 Datasheet
848Kb / 57P
   AUTOMOTIVE, 105째C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.1_00
S-19254XXXH ABLIC-S-19254XXXH Datasheet
892Kb / 32P
   AUTOMOTIVE, 105째C OPERATION, 6.5 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.2_00
S-19244XXXA ABLIC-S-19244XXXA Datasheet
1Mb / 68P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-1137 ABLIC-S-1137 Datasheet
791Kb / 47P
   5.5 V INPUT, 300 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.2.2_00
S-19251 ABLIC-S-19251 Datasheet
908Kb / 41P
   AUTOMOTIVE, 105째C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.1.1_01
S-19213 ABLIC-S-19213 Datasheet
771Kb / 46P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 500 mA VOLTAGE REGULATOR
Rev.1.1_00
S-19312 ABLIC-S-19312 Datasheet
641Kb / 38P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 400 mA VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.1_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com