Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S-19244XXXH Datasheet(PDF) 34 Page - ABLIC Inc.

No. de pieza S-19244XXXH
Descripción Electrónicos  AUTOMOTIVE, 105째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ABLIC [ABLIC Inc.]
Página de inicio  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-19244XXXH Datasheet(HTML) 34 Page - ABLIC Inc.

Back Button S-19244XXXH Datasheet HTML 30Page - ABLIC Inc. S-19244XXXH Datasheet HTML 31Page - ABLIC Inc. S-19244XXXH Datasheet HTML 32Page - ABLIC Inc. S-19244XXXH Datasheet HTML 33Page - ABLIC Inc. S-19244XXXH Datasheet HTML 34Page - ABLIC Inc. S-19244XXXH Datasheet HTML 35Page - ABLIC Inc. S-19244XXXH Datasheet HTML 36Page - ABLIC Inc. S-19244XXXH Datasheet HTML 37Page - ABLIC Inc. S-19244XXXH Datasheet HTML 38Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 68 page
background image
AUTOMOTIVE, 105°C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19244xxxH Series
Rev.3.2_00
34
Characteristics (Typical Data)
1. Output voltage vs. Output current (When load current increases) (Ta =
+25°C)
1. 1 VOUT = 1.0 V
1. 2 VOUT = 3.0 V
250 500 750 1000 1250 1500 1750 2000
0
0.6
0.2
0.8
0.4
0.0
1.0
1.2
IOUT [mA]
VIN = 2.5 V
VIN = 3.0 V
250 500 750 1000 1250 1500 1750 2000
0
IOUT [mA]
1.8
0.6
2.4
1.2
0.0
3.0
3.6
VIN = 3.5 V
VIN = 4.0 V
VIN = 5.0 V
1. 3 VOUT = 6.0 V
250 500 750 1000 1250 1500 1750 2000
0
IOUT [mA]
3.6
1.2
4.8
2.4
0.0
6.0
7.2
VIN = 6.5 V
VIN = 7.0 V
VIN = 8.0 V
Remark In determining the output current, attention should be paid to the following.
1. The minimum output current value and footnote *5 of Table 23 and Table 24 in " Electrical Characteristics"
2. Power dissipation
2. Output voltage vs. Input voltage (Ta =
+25°C)
2. 1 VOUT = 1.0 V
2. 2 VOUT = 3.0 V
10
0
VIN [V]
9
8
7
6
5
4
3
2
1
0.8
0.6
0.9
0.7
0.5
1.0
1.1
IOUT = 1 mA
IOUT = 50 mA
IOUT = 100 mA
10
VIN [V]
9
8
7
6
5
4
3
2
2.8
2.6
2.9
2.7
2.5
3.0
3.1
IOUT = 1 mA
IOUT = 50 mA
IOUT = 100 mA
2. 3 VOUT = 6.0 V
10.0
5.0
VIN [V]
9.5
9.0
8.5
8.0
7.5
7.0
6.5
6.0
5.5
5.8
5.6
5.9
5.7
5.5
6.0
6.1
IOUT = 1 mA
IOUT = 50 mA
IOUT = 100 mA


Número de pieza similar - S-19244XXXH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ABLIC Inc.
S-19244XXXA ABLIC-S-19244XXXA Datasheet
1Mb / 68P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
More results

Descripción similar - S-19244XXXH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ABLIC Inc.
S-19254XXXH ABLIC-S-19254XXXH Datasheet
892Kb / 32P
   AUTOMOTIVE, 105째C OPERATION, 6.5 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.2_00
S-19243XXXH ABLIC-S-19243XXXH Datasheet
1Mb / 74P
   AUTOMOTIVE, 105째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19244XXXA ABLIC-S-19244XXXA Datasheet
1Mb / 68P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19253XXXH ABLIC-S-19253XXXH Datasheet
782Kb / 30P
   AUTOMOTIVE, 105째C OPERATION, 6.5 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.2_00
S-19252 ABLIC-S-19252 Datasheet
848Kb / 57P
   AUTOMOTIVE, 105째C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.1_00
S-19243XXXA ABLIC-S-19243XXXA Datasheet
1Mb / 74P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-1137 ABLIC-S-1137 Datasheet
791Kb / 47P
   5.5 V INPUT, 300 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.2.2_00
S-19251 ABLIC-S-19251 Datasheet
908Kb / 41P
   AUTOMOTIVE, 105째C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.1.1_01
S-19214 ABLIC-S-19214 Datasheet
811Kb / 46P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 1000 mA VOLTAGE REGULATOR
Rev.1.1_00
S-19312 ABLIC-S-19312 Datasheet
641Kb / 38P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 400 mA VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.1_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com