Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC1066 Datasheet(PDF) 11 Page - ON Semiconductor

No. de pieza MC1066
Descripción Electrónicos  ACPI-Compliant SMBus Temperature Sensor with Internal and External Diode Input
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1066 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button MC1066 Datasheet HTML 7Page - ON Semiconductor MC1066 Datasheet HTML 8Page - ON Semiconductor MC1066 Datasheet HTML 9Page - ON Semiconductor MC1066 Datasheet HTML 10Page - ON Semiconductor MC1066 Datasheet HTML 11Page - ON Semiconductor MC1066 Datasheet HTML 12Page - ON Semiconductor MC1066 Datasheet HTML 13Page - ON Semiconductor MC1066 Datasheet HTML 14Page - ON Semiconductor MC1066 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MC1066
http://onsemi.com
11
REGISTER SET AND PROGRAMMER’S MODEL
MC1066 Command Set
The MC1066 supports four SMBus command protocols.
These are READ_BYTE, WRITE_BYTE, SEND_BYTE,
and RECEIVE_BYTE. See System Management Bus
Specification Rev. 1.0 for details.
Configuration Register (Config), 8–Bits,
Read/Write
Configuration Register (Config)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
Mask1
Chip Stop
Reserved
Bit
POR State
Function
Operation
D[7]
0
Interrupt
Mask
(see text)
1 = mask ALERT/
COMP
0 = don’t mask
ALERT/COMP
D[6]
0
Standby
switch
1 = standby,
0 = normal
D[5]—D[0]
0
Reserved —
Always re-
turns zero
when read.
N/A
A/D Conversion Rate Register (CONV_RATE),
8–Bits, Read/Write
A/D Conversion Rate Register (CONV_RATE)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
Reserved
MSB
X
LSB
Bit
POR State
Function
Operation
D[7:3]
0
Reserved — Always
returns zero when
read.
N/A
D[2:0]
010b
Conversion rate bits.
See below.
A/D Conversion Rate Selection
D2
D1
D0
Conversion Rate Samples/sec
0
0
0
0.0625
0
0
1
0.125
0
1
0
0.25
0
1
1
0.5
1
0
0
1.0
1
0
1
2.0
1
1
0
4.0
1
1
1
8.0
NOTE: Conversion rate denotes actual sampling of both internal
and external sensors.
Temperature Registers, 8–Bits, Read–Only
(INT_TEMP, EXT_TEMP)
The binary value (2’s complement format) in these two
registers represents temperature of the internal and external
sensors following a conversion cycle. The registers are
automatically updated in an alternating manner.
Internal Temperature Register (INT_TEMP)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
MSB
x
x
x
x
x
x
LSB
External Temperature Register (EXT_TEMP)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
MSB
x
x
x
x
x
x
LSB
Temperature Threshold Setpoint Registers,
8–Bits, Read–Write (INT_HLIM, INT_LLIM,
EXT_HLIM, EXT_LLIM)
These registers store the values of the upper and lower
temperature setpoints for event detection. The value is in
2’s–complement binary. INT_HLIM and INT_LLIM are
compared with the INT_TEMP value, and EXT_HLIM and
EXT_LLIM are compared with EXT_TEMP. These
registers may be written at any time.
Internal High Limit Setpoint Register (INT_HLIM)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
MSB
x
x
x
x
x
x
LSB
Internal Low Limit Setpoint Register (INT_LLIM)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
MSB
x
x
x
x
x
x
LS
External High Limit Setpoint Register (EXT_HLIM)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
MSB
x
x
x
x
x
x
LSB
External Low Limit Setpoint Register (EXT_LLIM)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
MSB
x
x
x
x
x
x
LSB
NOTE: POR states:
INT_HLIM
01111111b
+127
°C
INT_LLIM
11001001b
—55
°C
EXT_HLIM
01111111b
+127
°C
EXT_LLIM
11001001b
—55
°C


Número de pieza similar - MC1066

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10-100ELT22 ONSEMI-MC10-100ELT22 Datasheet
57Kb / 8P
   5VDual TTL to Differential PECL Translator
October, 2000 ??Rev. 4
logo
3M Electronics
MC100 3M-MC100 Datasheet
129Kb / 4P
   3M Scotch-Weld Metal Instant Adhesive MC100
logo
Lumberg
MC100-508 LUMBERG-MC100-508 Datasheet
99Kb / 1P
   Steckbare Anschlussklemmen, Raster 5,08 mm
MC100-508 LUMBERG-MC100-508 Datasheet
794Kb / 3P
   Pluggable terminal blocks on pin headers, pitch 5.08 mm
MC100-50802 LUMBERG-MC100-50802 Datasheet
99Kb / 1P
   Steckbare Anschlussklemmen, Raster 5,08 mm
More results

Descripción similar - MC1066

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MAX1617 ONSEMI-MAX1617 Datasheet
176Kb / 12P
   SMBus Temperature Sensor with Internal and External Diode Input
February, 2000 ??Rev. 0
logo
Microchip Technology
TCM1617 MICROCHIP-TCM1617 Datasheet
74Kb / 14P
   SMBus Thermal Sensor with External Diode Input
2001
logo
National Semiconductor ...
LM95214 NSC-LM95214 Datasheet
794Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface
logo
Texas Instruments
LM95214 TI-LM95214_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad Remote Diode and Local Temperature Sensor with SMBus Interface
LM95235 TI-LM95235_15 Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95235 NSC-LM95235 Datasheet
797Kb / 25P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95235 NSC-LM95235_08 Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
Texas Instruments
LM95234 TI-LM95234_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95233 TI-LM95233_15 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95234 NSC-LM95234 Datasheet
508Kb / 5P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com