Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74AUP1G125DBVT Datasheet(PDF) 8 Page - Texas Instruments |
|
|
SN74AUP1G125DBVT Datasheet(HTML) 8 Page - Texas Instruments |
8 / 15 page www.ti.com PARAMETER MEASUREMENT INFORMATION VM From Output Under Test CL (see Note A) LOAD CIRCUIT 1 M Ω VOLTAGE WAVEFORMS PROPAGATION DELAY TIMES INVERTING AND NONINVERTING OUTPUTS tPLH tPHL tPHL tPLH VOH VOH VOL VOL VI 0 V Input Output Output NOTES: A. CL includes probe and jig capacitance. B. All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50 Ω, tr/tf = 3 ns. C. The outputs are measured one at a time, with one transition per measurement. D. tPLH and tPHL are the same as tpd. E. All parameters and waveforms are not applicable to all devices. VM VM VM VM VM 5, 10, 15, 30 pF VCC/2 VCC VCC = 1.2 V ± 0.1 V VCC = 0.8 V VCC = 1.5 V ± 0.1 V VCC = 1.8 V ± 0.15 V VCC = 2.5 V ± 0.2 V VCC = 3.3 V ± 0.3 V 5, 10, 15, 30 pF VCC/2 VCC 5, 10, 15, 30 pF VCC/2 VCC 5, 10, 15, 30 pF VCC/2 VCC CL VM VI 5, 10, 15, 30 pF VCC/2 VCC 5, 10, 15, 30 pF VCC/2 VCC th tsu Data Input Timing Input VCC 0 V VCC 0 V 0 V tw Input VOLTAGE WAVEFORMS SETUP AND HOLD TIMES VOLTAGE WAVEFORMS PULSE DURATION VCC/2 VCC/2 VCC/2 VCC/2 VCC VCC/2 SN74AUP1G125 LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT SCES595E – JULY 2004 – REVISED JULY 2005 (Propagation Delays, Setup and Hold Times, and Pulse Duration) Figure 3. Load Circuit and Voltage Waveforms 8 |
Número de pieza similar - SN74AUP1G125DBVT |
|
Descripción similar - SN74AUP1G125DBVT |