Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC100E107 Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza MC100E107
Descripción Electrónicos  QUINT 2-INPUT XOR/XNOR GATE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E107 Datasheet(HTML) 1 Page - ON Semiconductor

  MC100E107 Datasheet HTML 1Page - ON Semiconductor MC100E107 Datasheet HTML 2Page - ON Semiconductor MC100E107 Datasheet HTML 3Page - ON Semiconductor MC100E107 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LOGIC DIAGRAM
D3b
D2a
D2b
VEE
D1a
D1b
D0a
26
27
28
2
3
4
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
5
6
7
8
9
10
D3a
D4b
D4a
NC
VCCO
F
F
Q4
Q4
VCC
Q3
Q3
Q2
Q2
D0b VCCO Q0
Q0
Q1
Q1 VCCO
D0a
D0b
D1a
D1b
D2a
D2b
D3a
D3b
D4a
D4b
F
F
Q0
Q0
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
1
Pinout: 28-Lead PLCC (Top View)
* All VCC and VCCO pins are tied together on the die.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
2–1
REV 2
© Motorola, Inc. 1996
12/93
Quint 2Input XOR/XNOR Gate
The MC10E/100E107 is a quint 2-input XOR/XNOR gate. The function
output F is the OR of all five XOR outputs, while F is the NOR. The Q
outputs need not be terminated if only the F outputs are to be used.
600ps Max. Propagation Delay
OR/NOR Function Outputs
Extended 100E VEE Range of – 4.2V to – 5.46V
75kΩ Input Pulldown Resistors
PIN NAMES
Pin
Function
D0a – D4b
Data Inputs
Q0 – Q4
XOR Outputs
Q0 – Q4
XNOR Outputs
F
OR Output
F
NOR Output
FUNCTION OUTPUTS
F = (D0a ⊕ D0b) + (D1a ⊕ D1b) (D2a ⊕ D2b) +
(D3a ⊕ D3b) + (D4a ⊕ D4b)
MC10E107
MC100E107
QUINT 2-INPUT
XOR/XNOR GATE
FN SUFFIX
PLASTIC PACKAGE
CASE 776-02


Número de pieza similar - MC100E107

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100E107 ONSEMI-MC100E107 Datasheet
127Kb / 8P
   5V ECL Quint 2-Input XOR/XNOR Gate
November, 2006 ??Rev. 7
MC100E107FN ONSEMI-MC100E107FN Datasheet
127Kb / 8P
   5V ECL Quint 2-Input XOR/XNOR Gate
November, 2006 ??Rev. 7
MC100E107FNG ONSEMI-MC100E107FNG Datasheet
127Kb / 8P
   5V ECL Quint 2-Input XOR/XNOR Gate
November, 2006 ??Rev. 7
MC100E107FNR2 ONSEMI-MC100E107FNR2 Datasheet
127Kb / 8P
   5V ECL Quint 2-Input XOR/XNOR Gate
November, 2006 ??Rev. 7
MC100E107FNR2G ONSEMI-MC100E107FNR2G Datasheet
127Kb / 8P
   5V ECL Quint 2-Input XOR/XNOR Gate
November, 2006 ??Rev. 7
More results

Descripción similar - MC100E107

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micrel Semiconductor
SY10E107 MICREL-SY10E107 Datasheet
70Kb / 4P
   QUINT 2-INPUT XOR/XNOR GATE
SY10E107 MICREL-SY10E107_06 Datasheet
61Kb / 4P
   QUINT 2-INPUT XOR/XNOR GATE
logo
ON Semiconductor
MC10E107 ONSEMI-MC10E107_06 Datasheet
127Kb / 8P
   5V ECL Quint 2-Input XOR/XNOR Gate
November, 2006 ??Rev. 7
logo
Semtech Corporation
SK10EL07U SEMTECH-SK10EL07U Datasheet
110Kb / 4P
   2-Input XOR/XNOR
logo
Micrel Semiconductor
SY10EL07 MICREL-SY10EL07 Datasheet
47Kb / 4P
   2-INPUT XOR/XNOR
logo
ON Semiconductor
MC10EL07 ONSEMI-MC10EL07 Datasheet
71Kb / 2P
   2-Input XOR/XNOR
1996 REV 2
logo
Micrel Semiconductor
SY10EL07 MICREL-SY10EL07_06 Datasheet
49Kb / 4P
   2-INPUT XOR/XNOR
logo
ON Semiconductor
MC10EP08 ONSEMI-MC10EP08 Datasheet
75Kb / 8P
   Differential 2-Input XOR/XNOR
April, 2001 ??Rev. 3
logo
List of Unclassifed Man...
AZ10EL07 ETC1-AZ10EL07 Datasheet
135Kb / 6P
   ECL/PECL 2-Input XOR/XNOR
logo
ON Semiconductor
MC10EP08 ONSEMI-MC10EP08_16 Datasheet
178Kb / 10P
   ECL 2-Input Differential XOR/XNOR
August, 2016 ??Rev. 7
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com