Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC74VCXH16646FT Datasheet(PDF) 8 Page - Toshiba Semiconductor

No. de pieza TC74VCXH16646FT
Descripción Electrónicos  Low-Voltage 16-Bit Bus Transceiver/Register with Bushold
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCXH16646FT Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TC74VCXH16646FT Datasheet HTML 4Page - Toshiba Semiconductor TC74VCXH16646FT Datasheet HTML 5Page - Toshiba Semiconductor TC74VCXH16646FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VCXH16646FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VCXH16646FT Datasheet HTML 8Page - Toshiba Semiconductor TC74VCXH16646FT Datasheet HTML 9Page - Toshiba Semiconductor TC74VCXH16646FT Datasheet HTML 10Page - Toshiba Semiconductor TC74VCXH16646FT Datasheet HTML 11Page - Toshiba Semiconductor TC74VCXH16646FT Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
TC74VCXH16646FT
2001-10-16
8
DC Characteristics (Ta
==== ----40 to 85°C, 2.3 V <<<<==== VCC <<<<==== 2.7 V)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
H-level
VIH
¾
2.3 to 2.7
1.6
¾
Input voltage
L-level
VIL
¾
2.3 to 2.7
¾
0.7
V
IOH = -100 mA
2.3 to 2.7
VCC
- 0.2
¾
IOH = -6 mA
2.3
2.0
¾
IOH = -12 mA
2.3
1.8
¾
H-level
VOH
VIN = VIH or VIL
IOH = -18 mA
2.3
1.7
¾
IOL = 100 mA
2.3 to 2.7
¾
0.2
IOL = 12 mA
2.3
¾
0.4
Output voltage
L-level
VOL
VIN = VIH or VIL
IOL = 18 mA
2.3
¾
0.6
V
Input leakage current
(DIR, OE , CAB, CBA, SAB, SBA)
IIN
VIN = 0 to 3.6 V
2.3 to 2.7
¾
±5.0
mA
VIN = 0.7 V
2.3
45
¾
Bushold input minimum drive hold
current
II (HOLD)
VIN = 1.6 V
2.3
-45
¾
mA
(Note 13)
2.7
¾
300
Bushold input over-drive current to
change state
II (OD)
(Note 14)
2.7
¾
-300
mA
3-state output OFF state current
IOZ
VIN = VIH or VIL
VOUT = VCC or GND
2.3 to 2.7
¾
±10.0
mA
Quiescent supply current
ICC
VIN = VCC or GND
2.3 to 2.7
¾
20.0
mA
Note 13: An external driver must source at least the specified current to switch from LOW-to-HIGH.
Note 14: An external driver must sink at least the specified current to switch from HIGH-to-LOW.


Número de pieza similar - TC74VCXH16646FT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74VCXH16646FT TOSHIBA-TC74VCXH16646FT Datasheet
239Kb / 15P
   Low-Voltage 16-Bit Bus Transceiver/Register with Bushold
TC74VCXH16646FT TOSHIBA-TC74VCXH16646FT_07 Datasheet
239Kb / 15P
   Low-Voltage 16-Bit Bus Transceiver/Register with Bushold
More results

Descripción similar - TC74VCXH16646FT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74VCXH16652FT TOSHIBA-TC74VCXH16652FT Datasheet
238Kb / 15P
   Low-Voltage 16-Bit Bus Transceiver/Register with Bushold
TC74VCXH16646FT TOSHIBA-TC74VCXH16646FT_07 Datasheet
239Kb / 15P
   Low-Voltage 16-Bit Bus Transceiver/Register with Bushold
TC74VCXHR162652FT TOSHIBA-TC74VCXHR162652FT Datasheet
245Kb / 15P
   Low-Voltage 16-Bit Bus Transceiver/Register with Bushold
TC74VCXHR162245FT TOSHIBA-TC74VCXHR162245FT Datasheet
165Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
TC74VCXHR162245FT TOSHIBA-TC74VCXHR162245FT_07 Datasheet
199Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
TC74VCXH16245FT TOSHIBA-TC74VCXH16245FT Datasheet
190Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
TC74VCXH16244FT TOSHIBA-TC74VCXH16244FT_07 Datasheet
205Kb / 12P
   Low-Voltage 16-Bit Bus Buffer with Bushold
TC74VCXH162244FT TOSHIBA-TC74VCXH162244FT Datasheet
211Kb / 12P
   Low-Voltage 16-Bit Bus Buffer with Bushold
logo
Fairchild Semiconductor
74LCXH16245 FAIRCHILD-74LCXH16245 Datasheet
93Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
74LCXH16245 FAIRCHILD-74LCXH16245_05 Datasheet
98Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com