Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD1010D-1199-B Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

No. de pieza SD1010D-1199-B
Descripción Electrónicos  Digital Interface VGA TFT LCD Display Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

SD1010D-1199-B Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SD1010D-1199-B Datasheet HTML 5Page - List of Unclassifed Manufacturers SD1010D-1199-B Datasheet HTML 6Page - List of Unclassifed Manufacturers SD1010D-1199-B Datasheet HTML 7Page - List of Unclassifed Manufacturers SD1010D-1199-B Datasheet HTML 8Page - List of Unclassifed Manufacturers SD1010D-1199-B Datasheet HTML 9Page - List of Unclassifed Manufacturers SD1010D-1199-B Datasheet HTML 10Page - List of Unclassifed Manufacturers SD1010D-1199-B Datasheet HTML 11Page - List of Unclassifed Manufacturers SD1010D-1199-B Datasheet HTML 12Page - List of Unclassifed Manufacturers SD1010D-1199-B Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
525 Race Street, Suite 250, San Jose, CA 95126, USA.
Main: (408) 283-5098 Fax: (408) 283-5099
Table 2: SD1010 pin description (sorted by function)
Symbol
PIN Number
I/O
Description
R_IN00
90
I
Channel A Data Input Color Red (LSB)
R_IN01
91
I
Channel A Data Input Color Red
R_IN02
92
I
Channel A Data Input Color Red
R_IN03
93
I
Channel A Data Input Color Red
R_IN04
95
I
Channel A Data Input Color Red
R_IN05
96
I
Channel A Data Input Color Red
R_IN06
97
I
Channel A Data Input Color Red
R_IN07
98
I
Channel A Data Input Color Red (MSB)
G_IN00
102
I
Channel A Data Input Color Green (LSB)
G_IN01
103
I
Channel A Data Input Color Green
G_IN02
104
I
Channel A Data Input Color Green
G_IN03
105
I
Channel A Data Input Color Green
G_IN04
107
I
Channel A Data Input Color Green
G_IN05
108
I
Channel A Data Input Color Green
G_IN06
110
I
Channel A Data Input Color Green
G_IN07
111
I
Channel A Data Input Color Green (MSB)
B_IN00
115
I
Channel A Data Input Color Blue (LSB)
B_IN01
116
I
Channel A Data Input Color Blue
B_IN02
117
I
Channel A Data Input Color Blue
B_IN03
119
I
Channel A Data Input Color Blue
B_IN04
120
I
Channel A Data Input Color Blue
B_IN05
121
I
Channel A Data Input Color Blue
B_IN06
122
I
Channel A Data Input Color Blue
B_IN07
123
I
Channel A Data Input Color Blue (MSB)
HSYNC_I
125
I
Input HSYNC (any polarity)
VSYNC_I
126
I
Input VSYNC (any polarity)
DE_IN
127
I
DE input for digital interface
ADC_CLK0
109
O
Sample Clock for ADC 0 (not used)
R_OUT0_E
27
O
Output Color Red Even Pixel (left pixel)
R_OUT1_E
28
O
Output Color Red Even Pixel (left pixel)
R_OUT2_E
29
O
Output Color Red Even Pixel (left pixel)
R_OUT3_E
30
O
Output Color Red Even Pixel (left pixel)
R_OUT4_E
32
O
Output Color Red Even Pixel (left pixel)
R_OUT5_E
33
O
Output Color Red Even Pixel (left pixel)
R_OUT6_E
34
O
Output Color Red Even Pixel (left pixel)
R_OUT7_E
35
O
Output Color Red Even Pixel (left pixel)
R_OUT0_O
37
O
Output Color Red Odd Pixel (right pixel)
R_OUT1_O
38
O
Output Color Red Odd Pixel (right pixel)
R_OUT2_O
39
O
Output Color Red Odd Pixel (right pixel)
R_OUT3_O
40
O
Output Color Red Odd Pixel (right pixel)
R_OUT4_O
42
O
Output Color Red Odd Pixel (right pixel)
R_OUT5_O
43
O
Output Color Red Odd Pixel (right pixel)
R_OUT6_O
44
O
Output Color Red Odd Pixel (right pixel)
R_OUT7_O
45
O
Output Color Red Odd Pixel (right pixel)
G_OUT0_E
47
O
Output Color Green Even Pixel (left pixel)
G_OUT1_E
48
O
Output Color Green Even Pixel (left pixel)
G_OUT2_E
49
O
Output Color Green Even Pixel (left pixel)
G_OUT3_E
50
O
Output Color Green Even Pixel (left pixel)


Número de pieza similar - SD1010D-1199-B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Dc Components
SD1010D DCCOM-SD1010D Datasheet
288Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODE VOLTAGE RANGE - 20 to 100 Volts
More results

Descripción similar - SD1010D-1199-B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SD1210 ETC-SD1210 Datasheet
322Kb / 46P
   Dual-Interface SXGA TFT LCD Display Controller
SD1010 ETC-SD1010 Datasheet
319Kb / 46P
   Dual-Interface XGA TFT LCD Display Controller
SD1010A ETC1-SD1010A Datasheet
322Kb / 45P
   Analog-Interface XGA TFT LCD Display Controller
SD1200 ETC-SD1200 Datasheet
245Kb / 35P
   Analog-Interface XGA/SXGA TFT LCD Display Controller
logo
Hantronix,Inc
HDA570V-GHL HANTRONIX-HDA570V-GHL_15 Datasheet
659Kb / 19P
   VGA(640X480) TFT COLOR GRAPHICS LCD DISPLAY MODULE
HDA570VT-G HANTRONIX-HDA570VT-G Datasheet
1,006Kb / 17P
   VGA(640X480) , TFT COLOR GRAPHICS LCD DISPLAY MODULE
HDA570V-G HANTRONIX-HDA570V-G Datasheet
782Kb / 17P
   VGA(640X480) , TFT COLOR GRAPHICS LCD DISPLAY MODULE
logo
NXP Semiconductors
LC201V02-A3 PHILIPS-LC201V02-A3 Datasheet
456Kb / 26P
   20.1 VGA TFT LCD
Jan. 17, 2003
logo
List of Unclassifed Man...
GM3110 ETC-GM3110 Datasheet
139Kb / 2P
   Digital-Interface XGA LCD Controller
logo
National Semiconductor ...
FPD80200 NSC-FPD80200 Datasheet
169Kb / 2P
   LCD TV TFT-LCD Timing Controller with PPDS??Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com