Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HMD815D-HYB1850 Datasheet(PDF) 1 Page - Soshin electric Co., Ltd.

No. de pieza HMD815D-HYB1850
Descripción Electrónicos  3dB 90deg hybrid for 1450-2000MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SOSHIN [Soshin electric Co., Ltd.]
Página de inicio  http://www.soshin-ele.com/
Logo SOSHIN - Soshin electric Co., Ltd.

HMD815D-HYB1850 Datasheet(HTML) 1 Page - Soshin electric Co., Ltd.

  HMD815D-HYB1850 Datasheet HTML 1Page - Soshin electric Co., Ltd. HMD815D-HYB1850 Datasheet HTML 2Page - Soshin electric Co., Ltd. HMD815D-HYB1850 Datasheet HTML 3Page - Soshin electric Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1. Type No.
HMD815D-HYB1850
2. Dimension (Unit : mm)
j
k
l
m
n
o
a
b
c
d
e
3. Electrical characteristics
Unit
Frequency range
MHz
Nominal impedance
ohm
Insertion Loss at 25degC.
dB
Return Loss
dB
Isolation
dB
Amplitude balance
dB
Phase balance
deg
4. Note
4.1 Operating Temperature Range
: -40 to +105 deg.C
4.2 Storage Temperature Range
: -40 to +85 deg.C (goods alone)
: -20 to +35 deg.C (In a Taping Package)
4.3 Power Capacity
: 3W max.
4.4 Minimum Ordering Quantity
: 2,000 pcs (per reel, per bag)
22 Min.
0.7 Max.
90 +/- 4
Specification
21 Min.
90 +/- 4
50
1700-2000
1550-1700
50
Remark
Pass band
0.7 Max.
22 Min.
0.4 Max.
1450-1550
50
0.3 Max.
21 Min.
0.4 Max.
GND
Coupled
Terminal Dimensions
 0.15typ.
 0.20typ.
 0.30 +/- 0.15
Control No. : ARP-481500-E 1
Issued on February 28, 2017
Product Information
Terminal
Input
Y.Mizutani
Approved by
Raised by
H.Isono
Confirmed by
A.Mizuma
GND
Isolation
 0.35 +/- 0.15
21 Min.
24 Min.
0.7 Max.
90 +/- 4
 0.65 +/- 0.15
Direct
SOSHIN ELECTRIC CO., LTD
Application : 3dB 90deg hybrid for 1450-2000MHz
RoHS Compliant Parts
(Top view)
(Side view)
(Bottom view)
Mark
m
2.00 +/- 0.2
o
n
j
l
k
1.25 +/- 0.2
a
c
b
e
d
0.70 +/- 0.1
15


Número de pieza similar - HMD815D-HYB1850

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Soshin electric Co., Lt...
HMD815D-HYB1850 SOSHIN-HMD815D-HYB1850 Datasheet
179Kb / 3P
   3dB 90deg hybrid for 1450-2000MHz
More results

Descripción similar - HMD815D-HYB1850

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Soshin electric Co., Lt...
ARP-481500-E1 SOSHIN-ARP-481500-E1 Datasheet
179Kb / 3P
   3dB 90deg hybrid for 1450-2000MHz
ARP-481300-D1 SOSHIN-ARP-481300-D1 Datasheet
191Kb / 3P
   3dB 90deg hybrid for 2500MHz
ARP-481400-G1 SOSHIN-ARP-481400-G1 Datasheet
262Kb / 3P
   3dB 90deg hybrid for 2150MHz
HMD812D-HYB0850 SOSHIN-HMD812D-HYB0850 Datasheet
192Kb / 3P
   3dB 90deg hybrid for 850MHz
ARP-481200-E1 SOSHIN-ARP-481200-E1 Datasheet
192Kb / 3P
   3dB 90deg hybrid for 850MHz
HMD814D-HYB2150 SOSHIN-HMD814D-HYB2150 Datasheet
262Kb / 3P
   3dB 90deg hybrid for 2150MHz
HMD813D-HYB2500 SOSHIN-HMD813D-HYB2500 Datasheet
191Kb / 3P
   3dB 90deg hybrid for 2500MHz
HMD2720A-HYB4500 SOSHIN-HMD2720A-HYB4500 Datasheet
574Kb / 6P
   3dB 90deg Hybrid Coupler for 4100-4800MHz
HGC5022-HYB2000S SOSHIN-HGC5022-HYB2000S Datasheet
20Kb / 1P
   2000MHz Band 90deg Chip Hybrid Coupler
HMD2721A-HYB1500 SOSHIN-HMD2721A-HYB1500 Datasheet
577Kb / 6P
   3dB 90deg Hybrid Coupler for 1200-1700MHz
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com